Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UKL0J471MHD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UKL0J471MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UKL0J471MHD Datasheet(HTML) 2 Page - Nichicon corporation

  UKL0J471MHD Datasheet HTML 1Page - Nichicon corporation UKL0J471MHD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KL
series
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
V
Code
Cap.(µF)
Rated Ripple (mArms) at 85°C 120Hz
Rated Ripple (mA rms) of 105°C product : 70 percent value of rated ripple of 85°C product at 105°C 120Hz
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1000
1500
2200
3300
4700
6800
10000
6.3
0J
10
× 12.5
10
× 16
10
× 20
12.5
× 25
12.5
× 25
16
× 25
16
× 31.5
18
× 35.5
18
× 40
390
480
650
910
1060
1270
1500
1760
1900
10
1A
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 31.5
16
× 35.5
18
× 35.5
110
150
180
250
310
400
530
600
810
1020
1200
1420
1650
1890
16
1C
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 25
16
× 35.5
18
× 35.5
55
70
85
100
140
160
230
280
370
420
550
730
910
1150
1300
1550
1820
25
1E
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 31.5
16
× 35.5
18
× 40
45
55
70
85
100
140
170
230
280
370
400
490
660
810
1010
1270
1440
1720
4R7
6R8
100
150
220
330
470
680
101
151
221
331
471
681
102
152
222
332
472
682
103
V
Code
Cap.(µF)
0.1
0.15
0.22
0.33
0.47
0.68
1
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1000
1500
2200
35
1V
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 25
16
× 35.5
18
× 35.5
85
110
140
190
230
300
400
440
550
680
840
1100
1390
1580
50
1H
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 20
12.5
× 20
16
× 25
16
× 25
16
× 31.5
18
× 40
1.1
1.6
2.3
3.5
5.0
7.3
10.7
16
23
40
45
55
70
95
110
165
190
250
320
420
490
600
760
910
1140
1480
63
1J
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 31.5
18
× 35.5
59
75
100
115
170
200
270
330
450
550
710
850
1050
1330
100
2A
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 16
10
× 20
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 31.5
18
× 35.5
Case size
φ D × L (mm)
2.1
3.2
4.7
7.0
10.1
14.5
19
23
28
45
50
65
90
110
136
180
220
290
370
470
580
730
910
Rated
ripple
0R1
R15
R22
R33
R47
R68
010
1R5
2R2
3R3
4R7
6R8
100
150
220
330
470
680
101
151
221
331
471
681
102
152
222
CAT.8100V-1


Similar Part No. - UKL0J471MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UKL0J471MPD NICHICON-UKL0J471MPD Datasheet
74Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UKL0J471MHD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com