Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UKL1A471MHD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UKL1A471MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UKL1A471MHD Datasheet(HTML) 1 Page - Nichicon corporation

  UKL1A471MHD Datasheet HTML 1Page - Nichicon corporation UKL1A471MHD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
KL
series
Low Leakage Current
Standard low leakage current series.
Adapted to the RoHS directive (2002/95/EC).
Radial Lead Type
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
stability at Low Temperature
Endurance
Performance
Characteristics
Item
– 40 ~ +85°C (
– 40 ~ +105°C product also available upon request, but product rated at up to 50V less than or equal to
φ10 × 12.5 Lmm)
6.3 ~ 100V
0.1 ~ 10000µF
± 20% (M), ± 10% (K) at 120Hz 20°C
After 1 minute's (for case size 10
× 12.5 or smaller) or 2 minute's (for case size 10 × 16 or larger) application of rated voltage,
leakage current is not more than 0.002CV or 0.2 (µA) whichever is greater.
120Hz, 20°C
120Hz
Values in (
) applicable to
φ10 × 16 or larger case size.
Capacitance change
Leakage current
After 2000 hours' application of rated voltage
at 85°C, or 1000 hours' at 105°C, capacitors
meet the characteristics requirements listed
at right.
Shelf Life
After storing the capacitors under no load at 85˚C for 1000 hours, and after performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Marking
Printed with white color letter on black sleeve.
tan
δ
Within ±15% of initial value (6.3V : Within ±20%)
Initial specified value or less
150% or less of initial specified value
Type numbering system (Example : 10V 47µF)
KL
VR
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
6.3
3 (4)
5 (8)
10
2 (3)
4 (6)
16
2
3 (4)
25
1.5
2 (4)
35
1.5
2 (3)
50
1.5
2 (3)
63
1.5
2 (3)
100
1.5
2 (3)
U
1
K
2
L
3
1
4
A
5
4
6
7
7
0
8
M
9
D
10
D
11
Configuration
Capacitance tolerance
(M :
±20%, K : ±10%)
Rated Capacitance (47
µF)
Rated voltage (10V)
Series name
Type
A
12
N
13
A
14
In case 105
°C unit is required
φ D
5
Pb-free leadwire
Pb-free PET sleeve
DD
6.3
ED
8 · 10
PD
12.5 ~ 18
HD
Configuration
2
2
1
1
Pressure
relief vent
φD
P
5
2.0
6.3
2.5
8
3.5
10
5.0
12.5
5.0
16
7.5
18
7.5
φd
0.5
0.5
0.6
0.6
0.6
0.8
0.8
(~
φ10 × 12.5) 1.0
(
φ10 × 16 ~) 1.5
L+ MAX.
(
φ6.3up )
15MIN
4MIN
φd
(mm)
Sleeve (P.E.T.)
Dimension table in next page.
For capacitance of more than 1000µF, add 0.02 for every increace of 1000µF.
~
φ10 × 12.5
φ10 × 16 ~
Rated voltage (V)
tan
δ (MAX.)
6.3
0.18
0.21
10
0.15
0.17
16
0.12
0.14
25
0.08
0.12
35
0.08
0.12
50
0.08
0.10
63
0.07
0.08
100
0.07
0.08
Low Leakage
Current
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Frequency coefficient of rated ripple current
Frequency
Cap.(µF)
~68
100 ~ 680
1000 ~ 10000
50Hz
0.75
0.80
0.85
120Hz
1.00
1.00
1.00
300Hz
1.35
1.23
1.10
1kHz
1.57
1.34
1.13
10kHz ~
2.00
1.50
1.15
• Please refer to page 21 about the end seal configulation.
CAT.8100V-1


Similar Part No. - UKL1A471MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UKL1A470KDDANA NICHICON-UKL1A470KDDANA Datasheet
74Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
UKL1A470KDDANATD NICHICON-UKL1A470KDDANATD Datasheet
74Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
UKL1A470MDDANA NICHICON-UKL1A470MDDANA Datasheet
74Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
UKL1A472MHD NICHICON-UKL1A472MHD Datasheet
74Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UKL1A471MHD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com