Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1585S Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # 2SA1585S
Description  Plastic-Encapsulated Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

2SA1585S Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  2SA1585S Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-92S Plastic-Encapsulated Transistors
2SA1585S
TRANSISTOR (PNP)
FEATURES
Power dissipation
PD : 0.4W (Tamb=25
℃)
Collector current
I CM : -2A
Collector-base voltage
V(BR)CBO : -20V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= -50
µA , I
E=0
-20
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -1 mA , IB=0
-20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=- 50µA, IC=0
-6
V
Collector cut-off current
ICBO
VCB=-20V , IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-0.1
µA
DC current gain
hFE
VCE=-2 V, IC= -0.1A
120
390
Collector-emitter saturation voltage
VCEsat
IC= -2A,
IB=-0.1A
-0.5
V
Transition frequency
fT
VCE=-2V, IC=-0.5A
F=100MHz
200
MHz
CLASSIFICATION OF hFE
Rank
Q
R
Range
120-170
180-390
TO-92S
1. EMITTER
2. COLLECTOR
3. BASE
123
Transys
Electronics
LI M ITE D


Similar Part No. - 2SA1585S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1585S ROHM-2SA1585S Datasheet
101Kb / 3P
   Low Vce(sat) Transistor (-20V, -3A)
2SA1585S ROHM-2SA1585S Datasheet
91Kb / 4P
   Low VCE(sat) Transistor (−20V, −3A)
logo
Micro Commercial Compon...
2SA1585S MCC-2SA1585S Datasheet
55Kb / 1P
   PNP Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
2SA1585S WINNERJOIN-2SA1585S Datasheet
132Kb / 1P
   TRANSISTOR (PNP)
logo
Jiangsu Changjiang Elec...
2SA1585S JIANGSU-2SA1585S Datasheet
836Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
More results

Similar Description - 2SA1585S

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
   Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
TIP31 TEL-TIP31 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
   Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
   Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com