Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD800R33KF2C-K Datasheet(PDF) 3 Page - eupec GmbH

Part # FD800R33KF2C-K
Description  Technische Information / technical information
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FD800R33KF2C-K Datasheet(HTML) 3 Page - eupec GmbH

  FD800R33KF2C-K Datasheet HTML 1Page - eupec GmbH FD800R33KF2C-K Datasheet HTML 2Page - eupec GmbH FD800R33KF2C-K Datasheet HTML 3Page - eupec GmbH FD800R33KF2C-K Datasheet HTML 4Page - eupec GmbH FD800R33KF2C-K Datasheet HTML 5Page - eupec GmbH FD800R33KF2C-K Datasheet HTML 6Page - eupec GmbH FD800R33KF2C-K Datasheet HTML 7Page - eupec GmbH FD800R33KF2C-K Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Technische Information / technical information
FD800R33KF2C-K
IGBT-Module
IGBT-modules
! "
#
Vorläufige Daten
preliminary data
Modul / module
3
8
NQ&; * + R9; * "
#
-k0lm
!;
-
'
7
9
F
NQ&; * + R9; L:n ^ "
W
#
3%
" 2\X
-k0lm
;!
-
$
%
>
1
'() * +, ; "
-./ n
"2
-
Q
Q
7 &
Q
3
7 o
$
$
$
V
E
$
$
E
;
;
$
$
V
E
$
$
E
"A;
"A;
-
9
$
?
F
'3
p J
#
#
F#
c
BG
?
;
Q
E
d:IH@S * " BEW `$X E deUSIHS * " BEW `$X
N@K.f
J;
$E B
Q
G
H./
"
R
Q
?
;
7
;
'. * +, ;
q?
E
N..rs//r
Nttrs..r
;"A
; J
P
RV
9 G
&
F
a
'() 6I_
"+
,
'
&
?
'() 5u
J
" +
,
'H@e
J
" +
,
7 9
#
#
v
&
E
? Q!
Q
J; +
+;\+
o
7 9
#
# 7
v
&
E
? QJ
&
E
? Q2
Q
";2
2;
;"
"
o
o
> ?
?
>
"+
Modulinduktivität: IGBT (Zweig 1+2 parallel): 12nH; Diode (Zweig 3): 25nH
stray inductance module: IGBT (arm 1+2 parallel): 12nH; diode (arm 3): 25nH
Mit dieser technischen Information werden Halbleiterbauelemente spezifiziert, jedoch keine
Eigenschaften zugesichert. Sie gilt in Verbindung mit den zugehörigen technischen Erläuterungen.
This technical information specifies semiconductor devices but guarantees no characteristics.
It is valid with the appropriate technical explanations.


Similar Part No. - FD800R33KF2C-K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FD800R33KF2C-K INFINEON-FD800R33KF2C-K Datasheet
536Kb / 12P
   IHM-A module
2010-02-22 revision:2.2
More results

Similar Description - FD800R33KF2C-K

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
DDB6U205N16L INFINEON-DDB6U205N16L Datasheet
285Kb / 7P
   Technische Information / Technical Information
rev.2
logo
eupec GmbH
FZ300R12KE3G EUPEC-FZ300R12KE3G Datasheet
288Kb / 8P
   Technische Information / technical information
BSM150GB120DLC EUPEC-BSM150GB120DLC Datasheet
90Kb / 8P
   Technische Information / Technical Information
logo
Infineon Technologies A...
FZ800R12KL4C INFINEON-FZ800R12KL4C Datasheet
411Kb / 8P
   Technische Information / Technical Information
2013-10-02 revision:3.1
FS225R12KE3 INFINEON-FS225R12KE3 Datasheet
576Kb / 9P
   Technische Information / Technical Information
2013-02-18 revision:3.1
DD400S45KL3_B5 INFINEON-DD400S45KL3_B5 Datasheet
610Kb / 7P
   Technische Information / Technical Information
2013-07-29 revision:3.0
logo
eupec GmbH
FS300R12KE3 EUPEC-FS300R12KE3 Datasheet
249Kb / 8P
   Technische Information / technical information
FF800R12KE3 EUPEC-FF800R12KE3 Datasheet
146Kb / 9P
   Technische Information / technical information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com