Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU9C4485A Datasheet(PDF) 10 Page - MUSIC Semiconductors

Part # MU9C4485A
Description  WidePort LANCAM짰 Family
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C4485A Datasheet(HTML) 10 Page - MUSIC Semiconductors

Back Button MU9C4485A Datasheet HTML 6Page - MUSIC Semiconductors MU9C4485A Datasheet HTML 7Page - MUSIC Semiconductors MU9C4485A Datasheet HTML 8Page - MUSIC Semiconductors MU9C4485A Datasheet HTML 9Page - MUSIC Semiconductors MU9C4485A Datasheet HTML 10Page - MUSIC Semiconductors MU9C4485A Datasheet HTML 11Page - MUSIC Semiconductors MU9C4485A Datasheet HTML 12Page - MUSIC Semiconductors MU9C4485A Datasheet HTML 13Page - MUSIC Semiconductors MU9C4485A Datasheet HTML 14Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
WidePort LANCAM® Family
Rev. 2
10
OPERATIONAL CHARACTERISTICS
Continued
in Enhanced mode, it is not necessary to unlock the daisy
chain with a NOP instruction before command or data writes
after a non-matching compare, as required in Standard mode.
Segment Control Register (SC)
The Segment Control register, as shown in Table 10, is
accessed using a TCO SC instruction with the register contents
placed on DQ15–0. On read cycles, DQ31–16 will be the upper
16 bits of the Status register, and D15, D10, D5, and D2 always
read back as 0s. Reserved locations D14, D12, D9, D7, D4, and
D1 should always be set to 0 and as such will also read back as
0s. Either the Foreground or Background Segment Control
register will be active, depending on which register set has
been selected, and only the active Segment Control register
will be written to or read from.
The Segment Control register contains dual independent
incrementing counters with limits, one for data reads and
one for data writes. These counters control which 32-bit
segment of the 64-bit internal resource is accessed during
a particular data cycle on the 32-bit data bus. The actual
destination for data writes and source for data reads (called
the persistent destination and source) are set independently
with SPD and SPS instructions, respectively.
Each of the two counters consists of a start limit, an end
limit, and the current segment pointer, each a single bit
representing either the lower segment (0) or the upper
segment (1). The current segment pointer can be set to
either 0 or 1 even if that value is outside the range set by
the start and end segments. The counters count up from
the current segment pointer to the end limit and then roll
over back to the start limit.
If a sequence of data writes or reads is interrupted, the
Segment Control register can be reset to its initial start limit
values with the RSC instruction. After a reset, both Source
and Destination counters are set to count from Segment 0
to Segment 1 with an initial value of 0.
Page Address Register (PA)
The Page Address register is loaded using a TCO PA
instruction on DQ31–16 with a user selected 16-bit value
(not FFFFH) on DQ15–0. During reads of the PA register,
DQ31–16 will all be 0. The entry in the PA register is used to
give a unique address to the different devices in a daisy
chain. In a daisy chain, the PA value of each device is
loaded using the SFF instruction to advance to the next
device, as shown in the “Setting Page Address Register
Values” section. A software reset (using the Control
register) does not affect the Page Address register.
Device Select Register (DS)
The Device Select register is used to select a specific (target)
device using the TCO DS instruction in DQ31–16 and
setting the 16-bit DS value in DQ15–0 equal to the target’s
PA value. The DS register can be read through DQ15–0
with DQ31–16 returning the upper 16 bits of the Status
register. In a daisy chain, setting DS = FFFFH will select all
devices. However, in this case, the ability to read information
out of the device is restricted as shown in Tables 6a and 6b.
A software reset (using the Control register) does not affect
the Device Select register.
Address Register (AR)
The Address register points to the CAM memory location
to be operated upon when a M@[AR] or M@aaaH is part
of the instruction. It can be loaded directly by using a TCO
AR instruction or indirectly by using an instruction requiring
an absolute address, such as MOV aaaH, CR,V. The AR
register can be read through DQ15–0 with DQ31–16
returning the upper 16 bits of the Status register. After
being loaded, the Address register value will then be used
for the next memory access referencing the Address register.
A reset sets the Address register to zero.
Control Register bits CT3 and CT2 set the address to
automatically increment or decrement (or not change)
during sequences of Command or Data cycles. The Address
register will change after executing an introduction that
includes M@[AR] or M@aaaH, or after a data access to
the end limit segment (as set in the Segment Control
register) when the persistent source or destination is
M@[AR] or M@aaaH.
Either the Foreground or Background Address register will
be active, depending on which register set has been
selected, and only the active Address register will be written
to or read from.
Next Free Address Register (NF)
The WidePort LANCAM automatically stores the address
of the first empty memory location in the Next Free Address
register, which is then used as a memory address pointer
for M@NF operations. The Next Free Address register,
shown in Table 11, can be read through DQ15–0 using a TCO
NF instruction. DQ31–16 will return the upper 16 bits of the
Status register. By taking /EC LOW during the TCO NF
instruction cycle, only the device with /FI LOW and /FF
HIGH will output the contents of its Next Free Address
register, which gives the Next Free address in a system of
daisy-chained devices. The Next Free address may be read
from a specific device in the chain by setting the Device


Similar Part No. - MU9C4485A

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C4480A MUSIC-MU9C4480A Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C4480A-70DC MUSIC-MU9C4480A-70DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C4480A-70DI MUSIC-MU9C4480A-70DI Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C4480A-90DC MUSIC-MU9C4480A-90DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C4480A-90DI MUSIC-MU9C4480A-90DI Datasheet
331Kb / 32P
   LANCAM A/L series
More results

Similar Description - MU9C4485A

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C2481L MUSIC-MU9C2481L Datasheet
111Kb / 20P
   LANCAM짰 1ST Family
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
   USBXpress Family
Rev. 1.0
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
   EmbeddedModem Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com