Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU9C8338A Datasheet(PDF) 3 Page - MUSIC Semiconductors

Part # MU9C8338A
Description  10/ 100Mb Ethernet Filter Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8338A Datasheet(HTML) 3 Page - MUSIC Semiconductors

  MU9C8338A Datasheet HTML 1Page - MUSIC Semiconductors MU9C8338A Datasheet HTML 2Page - MUSIC Semiconductors MU9C8338A Datasheet HTML 3Page - MUSIC Semiconductors MU9C8338A Datasheet HTML 4Page - MUSIC Semiconductors MU9C8338A Datasheet HTML 5Page - MUSIC Semiconductors MU9C8338A Datasheet HTML 6Page - MUSIC Semiconductors MU9C8338A Datasheet HTML 7Page - MUSIC Semiconductors MU9C8338A Datasheet HTML 8Page - MUSIC Semiconductors MU9C8338A Datasheet HTML 9Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Pin Descriptions
MU9C8338A 10/100Mb Ethernet Filter Interface
Rev. 0a
3
PIN DESCRIPTIONS
Note: All signals are implemented in CMOS technology with TTL levels. Signal names that start with a slash (“/”) are active LOW.
Inputs should never be left floating. Refer to the Electrical Characteristics section for more information.
Figure 2: Pinout
MII Interface
Note: The MII interface does not know if the system PHY is operating in Full Duplex, Half Duplex or Loopback mode. Therefore, in
applications that use Half Duplex or Loopback mode, care must be taken to ensure that unnecessary MII frames are not placed on the
interface. It is recommended that only valid Receive Frames are allowed to be sent to the MU9C8338A.
RXD[3:0] (Receive Data, Input, TTL)
RXD[3:0] is the 4-bit MII Receive Data nibble (see
Timing Diagrams: Timing Data for RXD, RX_DV, and
RX_ER).
RX_DV (Receive Data Valid, Input, TTL)
Data Valid is on RX_DV; RX_DV is asserted by the PHY
at the beginning of the first nibble of the data frame and
deasserted at the end of the last nibble of the frame. It
indicates that the data is synchronous to RX_CLK and is
itself synchronous to the clock (see Timing Diagrams:
Timing Data for RXD, RX_DV, and RX_ER).
RX_ER (Receive Error, Input, TTL)
RX_ER indicates a data symbol error in 100Mb/s mode or
any other error that the PHY can detect, even if the MAC is
not capable of detecting that error (see Timing Diagrams:
Timing Data for RXD, RX_DV, and RX_ER).
RX_CLK (Receive Clock, Input, TTL)
RX_CLK is the receive clock recovered from the data by the
PHY. It is equal to 25MHz in 100Base-X mode or 2.5MHz in
10Base-X mode.
CRS (Carrier Sense, Input, TTL)
Carrier sense C RS indicates that the medium is active
(non-idle) and remains asserted during a collision. For Rx or
Tx: CRS is HIGH in 10/100Base-X half-duplex mode; for
Rx it is HIGH in repeater, full-duplex, and loopback modes.
CRS is not synchronized to RX_CLK.
6
12
18
24
30
36
1
78
84
90
96
102
108
NC
SYSCLK
GND
DQ14
NC
DQ11
DQ10
GND
DQ9
DQ8
DQ7
NC
VDD
DQ5
DQ6
DQ4
DQ3
DQ2
GND
DQ1
DQ0
VDD
/FI
/MI
GND
/EC
/E
/CM
/W
/RESET_LC
NC
D15
VDD
DQ15
DQ13
DQ12
RP2
RP3
GND
RP4
RP5
RP6
VDD
RP7
RP8
RP9
RP10
RP11
RP12
GND
RP13
RP14
RP15
RP_DV
VDD
NC
NC
NC
GND
TST_HLD2
NC
VDD
RP_NXT
RP_SEL
GND
RP0
VDD
NC
SC_ENB
TST_HLD
GND
RP1


Similar Part No. - MU9C8338A

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C8338 MUSIC-MU9C8338 Datasheet
426Kb / 28P
   10/ 100Mb Ethernet Filter Interface
MU9C8338-TFC MUSIC-MU9C8338-TFC Datasheet
426Kb / 28P
   10/ 100Mb Ethernet Filter Interface
MU9C8338-TFI MUSIC-MU9C8338-TFI Datasheet
426Kb / 28P
   10/ 100Mb Ethernet Filter Interface
More results

Similar Description - MU9C8338A

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C8338 MUSIC-MU9C8338 Datasheet
426Kb / 28P
   10/ 100Mb Ethernet Filter Interface
MU9C8358L MUSIC-MU9C8358L Datasheet
531Kb / 32P
   Quad 10/100Mb Ethernet Filter Interface
MU9C8358 MUSIC-MU9C8358 Datasheet
527Kb / 32P
   Quad 10/100Mb Ethernet Filter Interface
logo
Molex Electronics Ltd.
1120361001 MOLEX-1120361001 Datasheet
39Kb / 1P
   IP20 Unmanaged Ethernet Switch, 8 Ports, 10/100Mb Data Speed
logo
JDS Uniphase Corporatio...
ACC701-000 JDSU-ACC701-000 Datasheet
925Kb / 5P
   10/100Mb/s Electrical-to-Electrical Ethernet Demarcation Device.
ACC702-000 JDSU-ACC702-000 Datasheet
901Kb / 5P
   10/100Mb/s Optical to Electrical Ethernet Demarcation Device
logo
Molex Electronics Ltd.
1120361000 MOLEX-1120361000 Datasheet
37Kb / 1P
   IP20 Unmanaged Ethernet Switch, 5 Ports, 10/100Mb Data Speed
logo
XFMRS Inc.
XFVOIP-14 XFMRS-XFVOIP-14 Datasheet
46Kb / 1P
   SMD TRANSFORMER FOR 10/100Mb LAN
XFATM6AULR XFMRS-XFATM6AULR Datasheet
80Kb / 1P
   SMD TRANSFORMER FOR 10/100MB LAN
XFATM9-55 XFMRS-XFATM9-55 Datasheet
58Kb / 1P
   SMD TRANSFORMER FOR 10/100MB LAN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com