Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU9C32K64M-90B568C Datasheet(PDF) 7 Page - MUSIC Semiconductors

Part # MU9C32K64M-90B568C
Description  MU9C RCP Family
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C32K64M-90B568C Datasheet(HTML) 7 Page - MUSIC Semiconductors

Back Button MU9C32K64M-90B568C Datasheet HTML 3Page - MUSIC Semiconductors MU9C32K64M-90B568C Datasheet HTML 4Page - MUSIC Semiconductors MU9C32K64M-90B568C Datasheet HTML 5Page - MUSIC Semiconductors MU9C32K64M-90B568C Datasheet HTML 6Page - MUSIC Semiconductors MU9C32K64M-90B568C Datasheet HTML 7Page - MUSIC Semiconductors MU9C32K64M-90B568C Datasheet HTML 8Page - MUSIC Semiconductors MU9C32K64M-90B568C Datasheet HTML 9Page - MUSIC Semiconductors MU9C32K64M-90B568C Datasheet HTML 10Page - MUSIC Semiconductors MU9C32K64M-90B568C Datasheet HTML 11Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Pin Descriptions
MU9C RCP Family
Rev. 8.04
7
Table 1: Pin Assignments
Signal Names
MCM (BGA) Ballout
100-LQFP Pinout
Type
DQ31-0
U1, T1, R1, P1, N1, M1, L1, K1, J1, H1, G1, F1, E1,
D1, A3, A4, A5, A6, A7, A8, A9, A10, A11, A12,
A13, A14, A15, A16, A17, A18, A19, A20
19, 18, 17, 16, 14, 13, 12, 11, 9, 8,
7, 6, 4, 3, 2, 1, 99, 98, 97, 96, 94,
93, 92, 91, 89, 88, 87, 86, 84, 83,
82, 81
Bidirectional
AC12-0
AF22, AF21, AF20, AF19, AF18, AF17, AF16, AF15,
AF14, AF13, AF12, AF11, AF10
50, 49, 48, 47, 46, 44, 43, 42, 41,
39, 38, 37, 36
Input
DSC
AD26
51
Input
AA12-0
F26, G26, H26, J26, K26, L26, M26, N26, P26, R26,
T26, U26, V26
74, 73, 72, 71, 70, 68, 67, 66, 65,
63, 62, 61, 60
Output
PA3-0
A21, A22, A23, A24
79, 78, 77, 76
Output
/E
W1
21
Input
/CS1
AA1, Y2, N25, P25
23
Input
/CS2_1, /CS2_2, /CS2_3,
/CS2_4
Y1, AA2, W26, Y26
24
Input
/W
W2
22
Input
/OE
AB1
25
Input
/AV
AF2
27
Input
/VB
AF3
28
Bidirectional
/MF
AA26
58
Output
/MI
AC1
55
Input
/FF
AB26
57
Output
/FI
AD1
54
Input
/MM
AC26
52
Output, Open Drain
/RESET
AF4
29
Input
TCLK
AF6
31
Input
TMS
AF7
32
Input
TDI
AE4
33
Input
TDI_2, TDI_3, TDI_4
AE6, AE8, AF8
N/A
Input
TDO_1, TDO_2, TDO_3
AE5, AE7, AE9
N/A
Output
TDO
AF9
34
Output
/TRST
AF5
30
Input
VDD
M12-15, N12-15, P12-15, R12-15
5, 15, 40, 56, 64, 85, 95
VDDIO
L11-16, M11, M16, N11,N16, P11, P16, R11, R16,
T11-16
N/A
VSS
C3-24, D3-24, E3-24, F3-24, G3-24, H3-7, H20-24,
J3-7, J20-24, K3-7, K20-24, L3-7, L20-24, M3-7,
M20-24, N3-7, N20-24, P3-7, P20-24, R3-7, R20-24,
T3-7, T20-24, U3-7, U20-24, V3-7, V20-24, W3-7,
W20-24, Y3-24, AA3-24, AB3-24, AC3-24, AD3-24
10, 20, 26, 35, 45, 53, 59, 69, 75,
80, 90, 100


Similar Part No. - MU9C32K64M-90B568C

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C3480A-70DC MUSIC-MU9C3480A-70DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C3480A-70DI MUSIC-MU9C3480A-70DI Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C3480A-90DC MUSIC-MU9C3480A-90DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C3480A-90DI MUSIC-MU9C3480A-90DI Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C3640L MUSIC-MU9C3640L Datasheet
185Kb / 22P
   LIST-XL Family
More results

Similar Description - MU9C32K64M-90B568C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MU9C4K64-12 ETC-MU9C4K64-12 Datasheet
611Kb / 30P
   MU9C Routing Coprocessor (RCP) Family
logo
MUSIC Semiconductors
MUAA2K80-20QGC MUSIC-MUAA2K80-20QGC_03 Datasheet
400Kb / 24P
   MUAA Routing CoProcessor (RCP) Family
MUAA2K80-20QGC MUSIC-MUAA2K80-20QGC Datasheet
318Kb / 18P
   MUAA Routing Co-Processor (RCP) Family
logo
PHOENIX CONTACT
2904895 PHOENIX-2904895 Datasheet
50Kb / 1P
   Holder - PACT RCP-CLAMP
logo
Sumida Corporation
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
RCP1317 SUMIDA-RCP1317_06 Datasheet
201Kb / 2P
   POWER INDUCTORS < Pin Type: RCP Series >
logo
PHOENIX CONTACT
2906234 PHOENIX-2906234 Datasheet
91Kb / 6P
   Current transformer - PACT RCP-4000A-UIRO-PT-D95
09/12/2020
2906235 PHOENIX-2906235 Datasheet
91Kb / 6P
   Current transformer - PACT RCP-4000A-UIRO-PT-D140
09/12/2020
2904922 PHOENIX-2904922 Datasheet
65Kb / 4P
   Current transformer - PACT RCP-4000A-1A-D140
2906231 PHOENIX-2906231 Datasheet
91Kb / 6P
   Current transformer - PACT RCP-4000A-UIRO-D95
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com