Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU9C8480B-70TBC Datasheet(PDF) 10 Page - MUSIC Semiconductors

Part # MU9C8480B-70TBC
Description  LANCAM B Family
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8480B-70TBC Datasheet(HTML) 10 Page - MUSIC Semiconductors

Back Button MU9C8480B-70TBC Datasheet HTML 6Page - MUSIC Semiconductors MU9C8480B-70TBC Datasheet HTML 7Page - MUSIC Semiconductors MU9C8480B-70TBC Datasheet HTML 8Page - MUSIC Semiconductors MU9C8480B-70TBC Datasheet HTML 9Page - MUSIC Semiconductors MU9C8480B-70TBC Datasheet HTML 10Page - MUSIC Semiconductors MU9C8480B-70TBC Datasheet HTML 11Page - MUSIC Semiconductors MU9C8480B-70TBC Datasheet HTML 12Page - MUSIC Semiconductors MU9C8480B-70TBC Datasheet HTML 13Page - MUSIC Semiconductors MU9C8480B-70TBC Datasheet HTML 14Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LANCAM B Family
Operational Characteristics
10
Rev. 5.1
Notes:
1.
Default Command Write cycle destination (does not require a TCO instruction).
2.
Default Command Write cycle destination (no TCO instruction required) if Address Field flag was set in bit 11 of the instruction loaded in the
previous cycle.
3.
Loaded or read on the Command Write or Read cycle immediately following a TCO instruction. Active for one Command Write or Read cycle only.
NFA register can not be loaded this way.
4.
Default Command Read cycle source (does not require a TCO instruction).
5.
Default Command Read cycle source (does not require a TCO instruction) if the previous cycle was a Command Read of Status Register Bits 15–0.
If next cycle is not a Command Read cycle, any subsequent Command Read cycle accesses the Status Register Bits 15–0.
6.
Default persistent source and destination on power-up and after Reset. If other resources were sources or destinations, SPD CR or SPS CR restores
the Comparand register as the destination or source.
7.
Selected by executing a Select Persistent Destination instruction.
8.
Selected by executing a Select Persistent Source instruction.
9.
Access may require multiple 16-bit Read or Write cycles. The Segment Control register controls the selection of the desired 16-bit segment(s) by
establishing the Segment counters’ start and end limits and count values.
10.
Device is deselected if Device Select register setting does not equal Page Address register setting, unless the Device Select Register is set to
FFFFH, which allows only write access to the device. (Writes to the Device Select register are always active.) Device may also be deselected under
locked daisy chain conditions as shown in Table 4.
11.
A Command Read cycle after a TCO PS or TCO PD reads back the Instruction decoder bits that were last set to select a persistent source or
destination. The TCO PS instruction also reads back the Device ID.
Table 2: Input/Output Operations
Cycle Type
/E
/CM
/W
I/O Status
SPS
SPD
TCO
Operation
Notes
Cmd Write
L
L
L
IN
IN
IN
IN
IN
IN
IN
3
3
3
3
3
Load Instruction decoder
Load Address register
Load Control register
Load Page Address register
Load Segment Control register
Load Device Select register
Deselected
1
2,3
3
3
3
3
10
Cmd Read
L
L
H
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
HIGH-Z
3
3
3
3
3
3
3
Read Next Free Address register
Read Address register
Read Status Register bits 15–0
Read Status Register bits 31–16
Read Control register
Read Page Address register
Read Segment Control register
Read Device Select register
Read Current Persistent Source or Destination
Deselected
3
3
4
5
3
3
3
3
3,11
10
Data Write
L
H
L
IN
IN
IN
IN
IN
IN
IN
3
3
3
3
3
3
Load Comparand register
Load Mask Register 1
Load Mask Register 2
Write Memory Array at address
Write Memory Array at Next Free address
Write Memory Array at Highest-Priority match
Deselected
6,9
7,9
7,9
7,9
7,9
7,9
10
Data Read
L
H
H
OUT
OUT
OUT
OUT
OUT
HIGH-Z
3
3
3
3
3
Read Comparand register
Read Mask Register 1
Read Mask Register 2
Read Memory Array at address
Read Memory Array at Highest-Priority match
Deselected
6, 9
8, 9
8, 9
8, 9
7, 8
10
H
X
X
HIGH-Z
Deselected


Similar Part No. - MU9C8480B-70TBC

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C8481L-10DC MUSIC-MU9C8481L-10DC Datasheet
111Kb / 20P
   LANCAM짰 1ST Family
More results

Similar Description - MU9C8480B-70TBC

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C4480A MUSIC-MU9C4480A Datasheet
331Kb / 32P
   LANCAM A/L series
logo
Vicor Corporation
PI33XX VICOR-PI33XX Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
List of Unclassifed Man...
PI33XX-X0 ETC2-PI33XX-X0 Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
NXP Semiconductors
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
logo
Vicor Corporation
PI33XX-01 VICOR-PI33XX-01 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS B uck Regulator Family
logo
NXP Semiconductors
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com