Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU9C8480B-90TBC Datasheet(PDF) 11 Page - MUSIC Semiconductors

Part # MU9C8480B-90TBC
Description  LANCAM B Family
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8480B-90TBC Datasheet(HTML) 11 Page - MUSIC Semiconductors

Back Button MU9C8480B-90TBC Datasheet HTML 7Page - MUSIC Semiconductors MU9C8480B-90TBC Datasheet HTML 8Page - MUSIC Semiconductors MU9C8480B-90TBC Datasheet HTML 9Page - MUSIC Semiconductors MU9C8480B-90TBC Datasheet HTML 10Page - MUSIC Semiconductors MU9C8480B-90TBC Datasheet HTML 11Page - MUSIC Semiconductors MU9C8480B-90TBC Datasheet HTML 12Page - MUSIC Semiconductors MU9C8480B-90TBC Datasheet HTML 13Page - MUSIC Semiconductors MU9C8480B-90TBC Datasheet HTML 14Page - MUSIC Semiconductors MU9C8480B-90TBC Datasheet HTML 15Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Operational Characteristics
LANCAM B Family
Rev. 5.1
11
Page Address Register (PA)
The Page Address register is loaded using a TCO PA
instruction followed by a Command Write cycle of a user
selected 16-bit value (not FFFFH). The entry in the PA
register gives a unique address to the different devices in a
daisy chain. In a daisy chain, the PA value of each device
is loaded using the SFF instruction to advance to the next
device, shown in the Setting Page Address Register Values
on page 16. A software reset (using the Control register)
does not affect the Page Address register.
Device Select Register (DS)
The Device Select register selects a specific (target)
device. The TCO DS instruction sets the 16-bit DS register
to the value of the following Command Write cycle. The
DS register can be read. A device is selected when its DS
is equal to its PA value. In a daisy chain, setting DS =
FFFFH selects all devices. However, in this case, the
ability to read information out of the device is restricted as
shown in Table 4. A software reset (using the Control
register) does not affect the Device Select register.
Address Register (AR)
The Address register points to the CAM memory location
to be operated upon when M@[AR] or M@aaaH is part of
the instruction. It can be loaded directly by using a TCO
AR instruction or indirectly by using an instruction
requiring an absolute address, such as MOV aaaH,CR,V.
After being loaded, the Address register value is the next
memory access referencing the Address register. A reset
sets the Address register to zero.
Control Register bits CT3 and CT2 set the Address
register to automatically increment or decrement (or not
change) during sequences of Command or Data cycles.
The
Address
register
changes
after
executing
an
instruction that includes M@[AR] or M@aaaH, or after a
data access to the end limit segment (as set in the Segment
Control register) when the persistent source or destination
is M@[AR] or M@aaaH.
Either the Foreground or Background Address register is
active, depending on which register set is selected, and
only the active Address register is written to or read from.
Next Free Address Register (NF)
The LANCAM automatically stores the address of the first
empty memory location in the Next Free Address register,
which is then used as a memory address pointer for
M@NF operations. The Next Free Address register,
shown in Next Free Address Bits on page 24, can be read
using a TCO NF instruction. By taking /EC LOW during
the TCO NF instruction cycle, only the device with /FI
LOW and /FF HIGH outputs the contents of its Next Free
Address register, giving the Next Free address in a system
of daisy-chained devices. The Next Free address may be
read from a specific device in the chain by setting the
Device Select register to the value of the desired device’s
Page address and leaving /EC HIGH. The Full Flag daisy
chain causes only the device whose /FI input is LOW and
/FF output HIGH to respond to an instruction using the
Next Free address. After a reset, the Next Free Address
register is set to zero.
Table 3: Device Control State After Reset
CAM Status
/RESET Condition
Validity bits at all memory locations
Match and Full Flag outputs
IEEE 802.3–802.5 Input Translation
CAM/RAM Partitioning
Comparison Masking
Address register auto-increment or auto-decrement
Source and Destination Segment counters count ranges
Address register and Next Free Address register
Page Address and Device Select registers
Control register after reset (including CT15)
Persistent Destination for Command writes
Persistent Source for Command reads
Persistent Source and Destination for Data reads and writes
Operating Mode
Configuration Register set
Skip = 0, Empty = 1 (empty)
Enabled
Not translated
64 bits CAM, 0 bits RAM
Disabled
Disabled
00B to 11B; loaded with 00B
Contain all 0s
Contain all 0s (no change on software reset)
Contains 0008H
Instruction decoder
Status register
Comparand register
Standard
Foreground


Similar Part No. - MU9C8480B-90TBC

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C8481L-10DC MUSIC-MU9C8481L-10DC Datasheet
111Kb / 20P
   LANCAM짰 1ST Family
More results

Similar Description - MU9C8480B-90TBC

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C4480A MUSIC-MU9C4480A Datasheet
331Kb / 32P
   LANCAM A/L series
logo
Vicor Corporation
PI33XX VICOR-PI33XX Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
List of Unclassifed Man...
PI33XX-X0 ETC2-PI33XX-X0 Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
NXP Semiconductors
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
logo
Vicor Corporation
PI33XX-01 VICOR-PI33XX-01 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS B uck Regulator Family
logo
NXP Semiconductors
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com