Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU9C1485L-70TCC Datasheet(PDF) 5 Page - MUSIC Semiconductors

Part # MU9C1485L-70TCC
Description  WidePort LANCAM짰 Family
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C1485L-70TCC Datasheet(HTML) 5 Page - MUSIC Semiconductors

  MU9C1485L-70TCC Datasheet HTML 1Page - MUSIC Semiconductors MU9C1485L-70TCC Datasheet HTML 2Page - MUSIC Semiconductors MU9C1485L-70TCC Datasheet HTML 3Page - MUSIC Semiconductors MU9C1485L-70TCC Datasheet HTML 4Page - MUSIC Semiconductors MU9C1485L-70TCC Datasheet HTML 5Page - MUSIC Semiconductors MU9C1485L-70TCC Datasheet HTML 6Page - MUSIC Semiconductors MU9C1485L-70TCC Datasheet HTML 7Page - MUSIC Semiconductors MU9C1485L-70TCC Datasheet HTML 8Page - MUSIC Semiconductors MU9C1485L-70TCC Datasheet HTML 9Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
WidePort LANCAM® Family
Rev. 2
5
Each entry has two validity bits (known as Skip bit and
Empty bit) associated with it to define its particular type:
empty, valid, skip, or RAM. When data is written to the
active Comparand register, and the active Segment
Control register reaches its terminal count, the contents
of the Comparand register are automatically compared
with the CAM portion of all the valid entries in the
memory array. For added versatility, the Comparand
register can be barrel-shifted right or left one bit at a
time. A Compare instruction can then be used to force
another compare between the Comparand register and
the CAM portion of memory entries of any one of the
four validity types. After a Read or Move from Memory
operation, the validity bits of the location read or moved
will be copied into the Status register, where they can be
read from the Status register using Command Read cycles.
Data can be moved from one of the data registers (CR,
MR1, or MR2) to a memory location that is based on the
results of the last comparison (Highest-Priority Match
or Next Free), or to an absolute address, or to the location
pointed to by the active Address register. Data can also
be written directly to the memory from the DQ bus using
any of the above addressing modes. The Address
register may be directly loaded and may be set to
increment or decrement, allowing DMA-type reading or
writing from memory.
Two sets of configuration registers (Control, Segment
Control, Address, Mask Register 1, and Persistent Source
and Destination) are provided to permit rapid context
switching between foreground and background
activities. Writes, reads, moves, and compares are
controlled by the currently active set of configuration
registers. The foreground set would typically be pre-
loaded with values useful for comparing input data, often
called filtering, while the background set would be pre-
loaded with values useful for housekeeping activities
such as purging old entries. Moving from the foreground
task of filtering to the background task of purging can
be done by issuing a single instruction to change the
current set of configuration registers. The match
condition of the device is reset whenever the active
register set is changed.
The active Control register determines the operating
conditions within the device. Conditions set by this
register’s contents are reset, enable or disable Match
flag, enable or disable Full flag, default data translation,
CAM/RAM partitioning, disable or select masking
conditions, disable or select auto-incrementing or
auto-decrementing the Address register, and select
Standard (compatible with the MU9C1485) or Enhanced
mode. The active Segment Control register contains
separate counters to control the writing of 32-bit data
segments to the selected persistent destination, and to
control the reading of 32-bit data segments from the
selected persistent source.
There are two active mask registers at any one time,
which can be selected to mask comparisons or data
writes. Mask Register 1 has both a foreground and
background mode to support rapid context switching.
Mask Register 2 does not have this mode, but can be
shifted left or right one bit at a time. For masking
comparisons, data stored in the active selected mask
register determines which bits of the comparand are
compared against the valid contents of the memory. If a
bit is set HIGH in the mask register, the same bit position
in the Comparand register becomes a “don’t care” for
the purpose of the comparison with all the memory
locations. During a Data Write cycle or a MOV instruction,
data in the specified active mask register can also
determine which bits in the destination will be updated.
If a bit is HIGH in the mask register, the corresponding
bit of the destination is unchanged.
The match line associated with each memory address is
fed into a priority encoder where multiple responses are
resolved, and the address of the highest-priority
responder (the lowest numerical match address) is
generated. In the LAN bridge application, a multiple
response might indicate an error. In other applications
the existence of multiple responders may be valid.
Four input control signals and commands loaded into an
instruction decoder control the WidePort LANCAM. Two
of the four input control signals determine the cycle type.
The control signals tell the device whether the data on the
I/O bus represents data or a command, and is input or output.
Commands are decoded by instruction logic and control
moves, forced compares, validity bit manipulations, and the
data path within the device. Registers (Control, Segment
Control, Address, Next Free Address, etc.) are accessed using
Temporary Command Override instructions. The data path
from the DQ bus to/from data resources (comparand, masks,
and memory) within the device are set until changed by Select
Persistent Source and Destination instructions.
After a Compare cycle (caused by either a data write to the
Comparand or mask registers, a write to the Control register,
or a forced compare), the Status register contains the
FUNCTIONAL DESCRIPTION
Continued


Similar Part No. - MU9C1485L-70TCC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MU9C1480A ETC1-MU9C1480A Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
MU9C1480A-12DC ETC1-MU9C1480A-12DC Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
MU9C1480A-12DI ETC1-MU9C1480A-12DI Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
logo
MUSIC Semiconductors
MU9C1480A-50DC MUSIC-MU9C1480A-50DC Datasheet
331Kb / 32P
   LANCAM A/L series
logo
List of Unclassifed Man...
MU9C1480A-70DC ETC1-MU9C1480A-70DC Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
More results

Similar Description - MU9C1485L-70TCC

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C2481L MUSIC-MU9C2481L Datasheet
111Kb / 20P
   LANCAM짰 1ST Family
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
   USBXpress Family
Rev. 1.0
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
   EmbeddedModem Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com