Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4208 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4208
Description  Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4208 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4208 Datasheet HTML 1Page - Maxim Integrated Products MAX4208 Datasheet HTML 2Page - Maxim Integrated Products MAX4208 Datasheet HTML 3Page - Maxim Integrated Products MAX4208 Datasheet HTML 4Page - Maxim Integrated Products MAX4208 Datasheet HTML 5Page - Maxim Integrated Products MAX4208 Datasheet HTML 6Page - Maxim Integrated Products MAX4208 Datasheet HTML 7Page - Maxim Integrated Products MAX4208 Datasheet HTML 8Page - Maxim Integrated Products MAX4208 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Ultra-Low Offset/Drift, Precision
Instrumentation Amplifiers with REF Buffer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 5V, VSS = 0V, VCM = VREF = VDD/2, VREFIN/MODE = VSS, RL = 100k
Ω to VDD/2, VDIFF = (VIN+ - VIN-) = 0V, MAX4208 set for
G = 100V/V (R1 = 1k
Ω, R2 = 99kΩ), TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to VSS ...............................................................-0.3V to +6V
All Other Pins ...................................(VSS - 0.3V) to (VDD + 0.3V)
OUT Short-Circuit Duration .......................................Continuous
Current Into OUT, VDD, and VSS.......................................±25mA
Current Into Any Other Pin................................................±20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.5mW/°C above +70°C) ............362mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT DC CHARACTERISTICS
MAX4208, G = 100V/V
±3
±20
MAX4209T, G = 10V/V
±3
±20
MAX4209H, G = 100V/V
±3
±20
Input Offset Voltage
VOS
MAX4209K, G = 1000V/V
±3
±20
µV
Input Bias Current
IB
-100mV
≤ VDIFF ≤ +100mV (Note 3)
1
pA
Input Offset Current
IOS
-100mV
≤ VDIFF ≤ +100mV (Note 3)
1
pA
Differential mode
2
Input Resistance
RIN
VCM = VDD/2
Common mode
2
G
Ω
-20mV
≤ VDIFF ≤ +20mV
MAX4208, G = 100V/V
0.05
±0.25
-100mV
≤ VDIFF ≤ +100mV
MAX4209T, G = 10V/V
0.05
-20mV
≤ VDIFF ≤ +20mV
MAX4209H, G = 100V/V
0.05
±0.25
Gain Error
-2mV
≤ VDIFF ≤ +2mV
MAX4209K, G = 1000V/V
0.10
%
MAX4208, G = 100V/V
25
150
MAX4209T, G = 10V/V
25
MAX4209H, G = 100V/V
25
150
Gain Nonlinearity
(Note 2)
MAX4209K, G = 1000V/V
50
ppm
Input Common-Mode Range
VCM
Guaranteed by CMRR test
VSS -
0.1
VDD -
1.30
V
Input Common-Mode Rejection
Ratio
CMRR
VCM = (VSS - 0.1V) to (VDD - 1.30V)
106
135
dB


Similar Part No. - MAX4208

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4208 MAXIM-MAX4208 Datasheet
222Kb / 17P
   Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
Rev 1; 4/09
MAX4208 MAXIM-MAX4208 Datasheet
94Kb / 6P
   Configurable Reference Voltage: Externally or Internally Buffered
Rev 0; 9/07
MAX4208AUA++ MAXIM-MAX4208AUA+ Datasheet
96Kb / 6P
   Configurable Reference Voltage: Externally or Internally Buffered
Rev 0; 9/07
MAX4208AUA+T MAXIM-MAX4208AUA+T Datasheet
222Kb / 17P
   Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
Rev 1; 4/09
MAX4208AUA+T MAXIM-MAX4208AUA+T Datasheet
1Mb / 17P
   Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
2015
More results

Similar Description - MAX4208

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4208 MAXIM-MAX4208_09 Datasheet
222Kb / 17P
   Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
Rev 1; 4/09
MAX4208 MAXIM-MAX4208_V01 Datasheet
1Mb / 17P
   Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
2015
MAX4238 MAXIM-MAX4238 Datasheet
363Kb / 10P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
Rev 1; 12/02
MAX4238 MAXIM-MAX4238_V01 Datasheet
1Mb / 11P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
2020
MAX4238 MAXIM-MAX4238_11 Datasheet
292Kb / 9P
   Ultra-Low Offset/Drift, Low-Noise,Precision SOT23 Amplifiers
Rev 3; 8/11
logo
Analog Devices
AD8228 AD-AD8228 Datasheet
581Kb / 24P
   Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
   Low Gain Drift Precision Instrumentation Amplifier
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
[Old version datasheet]   Precision, Low-Power Instrumentation Amplifiers
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
   Precision, Low Power INSTRUMENTATION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com