Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU9C1485L-12TCC Datasheet(PDF) 6 Page - MUSIC Semiconductors

Part # MU9C1485L-12TCC
Description  WidePort LANCAM짰 Family
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C1485L-12TCC Datasheet(HTML) 6 Page - MUSIC Semiconductors

Back Button MU9C1485L-12TCC Datasheet HTML 2Page - MUSIC Semiconductors MU9C1485L-12TCC Datasheet HTML 3Page - MUSIC Semiconductors MU9C1485L-12TCC Datasheet HTML 4Page - MUSIC Semiconductors MU9C1485L-12TCC Datasheet HTML 5Page - MUSIC Semiconductors MU9C1485L-12TCC Datasheet HTML 6Page - MUSIC Semiconductors MU9C1485L-12TCC Datasheet HTML 7Page - MUSIC Semiconductors MU9C1485L-12TCC Datasheet HTML 8Page - MUSIC Semiconductors MU9C1485L-12TCC Datasheet HTML 9Page - MUSIC Semiconductors MU9C1485L-12TCC Datasheet HTML 10Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
WidePort LANCAM® Family
Rev. 2
6
FUNCTIONAL DESCRIPTION
Continued
address of the Highest-Priority Matching location in that
device, concatenated with its page address, along with
flags indicating internal match, multiple match, and full.
When the Status register is read with a Command Read
cycle, the device with the Highest-priority match will
respond, outputting the System Match address to the DQ
bus. The internal Match (/MA) and Multiple match (/MM)
flags are also output on pins. Another set of flags (/MF
and /FF) that are qualified by the match and full flags of
previous devices in the system are also available directly
on output pins, and are independently daisy-chained to
provide System Match and Full flags in vertically cascaded
LANCAM arrays. In such arrays, if no match occurs during
a comparison, read access to the memory and all the
registers except the Next Free register is denied to prevent
device contention. In a daisy chain, all devices will respond
to Command and Data Write cycles, depending on the
conditions shown in Tables 6a and 6b, unless the operation
involves the Highest-Priority Match address or the Next
Free address; in which case, only the specific device
having the Highest-Priority match or the Next Free
address will respond.
A Page Address register in each device simplifies vertical
expansion in systems using more than one LANCAM. This
register is loaded with a specific device address during
system initialization, which then serves as the higher-order
address bits. A Device Select register allows the user to
target a specific device within a vertically cascaded system
by setting it equal to the Page Address Register value, or
to address all the devices in a string at the same time by
setting the Device Select value to FFFFH.
Figure 1a shows expansion using a daisy chain. Note that
system flags are generated without the need for external
logic. The Page Address register allows each device in the
vertically cascaded chain to supply its own address in the
event of a match, eliminating the need for an external priority
encoder to calculate the complete Match address at the
expense of the ripple-through time to resolve the highest-
priority match. The Full flag daisy-chaining allows
Associative writes using a Move to Next Free Address
instruction which does not need a supplied address.
Figure 1b shows an external PLD implementation of a simple
priority encoder that eliminates the daisy chain ripple-
through delays for systems requiring maximum performance
from many CAMS.
Figure 1a: Vertical Cascading
Figure 1b: External Prioritizing
/MA
/MA
/MA
/MA
Wid e P o r t
L A NCA M
/MI
/MI
/MI
/MI
Vcc
SY STEM
MA TC H
PL D
Wid e P o r t
L A NCA M
Wid e P o r t
L A NCA M
Wid e P o r t
L A NCA M
Vcc
SYSTEM F U L L
SYSTE M MATC H
W i de po r t
L ANCAM
32
/E
/W
/C M
/E C
DQ 3 1 -0
/MI
/FI
/FF
/MF
/MI
/FI
/FF
/MF
/E
/W
/C M
/E C
DQ 3 1 -0
/E
/W
/C M
/E C
DQ 3 1 -0
/E
/W
/C M
/E C
DQ 3 1 -0
W i de po r t
LANCAM
/MI
/FI
/FF
/MF
W i de po r t
LANCAM


Similar Part No. - MU9C1485L-12TCC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MU9C1480A ETC1-MU9C1480A Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
MU9C1480A-12DC ETC1-MU9C1480A-12DC Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
MU9C1480A-12DI ETC1-MU9C1480A-12DI Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
logo
MUSIC Semiconductors
MU9C1480A-50DC MUSIC-MU9C1480A-50DC Datasheet
331Kb / 32P
   LANCAM A/L series
logo
List of Unclassifed Man...
MU9C1480A-70DC ETC1-MU9C1480A-70DC Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
More results

Similar Description - MU9C1485L-12TCC

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C2481L MUSIC-MU9C2481L Datasheet
111Kb / 20P
   LANCAM짰 1ST Family
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
   USBXpress Family
Rev. 1.0
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
   EmbeddedModem Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com