Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APD-1300-VF Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # APD-1300-VF
Description  InGaAs Avalanche PHOTODIODE with Single-Mode Pigtail
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

APD-1300-VF Datasheet(HTML) 1 Page - Optoway Technology Inc

  APD-1300-VF Datasheet HTML 1Page - Optoway Technology Inc APD-1300-VF Datasheet HTML 2Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Optoway
APD-1310
****************************************************************************************************************************************************************
***************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/1/2005 V2.0
InGaAs Avalanche PHOTODIODE with Single-Mode Pigtail
****************************************************************************************************************************************************************
FEATURES
² Data Rate up to 2.7 Gbps
² 0.9 A/W Typical Responsivity
² Breakdown voltage: 40V Typical
² Wide Wavelength Band: 1260 nm to 1620 nm
² Case Operating Temperature: -40 to 85oC
² Coaxial Module with 9/125
µm Single-Mode Fiber
APPLICATIONSC
Receiver supports long distance fiber-optics communication systems with performance up to 2.7 Gb/s data
rate, -40 to 85
oC operating temperature.
ELECTRICAL AND OPTICAL CHARACTERISTICS (Tc=25ºC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Detection Range
λ
1260
-
1620
nm
VBR
Breakdown Voltage
Idark=10
µA
35
47
V
VOP
Operating Voltage
Best Sensitivity
VBR-3
VBR-2
V
dVBR/dT
Temperature Coefficient of
Breakdown Voltage
0.06
0.07
0.10
V/
oC
Idark
Dark Current
VR =0.9 VBR
80
100
nA
R
Responsivity
λ=1550nm, M=1
0.85
A/W
C
Capacitance
VR =0.9 VBR, f=1MHz
0.5
0.8
pF
ORL
Optical Return Loss
Vop, λ= 1550 nm
40
dB
BW
Bandwidth
RL=50 Ω, -3 dB, M=10
2.5
3
GHz
Absolute Maximum Ratings
(Tc=25 ºC)
Symbol
Parameter
Minimum
Maximum
Unit
IF
APD Forward Current
2
mA
IR
APD Reverse Current
3
mA
VR
APD Reverse Voltage
VBR
V
Topr
Operating Temperature
-40
85
ºC
Tstg
Storage Temperature
-40
85
ºC
Stress in excess of the absolute Maximum Ratings may cause permanent damage to the device.


Similar Part No. - APD-1300-VF

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
APD-1300-VF OPTOWAY-APD-1300-VF Datasheet
82Kb / 2P
   InGaAs Avalanche PHOTODIODE with 50/125 um Fiber Pigtail
APD-1300-VFA OPTOWAY-APD-1300-VFA Datasheet
82Kb / 2P
   InGaAs Avalanche PHOTODIODE with 50/125 um Fiber Pigtail
More results

Similar Description - APD-1300-VF

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
APD-1350 OPTOWAY-APD-1350 Datasheet
74Kb / 2P
   Mini-Size InGaAs Avalanche PHOTODIODE with Single-Mode Pigtail
PD-1310 OPTOWAY-PD-1310 Datasheet
71Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
APD-1300 OPTOWAY-APD-1300 Datasheet
82Kb / 2P
   InGaAs Avalanche PHOTODIODE with 50/125 um Fiber Pigtail
logo
PerkinElmer Optoelectro...
C30645E PERKINELMER-C30645E Datasheet
281Kb / 5P
   InGaAs Avalanche Photodiode
logo
Optoway Technology Inc
APD-1100 OPTOWAY-APD-1100 Datasheet
67Kb / 2P
   InGaAs Avalanche PHOTODIODE
PD-1350 OPTOWAY-PD-1350 Datasheet
62Kb / 2P
   Mini-Size InGaAs PIN PD MODULE InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
logo
Siemens Semiconductor G...
SRD00514X SIEMENS-SRD00514X Datasheet
124Kb / 4P
   Ge-Avalanche Photodiode with Pigtail
logo
OPLINK Communications I...
PIPD15502001111 OPLINK-PIPD15502001111 Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
logo
Optoway Technology Inc
PD-1300 OPTOWAY-PD-1300 Datasheet
70Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH GI-50 MULTI-MODE PIGTAIL
logo
OPLINK Communications I...
PIPD OPLINK-PIPD Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com