Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTR-3702MG Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # BTR-3702MG
Description  1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps RoHS Compliant Single-Fiber MM Transceiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTR-3702MG Datasheet(HTML) 4 Page - Optoway Technology Inc

  BTR-3702MG Datasheet HTML 1Page - Optoway Technology Inc BTR-3702MG Datasheet HTML 2Page - Optoway Technology Inc BTR-3702MG Datasheet HTML 3Page - Optoway Technology Inc BTR-3702MG Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Optoway
BTR-3702MG
**********************************************************************************************************************************************************************
*****************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
11/1/2005 V4.0
4
PACKAGE DIAGRAM
Units in mm
Note: Specifications subject to change without notice.


Similar Part No. - BTR-3702MG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTR-37120-1510-SPG OPTOWAY-BTR-37120-1510-SPG Datasheet
111Kb / 4P
   1510 nm TX / 1590 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-37120-1510G OPTOWAY-BTR-37120-1510G Datasheet
111Kb / 4P
   1510 nm TX / 1590 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-37120-1590-SPG OPTOWAY-BTR-37120-1590-SPG Datasheet
111Kb / 4P
   1590 nm TX / 1510 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-37120-1590G OPTOWAY-BTR-37120-1590G Datasheet
111Kb / 4P
   1590 nm TX / 1510 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3720-SPG OPTOWAY-BTR-3720-SPG Datasheet
112Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
More results

Similar Description - BTR-3702MG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTR-3602MG OPTOWAY-BTR-3602MG Datasheet
106Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps RoHS Compliant Single-Fiber MM Transceiver
BTRS-3702MG OPTOWAY-BTRS-3702MG Datasheet
80Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps RoHS Compliant Single-Fiber MM Transceiver
BTRS-3602MG OPTOWAY-BTRS-3602MG Datasheet
80Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps RoHS Compliant Single-Fiber MM Transceiver
BTRS-7600MG OPTOWAY-BTRS-7600MG Datasheet
79Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber MM Transceiver
BTRS-3702MG OPTOWAY-BTRS-3702MG_09 Datasheet
81Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps RoHS Compliant Single-Fiber MMTransceiver
BTR-5601MG OPTOWAY-BTR-5601MG Datasheet
104Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber MM Transceiver
BTRS-7600MG OPTOWAY-BTRS-7600MG_09 Datasheet
80Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber MM Transceiver
BTRS-7700MG OPTOWAY-BTRS-7700MG Datasheet
79Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber MM Transceiver
BTRS-7640CG OPTOWAY-BTRS-7640CG Datasheet
118Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3740G OPTOWAY-BTR-3740G Datasheet
112Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com