Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTR-5740-SPG Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # BTR-5740-SPG
Description  1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTR-5740-SPG Datasheet(HTML) 3 Page - Optoway Technology Inc

  BTR-5740-SPG Datasheet HTML 1Page - Optoway Technology Inc BTR-5740-SPG Datasheet HTML 2Page - Optoway Technology Inc BTR-5740-SPG Datasheet HTML 3Page - Optoway Technology Inc BTR-5740-SPG Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Optoway
BTR-5740G
***********************************************************************************************************************************************************************
*************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw 10/1/2005 V3.0
3
CONNECTION DIAGRAM
Receiver Signal Ground
1 (Rx GND)
Receiver Data Out
2 (RD+)
N/C
Receiver Data Out Bar
3 (RD
−)
Signal Detect
4 (SD)
Receiver Power Supply
5 (Rx Vcc)
TOP VIEW
Transmitter Power Supply
6 (Tx Vcc)
Transmitter Data In Bar
7 (TD
−)
Transmitter Data In
8 (TD+)
N/C
Transmitter Signal Ground
9 (Tx GND)
PIN
Symbol
Notes
1
Rx GND
Directly connect this pin to the receiver ground plane
2
RD+
See recommended circuit schematic
3
RD
See recommended circuit schematic
4
SD
Active high on this indicates a received optical signal
5
Rx Vcc
+3.3V dc power for the receiver section
6
Tx Vcc
+3.3V dc power for the transmitter section
7
TD
See recommended circuit schematic
8
TD+
See recommended circuit schematic
9
Tx GND
Directly connect this plan to the trransmitter ground plane
RECOMMENDED CIRCUIT SCHEMATIC
The split-load terminations for ECL signals need to be located at the input of devices receiving those ECL signals. The power
supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc and Tx
Vcc. A GND plane under the module is required for good EMI and sensitivity performance.


Similar Part No. - BTR-5740-SPG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTR-5720-SPG OPTOWAY-BTR-5720-SPG Datasheet
112Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5720A-SPG OPTOWAY-BTR-5720A-SPG Datasheet
112Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5720AG OPTOWAY-BTR-5720AG Datasheet
112Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5720G OPTOWAY-BTR-5720G Datasheet
112Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5780-1510-SPG OPTOWAY-BTR-5780-1510-SPG Datasheet
113Kb / 4P
   1510 nm TX/ 1590 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
More results

Similar Description - BTR-5740-SPG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-5740G OPTOWAY-BTRS-5740G Datasheet
131Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5720G OPTOWAY-BTR-5720G Datasheet
112Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5620G OPTOWAY-BTRS-5620G_09 Datasheet
130Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5620G OPTOWAY-BTRS-5620G Datasheet
130Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5740G OPTOWAY-BTRS-5740G_09 Datasheet
131Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5620G OPTOWAY-BTR-5620G Datasheet
111Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5640G OPTOWAY-BTR-5640G Datasheet
109Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5640G OPTOWAY-BTRS-5640G Datasheet
130Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5720G OPTOWAY-BTRS-5720G Datasheet
131Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5640G OPTOWAY-BTRS-5640G_09 Datasheet
130Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com