Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTR-7820G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # BTR-7820G
Description  1310 nm TX / 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTR-7820G Datasheet(HTML) 1 Page - Optoway Technology Inc

  BTR-7820G Datasheet HTML 1Page - Optoway Technology Inc BTR-7820G Datasheet HTML 2Page - Optoway Technology Inc BTR-7820G Datasheet HTML 3Page - Optoway Technology Inc BTR-7820G Datasheet HTML 4Page - Optoway Technology Inc BTR-7820G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
BTR-7820G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005
V2.0
1
BTR-7820G / BTR-7820-SPG / BTR-7820AG / BTR-7820A-SPG
1310 nm TX / 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
**********************************************************************************************************************************************************************
FEATURES
l Bi-Directional Single-Fiber Transceiver
l Compliant with IEEE 802.3ah-2004 1000BASE
l 1310 nm LD Transmitter
l 1490 nm Receiver
l 1550 nm Enhanced Band Block
l 14 dB Power Budget At Least
l Link distance up to 20 km
l Industry Standard 1 x 9 Footprint
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating: BTR-7820G
l -20 to 85oC Operating: BTR-7820AG
l LVPECL Differential Inputs and Outputs
l LVPECL Signal Detect Output: BTR-7820G
l LVTTL Signal Detect Output : BTR-7820CG
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC- 60825
Compliant
APPLICATIONS
l WDM 1.25 Gb/s Links
l SONET/SDH Equipment Interconnect
l Fibre Channel 1.063 Gb/s Links
DESCRIPTION
The BTR-7820G series is high performance module for
single fiber communications by using 1310 nm transmitter
and 1490 nm receiver. This module is equipped with
3W-TRX
TM OE device to reject 1.55 um high power video
signal. The transmitter section uses a multiple quantum
well laser
and is a class 1 laser compliant according to
International Safety Standard IEC-60825. The receiver
section is designed to receive 1490 nm and block 1550 nm
signal. This feature is suitable for IEEE 802.3ah and ITU-T
983.3 application. The receiver section uses an integrated
1490 nm detector preamplifier (IDP) mounted in an optical
header and a limiting post-amplifier IC. A PECL logic
interface simplifies interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
1000
BASE
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Voltage
(V)
Package
Temp
(
oC)
TX
Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
BTR-7820G
BX
1.25
20
1310
1490
3.3
1X9
0 to 70
-3 to -8
-22
Yes
BTR-7820AG
BX
1.25
20
1310
1490
3.3
1X9
-20 to 85
-3 to -8
-22
Yes
Note: 1. BTR-XXXXXG is SC/PC receptacle type package with standard case
2. BTR-XXXXX-APBBBG is pigtail type package with different connector, A=S is SC connector, A=F is FC
connector, A=T is ST connector, A=L is LC connector, A=M is MU connector; BBB is the length of fiber in cm.


Similar Part No. - BTR-7820G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTR-7810-SPG OPTOWAY-BTR-7810-SPG Datasheet
82Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7810A-SPG OPTOWAY-BTR-7810A-SPG Datasheet
82Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7810AG OPTOWAY-BTR-7810AG Datasheet
82Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7810G OPTOWAY-BTR-7810G Datasheet
82Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7840-SPG OPTOWAY-BTR-7840-SPG Datasheet
79Kb / 4P
   1310 nm TX/ 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
More results

Similar Description - BTR-7820G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTR-7860G OPTOWAY-BTR-7860G Datasheet
79Kb / 4P
   1310 nm TX/ 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7940G OPTOWAY-BTR-7940G Datasheet
80Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7810G OPTOWAY-BTR-7810G Datasheet
82Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7920G OPTOWAY-BTR-7920G Datasheet
81Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7840G OPTOWAY-BTR-7840G Datasheet
79Kb / 4P
   1310 nm TX/ 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7910G OPTOWAY-BTR-7910G Datasheet
81Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7960G OPTOWAY-BTR-7960G Datasheet
80Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7710G OPTOWAY-BTR-7710G Datasheet
82Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7760G OPTOWAY-BTR-7760G Datasheet
78Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7640G OPTOWAY-BTR-7640G Datasheet
78Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com