Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTR-7920A-SPG Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # BTR-7920A-SPG
Description  1490 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTR-7920A-SPG Datasheet(HTML) 3 Page - Optoway Technology Inc

  BTR-7920A-SPG Datasheet HTML 1Page - Optoway Technology Inc BTR-7920A-SPG Datasheet HTML 2Page - Optoway Technology Inc BTR-7920A-SPG Datasheet HTML 3Page - Optoway Technology Inc BTR-7920A-SPG Datasheet HTML 4Page - Optoway Technology Inc BTR-7920A-SPG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Optoway
BTR-7920G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005
V2.0
3
Receiver Specifications (0
oC < Topr < 70oC, 3.13 V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Sensitivity
---
---
---
-22
dBm
1
Maximum Input Power
Pin
-3
---
---
dBm
Signal Detect -- Asserted
Pa
---
---
-22
dBm
Transition: low to high
Signal Detect -- Deasserted
Pd
-31
---
---
dBm
Transition: high to low
Signal detect -- Hysteresis
1.0
---
dB
Wavelength of Operation
1260
1360
nm
2
Optical Return Loss
ORL
14
dB
Electrical
Data Output Voltage – Low
VOL - VCC
-2.0
-1.58
V
3
Data Output Voltage – High
VOH - VCC
-1.1
-0.74
V
3
SD Output Voltage -- Low
VOL - VCC
-2.0
-1.58
V
SD Output Voltage -- High
VOH - VCC
-1.1
-0.74
V
BTR-7920G
SD Output Voltage -- Low
VOL
0
0.8
V
SD Output Voltage -- High
VOH
2.0
Vcc+0.3
V
BTR-7920CG
Notes: 1. Minimum sensitivity and saturation levels at BER 1E-12 for a 2
7-1 PRBS.
2. At least 30 dB optical isolation for the wavelength 1480 to 1580 nm.
3. These outputs are compatible with 10K, 10KH and 100K ECL and LVPECL outputs.
CONNECTION DIAGRAM
Receiver Signal Ground
1 (Rx GND)
Receiver Data Out
2 (RD+)
N/C
Receiver Data Out Bar
3 (RD
−)
Signal Detect
4 (SD)
Receiver Power Supply
5 (Rx Vcc)
TOP VIEW
Transmitter Power Supply
6 (Tx Vcc)
Transmitter Data In Bar
7 (TD
−)
Transmitter Data In
8 (TD+)
N/C
Transmitter Signal Ground
9 (Tx GND)
PIN
Symbol
Notes
1
Rx GND
Directly connect this pin to the receiver ground plane
2
RD+
See recommended circuit schematic
3
RD
See recommended circuit schematic
4
SD
Active high on this indicates a received optical signal
5
Rx Vcc
+3.3V dc power for the receiver section
6
Tx Vcc
+3.3V dc power for the transmitter section
7
TD
See recommended circuit schematic
8
TD+
See recommended circuit schematic
9
Tx GND
Directly connect this plan to the trransmitter ground plane


Similar Part No. - BTR-7920A-SPG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTR-7910-SPG OPTOWAY-BTR-7910-SPG Datasheet
81Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7910A-SPG OPTOWAY-BTR-7910A-SPG Datasheet
81Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7910AG OPTOWAY-BTR-7910AG Datasheet
81Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7910G OPTOWAY-BTR-7910G Datasheet
81Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7940-SPG OPTOWAY-BTR-7940-SPG Datasheet
80Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
More results

Similar Description - BTR-7920A-SPG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTR-7860G OPTOWAY-BTR-7860G Datasheet
79Kb / 4P
   1310 nm TX/ 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7940G OPTOWAY-BTR-7940G Datasheet
80Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7810G OPTOWAY-BTR-7810G Datasheet
82Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7840G OPTOWAY-BTR-7840G Datasheet
79Kb / 4P
   1310 nm TX/ 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7820G OPTOWAY-BTR-7820G Datasheet
82Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7910G OPTOWAY-BTR-7910G Datasheet
81Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7960G OPTOWAY-BTR-7960G Datasheet
80Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7710G OPTOWAY-BTR-7710G Datasheet
82Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7760G OPTOWAY-BTR-7760G Datasheet
78Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7640G OPTOWAY-BTR-7640G Datasheet
78Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com