Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBC1H101MNS Datasheet(PDF) 1 Page - Nichicon corporation

Part # UBC1H101MNS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UBC1H101MNS Datasheet(HTML) 1 Page - Nichicon corporation

  UBC1H101MNS Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Item
Performance Characteristics
ALUMINUM ELECTROLYTIC CAPACITORS
BC
series
Chip Type , High Temperature Range,
Vibration Resistance
Highly dependable reliability withstanding load life of
1000 hours at +150°C.
Suited for automobile electronics where heavy duty
services are indispensable.
Adapted to the RoHS directive (2002/95/EC).
Dimensions
Endurance
tan
δ
Stability at Low Temperature
After 1000 hours' application of rated voltage at 150°C, capacitors
meet the characteristics requirements listed at right.
86444
Z
40°C / Z+20°C
Rated voltage (V)
– 55 ~ +150°C
10 ~ 50V
100 ~ 3300µF
± 20% at 120Hz, 20°C
Rated voltage (V)
Impedance ratio
(MAX.)
After storing the capacitors under no load at 150°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Black print on the case top.
After 1 minutes' application of rated voltage, leakage current is not more than 0.03CV or 4 (µA), whichever is greater.
tan
δ (MAX.)
10
16
25
35
50
120Hz
0.22
0.18
0.16
0.14
0.12
10
16
25
35
50
120Hz 20
°C
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Shelf Life
Marking
Specifications
Type numbering system (Example : 10V 1000µF)
Chip Type
Taping specifications are given in page 22.
Recommended land size, soldering by reflow are given
in page 25, 26.
Please refer to page 3 for the minimum order quantity.
Frequency coefficient of rated ripple current
Coefficient
120 Hz
300 Hz
1 kHz
10 kHz~
0.67
0.79
0.91
1.00
Frequency
100
220
330
470
680
1000
2200
3300
10
16
25
35
50
1A
1C
1E
1V
1H
101
221
331
471
681
102
222
332
12.5
× 13.5
12.5
× 13.5
18
× 21.5
18
× 21.5
12.5
× 13.5
12.5
× 13.5
16
× 16.5
18
× 21.5
12.5
× 13.5
12.5
× 13.5
16
× 16.5
16
× 21.5
12.5
× 13.5
12.5
× 13.5
16
× 16.5
16
× 21.5
18
× 21.5
12.5
× 13.5
16
× 16.5
16
× 21.5
16
× 21.5
18
× 21.5
800
900
1350
1400
750
800
850
1350
650
700
800
1000
550
650
750
950
1150
420
550
650
850
1100
V
Cap.(
µF)
Code
Rated
ripple
Case size
φ D × L (mm)
Within ±30% of initial value
300% or less of initial specified value
Initial specified value or less
Capacitance change
Leakage current
tan
δ
BC
UE
High
Te m p e rature
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Rated Ripple (mArms) at 150°C 100kHz
CAT.8100V-1


Similar Part No. - UBC1H101MNS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UBC1H101MNS1GS NICHICON-UBC1H101MNS1GS Datasheet
45Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBC1H101MNS1MS NICHICON-UBC1H101MNS1MS Datasheet
46Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBC1H101MNS1MS NICHICON-UBC1H101MNS1MS Datasheet
45Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UBC1H101MNS

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com