Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # BAT54
Description  SCHOTTKY DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BAT54 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  BAT54 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2. 4
1. 3
BAT54-A-C-S SCHOTTKY DIODE
FEATURES
Power dissipation
PD:
200
mW (Tamb=25
℃)
Forward Current
IF:
200
m A
Reverse Voltage
VR:
30
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
BAT54 Marking: KL1
BAT54A Marking: KL2
BAT54C Marking: KL3
BAT54S Marking: KL4
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR)
IR= 100
µA
30
V
Reverse voltage
leakage current
IR
VR=25V
2
µA
Forward
voltage
VF
IF=0.1mA
IF=1mA
IF=10mA
IF=30mA
IF=100mA
240
320
400
500
1000
mV
Diode
capacitance
CD
VR=1V, f=1MHz
10
pF
Reverse recovery time
t r r
IF =10mA through IR=10mA
to IR=1.0mA RC=100Ω
5
nS
Unit : mm
SOT-23


Similar Part No. - BAT54

ManufacturerPart #DatasheetDescription
logo
Dc Components
BAT54 DCCOM-BAT54 Datasheet
254Kb / 2P
   TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
logo
FutureWafer Tech Co.,Lt...
BAT54 FUTUREWAFER-BAT54 Datasheet
1Mb / 15P
   Surface Mount Schottky Barrier Diode
07-DEC-2021 V 2.1
logo
Pan Jit International I...
BAT54 PANJIT-BAT54 Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Guilin Strong Micro-Ele...
BAT54 GSME-BAT54 Datasheet
255Kb / 2P
   SCHOTTKY DIODE
logo
Diodes Incorporated
BAT54 DIODES-BAT54 Datasheet
277Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
More results

Similar Description - BAT54

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
   Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
   SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
   SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
   Schottky Diode
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
   SCHOTTKY DIODE
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
   SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
   SCHOTTKY DIODE
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
   SCHOTTKY DIODE
logo
SHENZHEN YONGERJIA INDU...
BAS40 WINNERJOIN-BAS40 Datasheet
76Kb / 1P
   SCHOTTKY DIODE
BAS70-04 WINNERJOIN-BAS70-04 Datasheet
124Kb / 2P
   SCHOTTKY DIODE
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
   Schottky Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com