Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBX1V221MHL Datasheet(PDF) 1 Page - Nichicon corporation

Part # UBX1V221MHL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UBX1V221MHL Datasheet(HTML) 1 Page - Nichicon corporation

  UBX1V221MHL Datasheet HTML 1Page - Nichicon corporation UBX1V221MHL Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
U
1
B
2
X
3
1
4
A
5
3
6
3
7
2
8
M
9
H
10
L
11
Configuration
Capacitance tolerance (±20%)
Rated Capacitance (3300µF)
Rated voltage (10V)
Series name
Type
BD
10
Code
PL
12.5 ~ 18
HL
BD
P
Bd
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
15MIN
4MIN
Rated Capacitance
Trade mark
Series
Laminated case
Rated Voltage
Lot No.
Pressure
relief vent
Bd
L+1.5MAX.
(mm)
BX
series
High Temperature Range, For +150°C Use
Laminated case series.
Suited for automobile electronics where heavy duty services are indispensable.
Adapted to the RoHS directive (2002/95/EC).
Radial Lead Type
Type numbering system (Example : 10V 3300µF)
BX
BW
Dimension table in next page.
High
Te m p e rature
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Item
Performance Characteristics
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Marking
– 55 ~ +150°C (10 ~ 100V), – 40 ~ +150°C (160 · 200V), – 25 ~ +150°C (350 · 400V),
10 ~ 400V
1 ~ 4700µF
± 20% at 120Hz, 20°C
Black print on the case top.
Capacitance change
Leakage current
After an application of D.C. bias voltage plus the rated ripple
current for 2000 hours (1000 hours for
φD =10 and 12.5) at
150°C the peak voltage shall not exceed the rated D.C. voltage,
capacitors meet the characteristics requirements listed at right.
Dissipation Factor
Within ±30% of initial value (10 ~ 100V)
Within ±20% of initial value (160 ~ 400V)
300% or less of initial specified value (10 ~ 100V)
200% or less of initial specified value(160 ~ 400V)
Initial specified value or less
120Hz
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
120Hz 20°C
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Rated voltage (V)
tan
δ (MAX.)
10
0.20
16
0.16
25
0.14
35
0.12
50
0.10
63
0.10
80
0.08
100
0.08
160 · 200
0.20
350 · 400
0.24
Impedance ratio
ZT / Z20 (MAX.)
10
3
4
16
2
4
25
2
4
35
2
4
50
2
4
63
2
4
80
2
4
100
2
4
160 · 200
3
6
350 · 400
6
-
Rated Voltage (V)
Leakage current
After 1 minute's application of rated voltage, leakage current
is not more than 0.03CV or 4 (µA), whichever is greater.
160 ~ 400
CV <
= 1000 : I = 0.1CV+40 (µA) max. (1 minute's)
CV > 1000 : I = 0.04CV+100 (µA) max. (1 minute's)
10 ~ 100
• Please refer to page 21 about the end seal configulation.


Similar Part No. - UBX1V221MHL

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UBX-110 ADVANTECH-UBX-110 Datasheet
717Kb / 4P
   8K UHD Hospitality Box Computer with Intel 11th Gen Processor
15-Aug-2023
UBX-110H ADVANTECH-UBX-110H Datasheet
717Kb / 4P
   8K UHD Hospitality Box Computer with Intel 11th Gen Processor
15-Aug-2023
UBX-110H-BCL00 ADVANTECH-UBX-110H-BCL00 Datasheet
717Kb / 4P
   8K UHD Hospitality Box Computer with Intel 11th Gen Processor
15-Aug-2023
UBX-110H-BI300 ADVANTECH-UBX-110H-BI300 Datasheet
717Kb / 4P
   8K UHD Hospitality Box Computer with Intel 11th Gen Processor
15-Aug-2023
UBX-110H-BI500 ADVANTECH-UBX-110H-BI500 Datasheet
717Kb / 4P
   8K UHD Hospitality Box Computer with Intel 11th Gen Processor
15-Aug-2023
More results

Similar Description - UBX1V221MHL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com