Electronic Components Datasheet Search |
|
BTRS-3760A-SPG Datasheet(PDF) 2 Page - Optoway Technology Inc |
|
BTRS-3760A-SPG Datasheet(HTML) 2 Page - Optoway Technology Inc |
2 / 6 page Optoway BTRS-3760G ********************************************************************************************************************************************************************* ********************************************************************************************************************************************************************* OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2005 V3.0 Transmitter Specifications (0 oC < Topr < 70oC, 3.135V < Vcc < 3.465V) Parameter Symbol Min Typ Max Units Notes Optical Optical Transmit Power Po -5 0 dBm 1 Output Center Wavelength λ 1480 1580 nm Output Spectrum Width σλ 1 nm -20 dB Width Extinction Ratio ER 10 dB Output Eye Compliant with Bellcore TR-NWT-000253 and ITU recommendation G.957 Optical Rise Time tr 2 ns 10% to 90% Values Optical Fall Time tf 2 ns 10% to 90% Values Relative Intensity Noise RIN -116 dB/Hz Total Jitter TJ 1 ns 2 Electrical Data Input Current – Low IIL -350 µA Data Input Current – High IIH 350 µA Differential Input Voltage VIH - VIL 300 1600 mV Data Input Voltage – Low VIL - VCC -2.0 -1.58 V 3 Data Input Voltage -- High VIH - VCC -1.1 -0.74 V 3 Disable Input Voltage -- Low VTDIS,L 0 0.8 V TX Output Enabled Disable Input Voltage -- High VTDIS,H Vcc – 1.3 Vcc V TX Ouput Disabled Shut Off Time for TxDis tDIS 1 ms Notes: 1. Output power is power coupled into a 9/125 µm single mode fiber. 2. Measured with a 2 23-1 PRBS with 72 ones and 72 zeros. 3. These inputs are compatible with 10K, 10KH and 100K ECL and LVPECL inputs. Receiver Specifications (0 oC < Topr < 70oC, 3.135 V < Vcc < 3. 465V) Parameter Symbol Min Typ Max Units Notes Optical Sensitivity --- --- --- -34 dBm 1 Maximum Input Power Pin -3 --- --- dBm Signal Detect -- Asserted Pa --- --- -34 dBm Transition: low to high Signal Detect -- Deasserted Pd -43 --- --- dBm Transition: high to low Signal detect -- Hysteresis 1.0 --- 4.0 dB Wavelength of Operation 1260 1360 nm 2 Optical Return Loss ORL 14 dB Electrical Data Output Voltage – Low VOL - VCC -2.0 -1.58 V 3 Data Output Voltage – High VOH - VCC -1.1 -0.74 V 3 SD Output Voltage -- Low VOL - VCC -2.0 -1.58 V 3 SD Output Voltage -- High VOH - VCC -1.1 -0.74 V 3 Signal Detect Assert Time ASMAX 100 µs OFF to ON Signal Detect Deassert Time ANSMAX 300 µs ON to OFF Notes: 1. Minimum sensitivity and saturation levels at BER 1E-10 for a 2 23-1 PRBS with 72 ones and 72 zeros. 2.At least 30 dB optical isolation for the wavelength 1260 to 1360 nm. 3.These inputs are compatible with 10K, 10KH and 100K ECL and LVPECL outputs. |
Similar Part No. - BTRS-3760A-SPG |
|
Similar Description - BTRS-3760A-SPG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |