Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTRS-3780AG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # BTRS-3780AG
Description  1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTRS-3780AG Datasheet(HTML) 1 Page - Optoway Technology Inc

  BTRS-3780AG Datasheet HTML 1Page - Optoway Technology Inc BTRS-3780AG Datasheet HTML 2Page - Optoway Technology Inc BTRS-3780AG Datasheet HTML 3Page - Optoway Technology Inc BTRS-3780AG Datasheet HTML 4Page - Optoway Technology Inc BTRS-3780AG Datasheet HTML 5Page - Optoway Technology Inc BTRS-3780AG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
BTRS-3780G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V3.0
1
BTRS-3780G / BTRS-3780-SPG / BTRS-3780AG / BTRS-3780A-SPG
1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
**********************************************************************************************************************************************************************
FEATURES
l Single Fiber SFF Bi-Directional Transceiver
l 1550 nm DFB LD Transmitter
l 1310 nm Receiver
l Distance Up to 80 km
l Single +3.3 V Power Supply
l RoHS Compliant
l PECL Differential Inputs and Outputs
l 0 to 70oC Operating Temperature: BTRS-3780G
l -20 to 85oC Operating Temperature: BTRS-3780AG
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l WDM 155 Mb/s Links
l SONET/SDH Equipment Interconnect
l Fast Ethernet 100 Mb/s Links
DESCRIPTION
The BTRS-3780G series is high performance module for
single fiber communications by using 1550 nm transmitter
and 1310 nm receiver. The transmitter section uses a
multiple quantum well laser and is a class 1 laser compliant
according to International Safety Standard IEC-60825. The
receiver section uses an integrated 1310 nm detector
preamplifier (IDP) mounted in an optical header and a
limiting post-amplifier IC. A PECL logic interface
simplifies interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Voltage
(V)
Package
Temp
(
oC)
TX
Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
BTRS-3780G
125/155
80
1550 DFB
1310
3.3
2X5 SC
0 to 70
2 to -3
-34
Yes
BTRS-3780AG
125/155
80
1550 DFB
1310
3.3
2X5 SC
-20 to 85
2 to -3
-34
Yes
Note: 1. BTRX-XXXXXG is receptacle type package with standard case
2. BTRX-XXXXXEG is receptacle type package with extended case
3. BTRX-XXXXX-APBBBG is pigtail type package with different connector, A=S is SC connector, A=F is FC
connector, A=T is ST connector, A=L is LC connector, A=M is MU connector; BBB is the length of fiber in cm.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
-20
70
85
oC
BTRS-3780G
BTRS-3780AG
Soldering Temperature
---
260
oC
10 seconds on leads only
Power Supply Voltage
Vcc
0
4.5
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.135
3.3
3.465
V
Operating Temperature
Topr
0
-20
70
85
oC / BTRS-3780G
oC / BTRS-3780AG
Data Rate
155
170
Mb/s
Power Supply Current
Icc
280
mA


Similar Part No. - BTRS-3780AG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-3780AG OPTOWAY-BTRS-3780AG Datasheet
141Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
More results

Similar Description - BTRS-3780AG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-3720G OPTOWAY-BTRS-3720G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3680G OPTOWAY-BTRS-3680G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3740G OPTOWAY-BTRS-3740G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3620G OPTOWAY-BTRS-3620G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3660G OPTOWAY-BTRS-3660G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3780G OPTOWAY-BTRS-3780G_09 Datasheet
141Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3740G OPTOWAY-BTRS-3740G Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3620G OPTOWAY-BTRS-3620G Datasheet
128Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3680G OPTOWAY-BTRS-3680G Datasheet
128Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com