Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD437 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # BD437
Description  Plastic-Encapsulated Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BD437 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  BD437 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-126 Plastic-Encapsulated Transistors
BD433/435/437 TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
1.25
W (Tamb=25
℃)
Collector current
ICM:
4
A
Collector-base voltage
V(BR)CBO:
BD433
22 V
BD435
32 V
BD437
45 V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
BD433
Ic=
100µA, IE=0
BD435
BD437
22
32
45
V
Collector-emitter breakdown voltage
V(BR)CEO
BD433
Ic=
100mA, IB=0
BD435
BD437
22
32
45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA, IC=0
5
V
Collector cut-off current
ICBO
VCB=22V, IE=0
BD433
VCB=32V, IE=0
BD435
VCB=45V, IE=0
BD437
1
µA
Collector cut-off current
ICEO
VCE=22V, IE=0
BD433
VCE=32V, IE=0
BD435
VCE=45V, IE=0
BD437
10
µA
Emitter cut-off current
IEBO
VEB=5V, IE=0
1
µA
hFE(1)
VCE=1V, IC=500mA
85
hFE(2)
VCE=5V, IC=10mA
BD433/BD435
BD437
40
30
DC current gain
hFE(3)
VCE=1V, IC=2A
BD433/BD435
BD437
50
40
Collector-emitter saturation voltage
VCE(sat)
IC=2A, IB=0.2A
BD433/BD435
BD437
0.5
0.6
V
Base-emitter voltage
VBE
VCE=1V, IC=2A
BD433/BD435
BD437
1.1
1.2
V
Transition frequency
fT
VCE=1V, IC=250mA
3
MHz
1 2 3
TO-126
1. EMITTER
2. COLLECTOR
3. BASE
Transys
Electronics
LI M ITE D


Similar Part No. - BD437

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD437 MOTOROLA-BD437 Datasheet
106Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
Inchange Semiconductor ...
BD437 ISC-BD437 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
STMicroelectronics
BD437 STMICROELECTRONICS-BD437 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Comset Semiconductor
BD437 COMSET-BD437 Datasheet
74Kb / 3P
   SILICON NPN POWER TRANSISTORS
logo
Siemens Semiconductor G...
BD437 SIEMENS-BD437 Datasheet
183Kb / 5P
   PNP SILICON EPIBASE TRANSISTORS
More results

Similar Description - BD437

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
   Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
TIP31 TEL-TIP31 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
   Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
   Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com