Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD678A Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # BD678A
Description  PNP DARLIGNTON POWER SILICON TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BD678A Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  BD678A Datasheet HTML 1Page - TRANSYS Electronics Limited BD678A Datasheet HTML 2Page - TRANSYS Electronics Limited BD678A Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP DARLIGNTON POWER SILICON TRANSISTORS
BD676, 676A
BD678, 678A
BD680, 680A
BD682, 684
TO126
Plastic Package
DESCRIPTION
SYMBOL
TEST CONDITION
BD676
BD678
BD680 BD682 BD684
UNIT
BD676A BD678A BD680A
Collector Emitter Saturation Voltage
VCE(sat)*
NON A
IC=1.5A, IB=30mA
<-----------------<2.5 -------------->
V
A
IC=2.0A, IB=40mA
<---------------<2.8------------->
V
Base Emitter on Voltage
VBE (on)*
NON A
IC=1.5A, VCE=3V
<-----------------<2.5 -------------->
V
A
IC=2A, VCE=3V
<-----------------<2.5 -------------->
V
Small Signal Current Gain
IhfeI
IC=1.5A, VCE=3V
<------------------ >1.0------------------>
f=1MHz
*Pulse Condition: Width = 300
µs, Duty Cycle < 2%.
B
C
E


Similar Part No. - BD678A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD678A MOTOROLA-BD678A Datasheet
110Kb / 4P
   Plastic Medium-Power Silicon PNP Darlingtons
logo
ON Semiconductor
BD678A ONSEMI-BD678A Datasheet
153Kb / 6P
   Medium Power Linear and Switching
Rev. B, September 2002
logo
STMicroelectronics
BD678A STMICROELECTRONICS-BD678A Datasheet
87Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Fairchild Semiconductor
BD678A FAIRCHILD-BD678A Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
logo
STMicroelectronics
BD678A STMICROELECTRONICS-BD678A Datasheet
252Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results

Similar Description - BD678A

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BD676 CDIL-BD676 Datasheet
123Kb / 4P
   PNP DARLIGNTON POWER SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com