Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTRS-9640-SPG Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # BTRS-9640-SPG
Description  1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTRS-9640-SPG Datasheet(HTML) 4 Page - Optoway Technology Inc

  BTRS-9640-SPG Datasheet HTML 1Page - Optoway Technology Inc BTRS-9640-SPG Datasheet HTML 2Page - Optoway Technology Inc BTRS-9640-SPG Datasheet HTML 3Page - Optoway Technology Inc BTRS-9640-SPG Datasheet HTML 4Page - Optoway Technology Inc BTRS-9640-SPG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optoway
BTRS-9640G
**********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V1.0
4
PACKAGE DIAGRAM
Units in mm
1) SC Receptacle
A) Standard Case
BTRS-9640G
B) Extended Case
BTRS-9640EG


Similar Part No. - BTRS-9640-SPG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-9640-SPG OPTOWAY-BTRS-9640-SPG Datasheet
119Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-FiberWDM Transceiver
More results

Similar Description - BTRS-9640-SPG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-9605G OPTOWAY-BTRS-9605G Datasheet
118Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
BTRS-9705G OPTOWAY-BTRS-9705G Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
BTRS-9740G OPTOWAY-BTRS-9740G Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
BTRS-9720G OPTOWAY-BTRS-9720G Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
BTRS-9620G OPTOWAY-BTRS-9620G Datasheet
118Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
BTRS-9700MG OPTOWAY-BTRS-9700MG Datasheet
79Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber MM Transceiver
BTRS-9600MG OPTOWAY-BTRS-9600MG_09 Datasheet
79Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber MM Transceiver
BTRS-9720G OPTOWAY-BTRS-9720G_09 Datasheet
119Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-FiberWDM Transceiver
BTRS-9605G OPTOWAY-BTRS-9605G_09 Datasheet
119Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-FiberWDM Transceiver
BTRS-9620G OPTOWAY-BTRS-9620G_09 Datasheet
119Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-FiberWDM Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com