Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCJ1H471MCL Datasheet(PDF) 1 Page - Nichicon corporation

Part # UCJ1H471MCL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCJ1H471MCL Datasheet(HTML) 1 Page - Nichicon corporation

  UCJ1H471MCL Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6.3
× 8.7
8
× 10
10
× 10
10
× 10
95
250
400
400
-
6.0
4.5
4.5
14
2.0
1.5
1.5
6.3
× 8.7
8
× 10
10
× 10
10
× 10
95
250
400
400
-
6.0
4.5
4.5
14
2.0
1.5
1.5
6.3
× 8.7
6.3
× 8.7
6.3
× 8.7
8
× 10
10
× 10
10
× 10
95
95
95
250
400
400
-
-
-
6.0
4.5
4.5
14
14
14
2.0
1.5
1.5
6.3
× 8.7
6.3
× 8.7
6.3
× 8.7
6.3
× 8.7
10
× 10
10
× 10
95
95
95
95
400
400
-
-
-
-
4.5
4.5
14
14
14
14
1.5
1.5
6.3
× 8.7
6.3
× 8.7
8
× 10
10
× 10
10
× 10
95
95
200
330
330
-
-
6.0
4.5
4.5
14
14
2.0
1.5
1.5
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz~
0.35
0.50
0.64
0.83
1.00
Series
Capacitance
Voltage( C : 16V )
Lot No.
Lot No.
Plastic platform
0.3MAX.
C±0.2
H
H
Positive
Negative
Plastic platform
0.3MAX.
C±0.2
Positive
Negative
U
1
C
2
J
3
1
4
A
5
1
6
0
7
1
8
M
9
C
10
L
11
1
12
G
13
S
14
Configuration
Taping code
Capacitance tolerance (±20%)
Rated Capacitance (100mF)
Rated voltage (10V)
Series name
Type
L±0.3
L±0.5
6.3 ´ 8.7
fD ´ L
A
B
C
E
2.4
6.6
6.6
2.2
8 ´ 10
2.9
8.3
8.3
3.1
10 ´ 10
3.2
10.3
10.3
4.5
L
8.7
10
10
H
0.5 ~ 0.8 0.8 ~ 1.1 0.8 ~ 1.1
(mm)
Series
Capacitance
Trade mark
Voltage( V : 35V )
CJ
series
Chip Type, High Reliability.
Low temperature ESR specification.
Chip type, high temperature range, for +125°C use.
Added ESR specification after the test at – 40°C
(
φ6.3 sizes provide only for the first stage. )
Applicable to automatic mounting machine using carrier tape.
Adapted to the RoHS directive (2002/95/EC).
Chip Type
(
φ6.3 × 8.7)
(
φ8 × 10, φ10 × 10)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Resistance to soldering
heat
Marking
Performance Characteristics
Item
– 40 ~ +125°C
10 ~ 50V
10 ~ 470µF
± 20% at 120Hz, 20°C
After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4(µA) , whichever is greater.
Black print on the case top.
Measurement frequency : 120Hz
After 2000 hours' application of rated voltage at
125°C, capacitors meet the characteristic
requirements listed at right.
After storing the capacitors under no load at 125°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
10
12
16
8
25
6
35
4
50
4
CJ
Type numbering system (Example : 10V 100µF)
The capacitors shall be kept on the hot plate maintained at 250°C
for 30 seconds. After removing from the hot plate and restored
at room temperature, they meet the characteristic requirements
listed at right.
Max. ESR (
Ω) at -40°C 100kHz, Rated Ripple (mArms) at 125°C 100kHz
Dimensions
10
22
33
47
100
220
330
470
100
220
330
470
101
221
331
471
1A
1C
1E
1V
1H
10
16
25
35
50
V
Code
Cap.(µF)
Rated voltage (V)
tan
δ (MAX.)
10
0.32
16
0.24
25
0.21
35
0.18
50
0.18
Measurement frequency : 120Hz, Temperature : 20°C
Capacitance change
Leakage current
tan
δ
Within ±10% of initial value
Initial specified value or less
Initial specified value or less
Capacitance change
Leakage current
tan
δ
Within ±30% of initial value
Initial specified value or less
300% or less of intial specified value
ALUMINUM ELECTROLYTIC CAPACITORS
Added ESR specification
at – 40°C
Taping specifications are given in page 24.
Recommended land size, soldering by reflow are given in page 25, 26.
Please refer to page 3 for the minimum order quantity.
Rated
ripple
Initial
ESR
after
torture
test
UB
Case size
φ D × L
(mm)
CAT.8100V-2


Similar Part No. - UCJ1H471MCL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UCJ1A101MCL1GS NICHICON-UCJ1A101MCL1GS Datasheet
42Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UCJ1V221MCL1GS NICHICON-UCJ1V221MCL1GS Datasheet
43Kb / 1P
   Chip Type, High Reliability. Low temperature ESR specification.
UCJ1V470MCL1GS NICHICON-UCJ1V470MCL1GS Datasheet
42Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UCJ1H471MCL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com