Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR12060R Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # MBR12060R
Description  SCHOTTKY DIODES MODULE TYPE 120A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

MBR12060R Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  MBR12060R Datasheet HTML 1Page - TRANSYS Electronics Limited MBR12060R Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
High Surge Capability
Maximum Ratings
Operating Temperature: -40 C to
+175
Storage Temperature: -40 C to
+175
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
120A
TC =136
Peak Forward Surge
Current
IFSM
2000A
8.3ms , half sine
Maximum
Instantaneous
Forward Voltage
VF
0.65V
I FM =120 A; T = 25
IR
mA
TJ = 25
TJ =
Types Up to 100V VRRM
Maximum Thermal
Resistance Junction
To Case
R j c
/W
m A
SCHOTTKY DIODES MODULE TYPE 120A
HALF PACKAGE
K
K
B
B
D
D
G
G
J
J
F
F
H
H
L
L
E
E
A
A
C
C
Baseplate
Common Cathode
Baseplate
R=Common Anode
20V
30V
35V
40V
45V
60V
80V
100V
14V
21V
25V
28V
32V
42V
56V
70V
20V
30V
35V
40V
45V
60V
80V
100V
MBR12020( R )
MBR12030( R )
MBR12035( R )
MBR12040( R )
MBR12045( R )
MBR12060( R )
MBR12080( R )
MBR120100( R )
0.75V
0.84V
4.0
250
125
0.8
j
(MBR12020~MBR12045)
(MBR12060)
(MBR12080~MBR120100)
MBR12020(R)
THRU
MBR120100(R)
120Amp Rectifier
20-100 Volts
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
¼
B
C
.595
E
F
G
H
1/4
.156
.725
1.560
.540
K
L
1.515
19.69
.625
.1.182
.152
1.192
.160
- 20
.495
.745
.580
.755
.160
.505
18.42
38.48
15.11
30.02
18.92
13.72
UNC
3.86
3.96
12.57
39.62
.775
15.88
30.28
19.18
14.73
4.061
- 2B
4.06
12.83
J
3.30
3.05
.130
.120
D
Pulse Test: Pulse Width 300 usec,Duty Cycle
2%
NOTE :
(1)
<
NOTE (1)
Voltage
Maximum
Instantaneous
Reverse Current At
Rated DC Blocking
NOTE (1)
Transys
Electronics
LI M ITE D


Similar Part No. - MBR12060R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR12060 MCC-MBR12060 Datasheet
412Kb / 3P
   120 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
TRANSYS Electronics Lim...
MBR12060CT TEL-MBR12060CT Datasheet
133Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 120A
logo
Naina Semiconductor ltd...
MBR12060CT NAINA-MBR12060CT Datasheet
137Kb / 2P
   Silicon Schottky Diode, 120A
logo
America Semiconductor, ...
MBR12060CT AMERICASEMI-MBR12060CT Datasheet
439Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBR12060CT GENESIC-MBR12060CT Datasheet
472Kb / 3P
   Silicon Power Schottky Diode
More results

Similar Description - MBR12060R

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
FSTI12020 TEL-FSTI12020 Datasheet
145Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 120A
MBR12020CT TEL-MBR12020CT Datasheet
133Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 120A
FST12020 TEL-FST12020 Datasheet
145Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 120A
FSTI20020 TEL-FSTI20020 Datasheet
119Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 200A
FST6210L TEL-FST6210L Datasheet
121Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 60A
FST7220L TEL-FST7220L Datasheet
146Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 70A
FST7220SL TEL-FST7220SL Datasheet
144Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 70A
FST7320M TEL-FST7320M Datasheet
146Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 70A
FST7320SL TEL-FST7320SL Datasheet
145Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 70A
FST8320M TEL-FST8320M Datasheet
146Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 80A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com