Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20060CTR Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # MBR20060CTR
Description  SCHOTTKY DIODES MODULE TYPE 200A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

MBR20060CTR Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  MBR20060CTR Datasheet HTML 1Page - TRANSYS Electronics Limited MBR20060CTR Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Case Te mperature -
Figure .2- Forward Derating Curve
0
180
30
60
90
120
0
40
150
Instantaneous Forward Voltage - Volts
Figure .1- Typical Forward Characteristics
Volts
1
100
4
250
500
8
Figure
Peak Forward Surge Current
Number Of Cycles At 60Hz - Cycles
Cycles
2
6
10
20
60 80
40
750
1000
1250
0
1500
0
0.2
0.4
0.6
0.8
1.0
1.2
60
20
MBR20020CT(R) THRU MBR200100CT(R)
80
100
120
1.0
2.0
4.0
6.0
10
20
40
100
60
200
400
600
1000
Figure .4-Typical Reverse Characteristics
Reverse Voltage - Volts
Volts
Tj =125 C
T
J =25
T
J =75
Tj =150 C
40
60
200
100
.1
.2
.4
.6
1
2
4
6
10
20
400
600
.04
.06
1000
.01
.02
2000
Single Phase, Half Wave
60Hz Resistive or Inductive Load
.3-
MBR20060CT
MBR20020CT~
MBR20040CT
MBR20080CT~
MBR200100CT
T
J =25
10
20
30
40
0
50
60
70
80
90
100
8.3ms Single Half
Sine Wave
JEDEC method T
J =25


Similar Part No. - MBR20060CTR

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
MBR20060CTR AMERICASEMI-MBR20060CTR Datasheet
446Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBR20060CTR GENESIC-MBR20060CTR Datasheet
712Kb / 3P
   Silicon Power Schottky Diode
More results

Similar Description - MBR20060CTR

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBRF20020 TEL-MBRF20020 Datasheet
124Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 200A
MBR20020 TEL-MBR20020 Datasheet
121Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 200A
FST20020 TEL-FST20020 Datasheet
144Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 200A
FSTI20020 TEL-FSTI20020 Datasheet
119Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 200A
FST6210L TEL-FST6210L Datasheet
121Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 60A
FST7220L TEL-FST7220L Datasheet
146Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 70A
FST7220SL TEL-FST7220SL Datasheet
144Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 70A
FST7320M TEL-FST7320M Datasheet
146Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 70A
FST7320SL TEL-FST7320SL Datasheet
145Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 70A
FST8320M TEL-FST8320M Datasheet
146Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 80A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com