Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UHE0J122 Datasheet(PDF) 4 Page - Nichicon corporation

Part # UHE0J122
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHE0J122 Datasheet(HTML) 4 Page - Nichicon corporation

  UHE0J122 Datasheet HTML 1Page - Nichicon corporation UHE0J122 Datasheet HTML 2Page - Nichicon corporation UHE0J122 Datasheet HTML 3Page - Nichicon corporation UHE0J122 Datasheet HTML 4Page - Nichicon corporation UHE0J122 Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
HE
series
Case size
fD
´ L
(mm)
Rated ripple
(mArms)
105ûC / 100kHz
20ûC / 100kHz Ð10ûC / 100kHz
Impedance (½) MAX.
35 (1V)
Case size
fD
´ L
(mm)
Rated ripple
(mArms)
105ûC / 100kHz
20ûC / 100kHz Ð10ûC / 100kHz
Impedance (½) MAX.
50 (1H)
Standard ratings
V (Code)
Item
Code
Cap.(µF)
: In this case, 6 will be put 12th digit type numbering system.
: In this case, 3 will be put 12th digit type numbering system.
0.47
1
2.2
3.3
4.7
10
22
33
47
56
100
120
150
180
220
270
330
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
R47
010
2R2
3R3
4R7
100
220
330
470
560
101
121
151
181
221
271
331
471
561
681
821
102
122
152
182
222
272
332
392
5 ´ 11
6.3 ´ 11
8 ´ 11.5
8 ´ 15
10 ´ 12.5
8´20
10 ´ 16
10 ´ 20
12.5 ´ 15
10 ´ 25
10 ´ 31.5
12.5 ´ 20
16 ´ 15
12.5 ´ 25
18 ´ 15
12.5 ´ 31.5
16 ´ 20
12.5 ´ 35.5
12.5 ´ 40
16 ´ 25
18 ´ 20
16 ´ 31.5
18 ´ 25
16 ´ 35.5
18 ´ 31.5
16 ´ 40
18 ´ 35.5
18 ´ 40
0.58
0.22
0.13
0.087
0.080
0.069
0.060
0.046
0.049
0.042
0.031
0.035
0.042
0.027
0.043
0.024
0.027
0.020
0.017
0.021
0.026
0.017
0.019
0.015
0.015
0.013
0.014
0.012
2.3
0.87
0.52
0.35
0.32
0.27
0.24
0.18
0.16
0.17
0.12
0.12
0.12
0.089
0.11
0.078
0.078
0.065
0.056
0.060
0.067
0.050
0.049
0.044
0.040
0.038
0.038
0.032
210
340
640
840
865
1050
1210
1400
1450
1650
1910
1900
1940
2230
2210
2650
2530
2880
3350
2930
2860
3450
3140
3610
4170
4080
4220
4280
5 ´ 11
5 ´ 11
5 ´ 11
5 ´ 11
5 ´ 11
5 ´ 11
5 ´ 11
6.3 ´ 11
8 ´ 11.5
8 ´ 15
10 ´ 12.5
8 ´ 20
10 ´ 16
10 ´ 20
12.5 ´ 15
10 ´ 25
10 ´ 31.5
12.5 ´ 20
16 ´ 15
12.5 ´ 25
18 ´ 15
12.5 ´ 31.5
12.5 ´ 35.5
16 ´ 20
12.5 ´ 40
16 ´ 25
18 ´ 20
16 ´ 31.5
18 ´ 25
16 ´ 35.5
16 ´ 40
18 ´ 31.5
18 ´ 35.5
18 ´ 40
5.5
4
2.5
2.2
1.9
1.5
0.70
0.30
0.17
0.12
0.12
0.091
0.084
0.060
0.061
0.055
0.043
0.045
0.055
0.034
0.054
0.030
0.025
0.034
0.021
0.025
0.036
0.022
0.026
0.019
0.016
0.021
0.017
0.014
22
16
10
8.8
7.6
6
2.8
1.2
0.68
0.48
0.48
0.36
0.34
0.24
0.20
0.22
0.17
0.15
0.17
0.11
0.15
0.10
0.083
0.10
0.069
0.075
0.097
0.066
0.070
0.057
0.048
0.057
0.046
0.038
17
30
43
53
88
100
180
295
555
730
760
910
1050
1220
1260
1440
1690
1660
1690
1950
1930
2310
2510
2210
2920
2555
2490
3010
2740
3150
3710
3635
3680
3800


Similar Part No. - UHE0J122

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UHE0J122MDD NICHICON-UHE0J122MDD Datasheet
1Mb / 5P
   Miniature Sized, Low Impedance, High Reliability
UHE0J122MED NICHICON-UHE0J122MED Datasheet
1Mb / 5P
   Miniature Sized, Low Impedance, High Reliability
UHE0J122MHD NICHICON-UHE0J122MHD Datasheet
1Mb / 5P
   Miniature Sized, Low Impedance, High Reliability
UHE0J122MPD NICHICON-UHE0J122MPD Datasheet
100Kb / 6P
   ALUMINUM ELECTROLYTIC CAPACITORS
UHE0J122MPD NICHICON-UHE0J122MPD Datasheet
1Mb / 5P
   Miniature Sized, Low Impedance, High Reliability
More results

Similar Description - UHE0J122

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com