Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD914LT1 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # MMBD914LT1
Description  Plastic-Encapsulated Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

MMBD914LT1 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  MMBD914LT1 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mar ki ng 5D
2. 4
1. 3
SOT-23 Plastic-Encapsulated Diodes
MMBD914LT1 SWITCHING DIODE
FEATURES
Power dissipation
PD:
225
mW (Tamb=25
℃)
Forward Current
IF:
200
mA
Reverse Voltage
VR:
75
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR)
IR= 100
µA
75
V
Reverse voltage
leakage current
IR
VR=75V
2.5
µA
Forward
voltage
VF
IF=1mA
IF=10mA
IF=50mA
IF=150mA
715
855
1000
1250
mV
Diode
capacitance
CD
VR=0V, f=1MHz
20
pF
Reverse recovery time
t r r
IF=IR=10mA
VR=5V
RC=100Ω
4
nS
Unit: mm
SOT-23
Transys
Electronics
LI M ITE D


Similar Part No. - MMBD914LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBD914LT1 MOTOROLA-MMBD914LT1 Datasheet
78Kb / 4P
   High-Speed Switching Diode
logo
Leshan Radio Company
MMBD914LT1 LRC-MMBD914LT1 Datasheet
53Kb / 2P
   High-Speed Switching Diode
logo
ON Semiconductor
MMBD914LT1 ONSEMI-MMBD914LT1 Datasheet
52Kb / 3P
   High?뭆peed Switching Diode
January, 2006 ??Rev. 5
logo
WILLAS ELECTRONIC CORP
MMBD914LT1 WILLAS-MMBD914LT1 Datasheet
296Kb / 3P
   High?뭆peed Switching Diode
logo
ON Semiconductor
MMBD914LT1G ONSEMI-MMBD914LT1G Datasheet
52Kb / 3P
   High?뭆peed Switching Diode
January, 2006 ??Rev. 5
More results

Similar Description - MMBD914LT1

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BAS19LT1 TEL-BAS19LT1 Datasheet
61Kb / 1P
   Plastic-Encapsulated Diodes
BAS16T TEL-BAS16T Datasheet
74Kb / 2P
   Plastic-Encapsulated Diodes
BAV70LT1 TEL-BAV70LT1 Datasheet
102Kb / 1P
   Plastic-Encapsulated Diodes
BAV199LT1 TEL-BAV199LT1 Datasheet
62Kb / 1P
   Plastic-Encapsulated Diodes
1SS187 TEL-1SS187 Datasheet
68Kb / 1P
   Plastic-Encapsulated Diodes
MMBD4148A TEL-MMBD4148A Datasheet
103Kb / 1P
   Plastic-Encapsulated Diodes
MC2836 TEL-MC2836 Datasheet
61Kb / 1P
   Plastic-Encapsulated Diodes
BAS516 TEL-BAS516 Datasheet
105Kb / 1P
   Plastic-Encapsulated Diodes
1SS422 TEL-1SS422 Datasheet
100Kb / 2P
   Plastic-Encapsulated Diodes
BAS16LT1 TEL-BAS16LT1 Datasheet
61Kb / 1P
   Plastic-Encapsulated Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com