Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UHE1C562 Datasheet(PDF) 5 Page - Nichicon corporation

Part # UHE1C562
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHE1C562 Datasheet(HTML) 5 Page - Nichicon corporation

  UHE1C562 Datasheet HTML 1Page - Nichicon corporation UHE1C562 Datasheet HTML 2Page - Nichicon corporation UHE1C562 Datasheet HTML 3Page - Nichicon corporation UHE1C562 Datasheet HTML 4Page - Nichicon corporation UHE1C562 Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
HE
series
6.8
15
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
6R8
150
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
5
´ 11
6.3
´ 11
8
´ 11.5
8
´ 15
10
´ 12.5
8
´ 20
10
´ 16
10
´ 20
12.5
´ 15
10
´ 25
10
´ 31.5
12.5
´ 20
16
´ 15
12.5
´ 25
18
´ 15
12.5
´ 31.5
16
´ 20
12.5
´ 35.5
16
´ 25
12.5
´ 40
18
´ 20
16
´ 31.5
18
´ 25
16
´ 35.5
18
´ 31.5
16
´ 40
18
´ 35.5
18
´ 40
2.3
1.2
0.63
0.45
0.43
0.33
0.31
0.21
0.23
0.20
0.15
0.16
0.14
0.12
0.12
0.10
0.091
0.083
0.073
0.071
0.080
0.054
0.057
0.045
0.047
0.040
0.040
0.036
9.3
5.0
2.8
2.1
1.8
1.6
1.5
0.94
1.1
0.84
0.71
0.64
0.66
0.45
0.50
0.42
0.38
0.35
0.27
0.30
0.30
0.20
0.21
0.17
0.17
0.15
0.15
0.13
62
126
260
335
325
408
400
518
527
595
740
765
895
875
1030
1010
1130
1140
1350
1280
1300
1650
1560
1900
1720
2130
1890
2470
5
´ 11
6.3
´ 11
8
´ 11.5
8
´ 15
10
´ 12.5
8
´ 20
10
´ 16
10
´ 20
12.5
´ 15
10
´ 25
10
´ 31.5
12.5
´ 20
16
´ 15
12.5
´ 25
18
´ 15
12.5
´ 31.5
16
´ 20
12.5
´ 35.5
16
´ 25
12.5
´ 40
18
´ 20
16
´ 31.5
18
´ 25
16
´ 35.5
18
´ 31.5
16
´ 40
18
´ 35.5
18
´ 40
2.3
1.2
0.63
0.45
0.43
0.33
0.31
0.21
0.23
0.20
0.15
0.16
0.14
0.12
0.12
0.10
0.091
0.083
0.073
0.071
0.080
0.054
0.057
0.045
0.047
0.040
0.040
0.036
9.3
5.0
2.8
2.1
1.8
1.6
1.5
0.94
1.1
0.84
0.71
0.64
0.66
0.45
0.50
0.42
0.38
0.35
0.27
0.30
0.30
0.20
0.21
0.17
0.17
0.15
0.15
0.13
62
126
260
335
325
408
400
518
527
595
740
765
895
875
1030
1010
1130
1140
1350
1280
1300
1650
1560
1900
1720
2130
1890
2470
Case size
fD
´ L
(mm)
Rated ripple
(mArms)
105ûC / 100kHz
20ûC / 100kHz Ð10ûC / 100kHz
Impedance (½) MAX.
63 (1J)
Case size
fD
´ L
(mm)
Rated ripple
(mArms)
105ûC / 100kHz
20ûC / 100kHz Ð10ûC / 100kHz
Impedance (½) MAX.
100 (2A)
Standard ratings
V (Code)
Item
Code
Cap.(µF)
: In this case, 6 will be put 12th digit type numbering system.
: In this case, 3 will be put 12th digit type numbering system.


Similar Part No. - UHE1C562

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UHE1C562MDD NICHICON-UHE1C562MDD Datasheet
1Mb / 5P
   Miniature Sized, Low Impedance, High Reliability
UHE1C562MED NICHICON-UHE1C562MED Datasheet
1Mb / 5P
   Miniature Sized, Low Impedance, High Reliability
UHE1C562MHD NICHICON-UHE1C562MHD Datasheet
100Kb / 6P
   ALUMINUM ELECTROLYTIC CAPACITORS
UHE1C562MHD NICHICON-UHE1C562MHD Datasheet
1Mb / 5P
   Miniature Sized, Low Impedance, High Reliability
UHE1C562MHD6 NICHICON-UHE1C562MHD6 Datasheet
100Kb / 6P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UHE1C562

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com