Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2N2222 Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # P2N2222
Description  NPN SILICON PLANAR SWITCHING TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

P2N2222 Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  P2N2222 Datasheet HTML 1Page - TRANSYS Electronics Limited P2N2222 Datasheet HTML 2Page - TRANSYS Electronics Limited P2N2222 Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
P2N2222, P2N2222A
DESCRIPTION
SYMBOL
TEST CONDITION
2222
2222A
UNIT
DC Current Gain
hFE
IC=0.1mA,VCE=10V
>35
>35
IC=1mA,VCE=10V
>50
>50
IC=10mA,VCE=10V
>75
>75
IC=10mA,VCE=10V
-
>35
Ta=55 deg C
IC=150mA,VCE=10V
100-300
100-300
IC=150mA,VCE=1V
>50
>50
IC=500mA,VCE=10V
>30
>40
DYNAMIC CHARACTERISTICS
ALL f=1kHz
Small Signal Current Gain
hfe
IC=1mA, VCE=10V
-
50-300
IC=10mA, VCE=10V
-
75-375
Input Inpedence
hie
IC=1mA, VCE=10V
-
2.0-8.0
kohms
IC=10mA, VCE=10V
-
0.25-1.25
Voltage Feedback Ratio
hre
IC=1mA, VCE=10V
-
8.0 x 10-4
IC=10mA, VCE=10V
-
4.0
Out put Adimttance
hoe
IC=1mA, VCE=10V
-
5.0-35
umhos
IC=10mA, VCE=10V
25-200
Collector Base Time Constant
rb'Cc
IE=20mA, VCB=20V
-
<150
ps
f=31.8MHz
Noise Figure
NF
IC=100uA, VCE=10V
-
<4.0
dB
Rs=1kohms, f=1kHz
DYNAMIC CHARACTERISTICS
Transistors Frequency
ft
IC=20mA, VCE=20V
>250
>300
MHz
f=100MHz
Out-Put Capacitance
Cob
VCB=10V, IE=0
<8.0
<8.0
pF
f=1MHz
Input Capacitance
Cib
VEB=0.5V, IC=0
<30
<25
pF
f=1MHz
SWITCHING Time
Delay time
td
IC=150mA,IB1=15mA
<10
ns
Rise time
tr
VCC=30V,VBE=0.5V
-
<25
ns
Storage time
ts
IC=150mA, IB1=
<225
ns
Fall time
tf
IB2=15mA, VCC=30V
-
<60
ns
*Pulse Condition: Length =300us, Duty Cycle=2%


Similar Part No. - P2N2222

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P2N2222 MOTOROLA-P2N2222 Datasheet
238Kb / 6P
   Amplifier Transistors
logo
Continental Device Indi...
P2N2222 CDIL-P2N2222 Datasheet
245Kb / 4P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Motorola, Inc
P2N2222A MOTOROLA-P2N2222A Datasheet
238Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
P2N2222A ONSEMI-P2N2222A Datasheet
165Kb / 6P
   Amplifier Transistors(NPN Silicon)
April, 2007 -- Rev. 5
logo
Continental Device Indi...
P2N2222A CDIL-P2N2222A Datasheet
245Kb / 4P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
More results

Similar Description - P2N2222

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
2N2221 CDIL-2N2221 Datasheet
273Kb / 4P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2904A BOCA-2N2904A Datasheet
43Kb / 2P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Continental Device Indi...
P2N2222 CDIL-P2N2222 Datasheet
245Kb / 4P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2218A BOCA-2N2218A Datasheet
56Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Continental Device Indi...
2N2221A CDIL-2N2221A Datasheet
228Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
TRANSYS Electronics Lim...
PN2222 TEL-PN2222 Datasheet
87Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2221A BOCA-2N2221A Datasheet
53Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
New Jersey Semi-Conduct...
2N2221A NJSEMI-2N2221A Datasheet
227Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Continental Device Indi...
2N2218A CDIL-2N2218A Datasheet
213Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
PN2222 CDIL-PN2222 Datasheet
268Kb / 4P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com