Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F950G337MTAAQ2 Datasheet(PDF) 2 Page - Nichicon corporation

Part # F950G337MTAAQ2
Description  SOLID TANTALUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

F950G337MTAAQ2 Datasheet(HTML) 2 Page - Nichicon corporation

  F950G337MTAAQ2 Datasheet HTML 1Page - Nichicon corporation F950G337MTAAQ2 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
15
P
F950G156MPAAQ2
0.6
10
1.8
22
P
F950G226MPAAQ2
0.9
14
1.1
33
P
F950G336MPAAQ2
1.3
14
1.1
47
P
F950G476MPAAQ2
1.9
14
1.1
47
Q
F950G476MQAAQ2
1.9
10
1.1
47
S
F950G476MSAAQ2
1.9
10
0.8
47
A
F950G476MAAAQ2
1.9
8
0.6
68
S
F950G686MSAAQ2
2.7
10
0.8
68
A
F950G686MAAAQ2
2.7
10
0.5
100
P
F950G107MPAAQ2
4.0
30
1.2
± 15
100
Q
F950G107MQAAQ2
4.0
25
1.0
± 15
100
S
F950G107MSAAQ2
4.0
14
0.8
100
A
F950G107MAAAQ2
4.0
12
0.5
150
B
F950G157MBAAQ2
6.0
14
0.4
220
S
F950G227MSAAQ2
8.8
25
0.8
± 15
220
A
F950G227MAAAQ2
8.8
25
0.8
± 15
220
T
F950G227MTAAQ2
8.8
25
0.6
220
B
F950G227MBAAQ2
8.8
16
0.4
330
T
F950G337MTAAQ2
13.2
40
0.8
± 20
330
B
F950G337MBAAQ2
13.2
30
0.6
± 15
10
P
F950J106MPAAQ2
0.6
8
2.0
15
P
F950J156MPAAQ2
0.9
10
1.8
22
P
F950J226MPAAQ2
1.4
14
1.1
33
P
F950J336MPAAQ2
2.1
14
1.1
33
Q
F950J336MQAAQ2
2.1
10
2.0
33
S
F950J336MSAAQ2
2.1
10
1.0
33
A
F950J336MAAAQ2
2.1
8
0.8
47
P
F950J476MPAAQ2
3.0
20
1.1
± 15
47
Q
F950J476MQAAQ2
3.0
10
1.1
47
S
F950J476MSAAQ2
3.0
10
0.9
47
A
F950J476MAAAQ2
3.0
10
0.6
68
S
F950J686MSAAQ2
4.3
14
0.9
68
A
F950J686MAAAQ2
4.3
12
0.5
100
S
F950J107MSAAQ2
6.3
20
0.9
± 15
100
A
F950J107MAAAQ2
6.3
14
0.5
100
T
F950J107MTAAQ2
6.3
14
0.6
100
B
F950J107MBAAQ2
6.3
14
0.4
150
B
F950J157MBAAQ2
9.5
18
0.4
220
B
F950J227MBAAQ2
13.9
30
0.4
3.3
P
F951A335MPAAQ2
0.5
8
5.0
4.7
P
F951A475MPAAQ2
0.5
8
4.0
6.8
P
F951A685MPAAQ2
0.7
8
4.0
10
P
F951A106MPAAQ2
1.0
8
3.0
15
P
F951A156MPAAQ2
1.5
10
3.0
22
P
F951A226MPAAQ2
2.2
14
3.0
22
Q
F951A226MQAAQ2
2.2
10
2.0
22
S
F951A226MSAAQ2
2.2
10
1.1
22
A
F951A226MAAAQ2
2.2
6
0.9
33
Q
F951A336MQAAQ2
3.3
18
3.0
± 15
33
S
F951A336MSAAQ2
3.3
10
1.1
33
A
F951A336MAAAQ2
3.3
10
0.8
47
S
F951A476MSAAQ2
4.7
14
1.1
± 15
47
A
F951A476MAAAQ2
4.7
10
0.8
47
T
F951A476MTAAQ2
4.7
12
0.8
47
B
F951A476MBAAQ2
4.7
8
0.4
68
B
F951A686MBAAQ2
6.8
12
0.4
100
B
F951A107MBAAQ2
10.0
14
0.4
4V
6.3V
10V
16V
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F95
Standard ratings
1
P
F951C105MPAAQ2
0.5
8
8.0
1.5
P
F951C155MPAAQ2
0.5
8
8.0
2.2
P
F951C225MPAAQ2
0.5
8
6.0
3.3
P
F951C335MPAAQ2
0.5
8
6.0
4.7
P
F951C475MPAAQ2
0.8
10
4.0
10
P
F951C106MPAAQ2
1.6
10
4.0
10
Q
F951C106MQAAQ2
1.6
8
3.0
10
S
F951C106MSAAQ2
1.6
8
2.0
10
A
F951C106MAAAQ2
1.6
6
1.4
15
S
F951C156MSAAQ2
2.4
8
2.0
15
A
F951C156MAAAQ2
2.4
8
1.4
22
Q
F951C226MQAAQ2
3.5
12
3.0
22
S
F951C226MSAAQ2
3.5
10
2.0
± 15
22
A
F951C226MAAAQ2
3.5
8
1.4
22
T
F951C226MTAAQ2
3.5
8
1.4
22
B
F951C226MBAAQ2
3.5
6
0.5
33
B
F951C336MBAAQ2
5.3
8
0.5
47
B
F951C476MBAAQ2
7.5
10
0.6
2.2
P
F951D225MPAAQ2
0.5
6
6.0
2.2
S
F951D225MSAAQ2
0.5
6
5.0
3.3
A
F951D335MAAAQ2
0.7
6
2.0
4.7
S
F951D475MSAAQ2
0.9
8
4.0
4.7
A
F951D475MAAAQ2
0.9
6
1.5
6.8
Q
F951D685MQAAQ2
1.4
10
4.0
6.8
A
F951D685MAAAQ2
1.4
8
1.5
10
A
F951D106MAAAQ2
2.0
8
1.5
10
B
F951D106MBAAQ2
2.0
6
0.8
22
B
F951D226MBAAQ2
4.4
8
0.8
1
P
F951E105MPAAQ2
0.5
6
8.0
1
S
F951E105MSAAQ2
0.5
6
8.0
1.5
S
F951E155MSAAQ2
0.5
6
7.0
2.2
S
F951E225MSAAQ2
0.6
6
7.0
2.2
A
F951E225MAAAQ2
0.6
6
3.2
3.3
A
F951E335MAAAQ2
0.8
6
2.8
4.7
S
F951E475MSAAQ2
1.2
8
4.0
4.7
A
F951E475MAAAQ2
1.2
8
2.0
10
B
F951E106MBAAQ2
2.5
6
0.9
1
P
F951V105MPAAQ2
0.5
8
10.0
± 10
1
S
F951V105MSAAQ2
0.5
6
8.0
1
A
F951V105MAAAQ2
0.5
4
4.4
1.5
A
F951V155MAAAQ2
0.5
6
4.4
2.2
A
F951V225MAAAQ2
0.8
6
4.4
3.3
B
F951V335MBAAQ2
1.2
6
1.6
4.7
B
F951V475MBAAQ2
1.7
6
1.6
20V
25V
35V
Part Number
Leakage
Current
(µA)
Disspation
Factor
(%@120Hz)
Case
code
ESR
(
@100kHz)
Rated Volt
Rated
Capacitance
(µF)
In case of capacitance tolerance ±10% type, K will be put at 9th digit of type
numbering system.
*1
∆C/C
(%)
Part Number
Leakage
Current
(µA)
Disspation
Factor
(%@120Hz)
Case
code
ESR
(
@100kHz)
Rated Volt
Rated
Capacitance
(µF)
*1
∆C/C
(%)
*1 :
∆C/C
I t e m
P Q S A T B Case (%)
Damp Heat
±10
Tempereature cycles
± 5
Resistance soldering heat
±5
Surge
± 5
Endurance
±10


Similar Part No. - F950G337MTAAQ2

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F950G337MTAAQ2 NICHICON-F950G337MTAAQ2 Datasheet
77Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F950G337MTAAQ2

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F980E476MMA NICHICON-F980E476MMA Datasheet
73Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F970J335MAA NICHICON-F970J335MAA_09 Datasheet
73Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F720G107MR NICHICON-F720G107MR Datasheet
85Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F981A476MSA NICHICON-F981A476MSA Datasheet
67Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com