Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F971V334MAA Datasheet(PDF) 2 Page - Nichicon corporation

Part # F971V334MAA
Description  SOLID TANTALUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

F971V334MAA Datasheet(HTML) 2 Page - Nichicon corporation

  F971V334MAA Datasheet HTML 1Page - Nichicon corporation F971V334MAA Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
Standard ratings
Part Number
Leakage
Current
(µA)
Disspation
Factor
(%@120Hz)
Case
code
ESR
(
@100kHz)
Rated Volt
Rated
Capacitance
(µF)
3.3
A
F970G335MAA
0.5
6
4.5
4.7
A
F970G475MAA
0.5
6
4.0
6.8
A
F970G685MAA
0.5
6
3.5
10
B
F970G106MBA
0.5
6
2.1
15
B
F970G156MBA
0.6
6
2.0
22
B
F970G226MBA
0.9
6
1.9
33
C
F970G336MCC
1.3
6
1.1
47
C
F970G476MCC
1.9
6
0.9
68
C
F970G686MCC
2.7
6
0.8
68
N
F970G686MNC
2.7
6
0.6
100
N
F970G107MNC
4.0
8
0.6
150
N
F970G157MNC
6.0
8
0.6
2.2
A
F970J225MAA
0.5
6
5.0
3.3
A
F970J335MAA
0.5
6
4.5
4.7
A
F970J475MAA
0.5
6
4.0
6.8
B
F970J685MBA
0.5
6
2.5
10
B
F970J106MBA
0.6
6
2.1
15
B
F970J156MBA
0.9
6
2.0
22
C
F970J226MCC
1.4
6
1.1
33
C
F970J336MCC
2.1
6
1.1
47
C
F970J476MCC
3.0
6
0.9
47
N
F970J476MNC
3.0
6
0.7
68
N
F970J686MNC
4.3
6
0.6
100
N
F970J107MNC
6.3
8
0.6
1.5
A
F971A155MAA
0.5
4
6.0
2.2
A
F971A225MAA
0.5
6
5.0
3.3
A
F971A335MAA
0.5
6
4.5
4.7
B
F971A475MBA
0.5
6
2.8
6.8
B
F971A685MBA
0.7
6
2.5
10
B
F971A106MBA
1.0
6
2.0
15
C
F971A156MCC
1.5
6
1.2
22
C
F971A226MCC
2.2
6
1.1
33
C
F971A336MCC
3.3
6
1.1
33
N
F971A336MNC
3.3
6
0.7
47
N
F971A476MNC
4.7
6
0.7
1
A
F971C105MAA
0.5
4
7.5
1.5
A
F971C155MAA
0.5
4
6.3
2.2
A
F971C225MAA
0.5
6
5.0
3.3
B
F971C335MBA
0.5
6
3.1
4.7
B
F971C475MBA
0.8
6
2.8
6.8
B
F971C685MBA
1.1
6
2.5
10
C
F971C106MCC
1.6
6
1.5
15
C
F971C156MCC
2.4
6
1.2
22
C
F971C226MCC
3.5
8
1.1
22
N
F971C226MNC
3.5
6
0.7
33
N
F971C336MNC
5.3
6
0.7
0.68
A
F971D684MAA
0.5
4
7.6
1
A
F971D105MAA
0.5
4
7.5
1.5
A
F971D155MAA
0.5
6
6.7
2.2
B
F971D225MBA
0.5
6
3.8
3.3
B
F971D335MBA
0.7
6
3.1
4.7
B
F971D475MBA
0.9
6
2.8
6.8
C
F971D685MCC
1.4
6
1.8
10
C
F971D106MCC
2.0
6
1.5
15
N
F971D156MNC
3.0
6
0.7
22
N
F971D226MNC
4.4
6
0.7
4V
6.3V
10V
16V
20V
0.47
A
F971E474MAA
0.5
4
10.0
0.68
A
F971E684MAA
0.5
4
7.6
1
A
F971E105MAA
0.5
4
7.5
1.5
B
F971E155MBA
0.5
4
4.0
2.2
B
F971E225MBA
0.6
6
3.8
3.3
B
F971E335MBA
0.8
6
3.5
4.7
C
F971E475MCC
1.2
6
1.8
6.8
C
F971E685MCC
1.7
6
1.8
10
C
F971E106MCC
2.5
6
1.6
10
N
F971E106MNC
2.5
6
1.0
15
N
F971E156MNC
3.8
6
0.7
0.33
A
F971V334MAA
0.5
4
12.0
0.47
A
F971V474MAA
0.5
4
10.0
0.68
A
F971V684MAA
0.5
4
7.6
1
B
F971V105MBA
0.5
4
4.0
1.5
B
F971V155MBA
0.5
6
4.0
2.2
B
F971V225MBA
0.8
6
3.8
3.3
C
F971V335MCC
1.2
6
2.0
4.7
C
F971V475MCC
1.6
6
1.8
6.8
N
F971V685MNC
2.4
6
1.0
10
N
F971V106MNC
3.5
6
1.0
25V
35V
Part Number
Leakage
Current
(µA)
Disspation
Factor
(%@120Hz)
Case
code
ESR
(
@100kHz)
Rated Volt
Rated
Capacitance
(µF)
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F97


Similar Part No. - F971V334MAA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F971V334MAA NICHICON-F971V334MAA Datasheet
50Kb / 3P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F971V334MAA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2 Datasheet
90Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F980E476MMA NICHICON-F980E476MMA Datasheet
73Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F970J335MAA NICHICON-F970J335MAA_09 Datasheet
73Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F720G107MR NICHICON-F720G107MR Datasheet
85Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F981A476MSA NICHICON-F981A476MSA Datasheet
67Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com