Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F921C226MBA Datasheet(PDF) 1 Page - Nichicon corporation

Part # F921C226MBA
Description  SOLID TANTALUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

F921C226MBA Datasheet(HTML) 1 Page - Nichicon corporation

  F921C226MBA Datasheet HTML 1Page - Nichicon corporation F921C226MBA Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.8100V
2.5
4
6.3
10
16
20
25
35
0E
0G
0J
1A
1C
1D
1E
1V
0.22
224
PA
J
0.33
334
PA
N
0.47
474
PP AA
A
S
0.68
684
PABB
W
1
105
P
P
P AP AP A BA
A
1.5
155
P
P AP AA
E
2.2
225
P
P
P AP A
(P) A BA BB
J
3.3
335
P
P
P AA
B
(B)
N
4.7
475
P AP AP AA B(A) B(A) BS
6.8
685
P
P
P AB
w
10
106
P AP AP A BA Ba
15
156
P
P AA
e
22
226
P AP AP A BA BB
j
33
336
P AP AA BB
n
47
476
(P) B(P) A BA B(B)
68
686
B
A B
100
107
B
(A) BB
150
157
BB
220
227
(B)
V
Keeping a capacitor surface-mounted on a substrate upside
down and supporting the substrate at both of the opposite
bottom points 45mm apart from the center of the capacitor, the
pressure strength is applied with a
specified jig at the center of the
substrate so that the substrate may
bend by 1mm as illustrated.
Then, there shall be found no
remarkable abnormality on the
capacitor terminals.
Case code
L
W
1
W
2
HS
P
2.0 ± 0.2 1.25 ± 0.1
0.9 ± 0.1
1.1 ± 0.1
0.5 ± 0.2
A
3.2 ± 0.2
1.6 ± 0.2
1.2 ± 0.1
1.1 ± 0.1
0.8 ± 0.2
B
3.4 ± 0.2
2.8 ± 0.2
2.3 ± 0.1
1.1 ± 0.1
0.8 ± 0.2
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F92 Resin-moldedChip,
Compact Series
Capacitance code of “P” case products are as shown below.
Type numbering system (Example: 6.3V 10µF)
Drawing
Dimensions
Marking
Specifications
Performance Characteristics
P Case
A B Case
Item
Category
Temperature Range
– 55 ~ +125˚C (Rated temperature : 85˚C)
Capacitance Tolerance
± 20% (at 120Hz)
Leakage Current
After 1 minute's application of rated voltage, leakage current
at 20˚C is not more than 0.01CV or 0.5µA, whichever is greater.
After 1 minute's application of rated voltage, leakage current
at 85˚C is not more than 0.1CV or 5µA, whichever is greater.
After 1 minute's application of derated voltage, leakage current
at 125˚C is not more than 0.125CV or 6.3µA, whichever is greater.
Capacitance Change
by Temperature
+20% Max. (at +125˚C)
+15% Max. (at +85˚C)
--15% Max. (at --55˚C)
+15% Max. (at +125˚C)
+10% Max. (at +85˚C)
--10% Max. (at --55˚C)
Damp Heat
(No voltage applied)
At 40˚C 90 ~ 95% R.H. 240 hours
At 40˚C 90 ~ 95% R.H. 500 hours
Capacitance Change...
Refor to next page (
∗ 1)
Dissipation Factor...150% or
Iess of initial specified value
Leakage Current...
Initial specified value or less
Capacitance Change...
Refor to next page (
∗ 1)
Refor to next page (
∗ 1)
Dissipation Factor...150% of
Iess of initial specified value
Initial specified value or less
Leakage Current...
Initial specified value or less
Initial specified value or less
Refor to next page (
∗ 1)
Initial specified value or less
Initial specified value or less
Temperature Cycles
--55˚C / +125˚C 30 minutes each 5 cycles
(mm)
Taping code
(Refer to page 267 for details)
F
1
9
2
2
3
0
4
J
5
1
6
0
7
6
8
M
9
P
10 11
Case code
Capacitance tolerance
Rated Capacitance Rated voltage
Series
L
H
S
S
W2
W1
Rated Capacitance
Rated voltage
(Voltage code)
P Case
A Case
B Case
Rated Capacitance
(Capacitance code)
Rated voltage (V)
Rated Capacitance (
µF)
AS
G226
22
10V
2.5V
e
G
J
E
V
4V
6.3V
25V
35V
10V
A
C
D
16V
20V
∗ As for the surge and derated voltage at 125˚C, refer to page 266 for details.
Capacitance Change...
Refor to next page (
∗ 1)
Dissipation Factor...150% of
Iess of initial specified value
Leakage Current...
Initial specified value or less
Refor to next page (
∗ 1)
Initial specified value or less
Initial specified value or less
Capacitance Change...
Refor to next page (
∗ 1)
Dissipation Factor...150% or
Iess of initial specified value
Leakage Current...
Initial specified value or less
After 1000hours' application of
rated voltage in series with a
3
resistor at 85˚C, or derated
voltage in series with a 3
resistor at 125
˚C, capacitors
meet the characteristic
requirements listed below.
Capacitance Change...
Refor to next page (
∗ 1)
Dissipation Factor...150% or
less of initial specified value
Leakage Current...
Initial specified value or less
After 2000hours' application of
rated voltage in series with a
3
resistor at 85˚C, or derated
voltage in series with a 3
resistor at 125˚C, capacitors
meet the characteristic
requirements listed below.
Capacitance Change...
Refor to next page (
∗ 1)
Dissipation Factor...
Initial specified value or less
Leakage Current...
Initial specified value or less
Refor to next page (
∗ 1)
Initial specified value or less
Initial specified value or less
Resistance
to Soldering Heat
10 seconds reflow at 260˚C, 5 seconds immension at 260˚C
Surge
Endurance
After application of surge voltage in series with a 33
Ω (For “P”case : 1kΩ)
resistor at the rate of 30 seconds ON, 30 seconds OFF, for 1000
successive test cycles at 85˚C, capacitors meet the characteristics
requirements listed below.
After applying the pressure load of 5N for
10±1 seconds horizontally to the center
of capacitor side body which has no
electrode and has been soldered
beforehand on an aluminum substrate,
there shall be found neither exfoliation
nor its sign at the terminal electrode.
Terminal Strength
Shear Test
Cap.(
µF)
Code
Capacitance code
Standard ratings
5N (0.51kg ¥ f)
For 10 ± 1seconds
20
R230
45
45
refer to Next Page
Dissipation Factor (120Hz)
refer to Next Page
ESR (100kHz)
( ) The series in parentheses are being developed. Please contact to your local Nichicon
sales office when these series are being designed in your application.
Adapted to the RoHS directive (2002/95/EC).


Similar Part No. - F921C226MBA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F921C226MBA NICHICON-F921C226MBA Datasheet
62Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F921C226MBA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2 Datasheet
90Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F980E476MMA NICHICON-F980E476MMA Datasheet
73Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F970J335MAA NICHICON-F970J335MAA_09 Datasheet
73Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F720G107MR NICHICON-F720G107MR Datasheet
85Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F981A476MSA NICHICON-F981A476MSA Datasheet
67Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com