Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMP1C470MDD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UMP1C470MDD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UMP1C470MDD Datasheet(HTML) 1 Page - Nichicon corporation

  UMP1C470MDD Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
φ D
P
φ d
4
1.5
5
2.0
0.45
0.45
6.3
2.5
0.45
L+1MAX
15 MIN
4 MIN
φ d
Sleeve (P.E.T.)
(mm)
ALUMINUM ELECTROLYTIC CAPACITORS
MP
series
5mmL, Bi-Polarized
Bi-polarized series with 5mm height.
Adapted to the RoHS directive (2002/95/EC).
Radial Lead Type
Dimensions
Type numbering system (Example : 10V 33
µF)
U
1
M
2
P
3
1
4
A
5
3
6
3
7
0
8
M
9
D
10
D
11
Configuration
Capacitance tolerance (
± 20%)
Rated capacitance (33
µF)
Series name
Type
Rated voltage (10V)
φ D
4 ~ 6.3
Pb-free leadwire
Pb-free PET sleeve
DD
Configuration
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Rated Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ +85°C
6.3 ~ 50V
0.1 ~ 47µF
± 20% at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.05CV or 10 (µA), whichever is greater.
Printed with white color letter on black sleeve.
Measurement frequency : 120Hz, Temperature : 20°C
Measurement frequency : 120Hz
After 2000 hours' application of rated voltage
at 85°C with the polarity inverted every 250
hours, capacitors meet the characteristic
requirements listed at right.
After storing the capacitors under no load at 85°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
MP
Bi-polarized
MA
Rated voltage (V)
tan
δ (MAX.)
6.3
0.24
10
0.20
16
0.17
25
0.17
35
0.15
50
0.15
Z
25°C / Z+20°C
Z
40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
6.3
4
8
10
3
6
16
2
4
25
2
4
35
2
3
50
2
3
Rated Ripple (mArms) at 85°C 120Hz
0.10
0.22
0.33
0.47
10.1
2.20
3.30
4.70
100.1
220.1
330.1
470.1
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
0.5
× 5
6.3
× 5
6.3
× 5
28
37
45
0J
V
6.3
0.4
× 5
6.3
× 5
6.3
× 5
17
33
41
1A
10
0.4
× 5
0.5
× 5
6.3
× 5
6.3
× 5
12
23
37
49
1C
16
0.5
× 5
0.5
× 5
6.3
× 5
12
16
27
1E
25
0.4
× 5
0.5
× 5
0.5
× 5
6.3
× 5
8.4
16
18
29
1V
35
0.4
× 5
0.4
× 5
0.4
× 5
0.4
× 5
0.4
× 5
0.5
× 5
0.5
× 5
6.3
× 5
Case size
φ D × L (mm)
1.0
2.0
2.8
4.0
8.4
13
17
20
Rated
ripple
1H
50
Cap.(
µF)
Code
Capacitance change
Leakage current
tan
δ
Within ± 20% of initial value
200% or less of initial specified value
Initial specified value or less
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz ~
0.70
1.00
1.17
1.36
1.50
CAT.8100V


Similar Part No. - UMP1C470MDD

ManufacturerPart #DatasheetDescription
logo
Rohm
UMP11N ROHM-UMP11N Datasheet
83Kb / 3P
   Switching diode
UMP11N ROHM-UMP11N Datasheet
695Kb / 3P
   Switching diode
UMP11N ROHM-UMP11N Datasheet
1Mb / 8P
   Switching Diode
UMP11NFH ROHM-UMP11NFH Datasheet
1Mb / 8P
   Switching Diode
UMP11N ROHM-UMP11N_11 Datasheet
1,010Kb / 3P
   Switching Diode
More results

Similar Description - UMP1C470MDD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com