Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNR1A105MSE Datasheet(PDF) 3 Page - Nichicon corporation

Part # LNR1A105MSE
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LNR1A105MSE Datasheet(HTML) 3 Page - Nichicon corporation

  LNR1A105MSE Datasheet HTML 1Page - Nichicon corporation LNR1A105MSE Datasheet HTML 2Page - Nichicon corporation LNR1A105MSE Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CAT.8100V
Dimensions
NR
series
ALUMINUM ELECTROLYTIC CAPACITORS
Rated Ripple (Arms) at 85°C 120Hz
Frequency coefficient of rated ripple current
10~100V
160~250V
60
0.90
0.88
120
1.00
1.00
360
1.08
1.08
1k
1.15
1.15
10k~
1.15
1.20
Coeff.
Frequency (Hz)
10000
15000
22000
33000
47000
68000
100000
150000
220000
330000
470000
680000
1000000
103
153
223
333
473
683
104
154
224
334
474
684
105
Cap.(µF)
Code
Case size
φ D × L (mm)
Rated ripple
Case size
φ D × L (mm)
Rated ripple
Case size
φ D × L (mm)
Rated ripple
Surge
V(Code)
35
× 80
35
× 120
51
× 80
51
× 120
63.5
× 100
76.2
× 100
76.2
× 140
90
× 170
90
× 220
100
× 250
44V
35V (1V)
6.2
8.2
9.3
13.6
14.5
16.8
24.8
32.6
35.2
38.5
35
× 80
35
× 100
51
× 70
51
× 90
51
× 100
63.5
× 100
76.2
× 120
90
× 140
90
× 170
90
× 220
100
× 250
5.4
6.1
7.0
8.6
11.0
14.2
18.6
20.3
25.3
33.2
36.0
35
× 80
35
× 100
35
× 120
51
× 80
51
× 120
63.5
× 100
63.5
× 140
76.2
× 140
90
× 170
90
× 220
100
× 250
4.1
5.5
7.1
8.8
11.7
15.0
20.8
26.0
28.3
31.2
33.6
63V
50V (1H)
63V (1J)
79V
2200
3300
4700
6800
10000
15000
22000
33000
47000
68000
100000
150000
220000
330000
222
332
472
682
103
153
223
333
473
683
104
154
224
334
Cap.(µF)
Code
Case size
φ D × L (mm)
Rated ripple
Case size
φ D × L (mm)
Rated ripple
Case size
φ D × L (mm)
Rated ripple
Surge
V(Code)
35
× 80
35
× 120
51
× 80
51
× 120
63.5
× 100
63.5
× 140
76.2
× 140
90
× 170
90
× 220
100
× 250
100V
80V (1K)
4.2
6.0
6.5
9.2
12.7
15.5
21.3
26.5
28.9
31.8
35
× 80
35
× 100
35
× 120
51
× 80
51
× 100
51
× 140
63.5
× 140
76.2
× 140
90
× 170
90
× 220
100
× 250
3.8
4.5
5.3
6.0
6.8
10.0
14.4
18.2
22.1
27.0
32.7
35
× 80
35
× 120
51
× 80
51
× 100
63.5
× 100
76.2
× 100
76.2
× 140
90
× 140
90
× 170
90
× 220
100
× 250
3.2
4.7
5.0
6.4
9.1
12.0
16.9
19.2
20.6
22.3
24.4
125V
100V (2A)
160V (2C)
200V
1000
1500
2200
3300
4700
6800
10000
15000
22000
33000
47000
68000
102
152
222
332
472
682
103
153
223
333
473
683
Cap.(µF)
Code
Case size
φ D × L (mm)
Rated ripple
Case size
φ D × L (mm)
Rated ripple
Surge
V(Code)
35
× 80
35
× 100
51
× 80
51
× 100
51
× 140
63.5
× 120
76.2
× 120
90
× 140
90
× 170
90
× 220
100
× 250
250V
200V (2D)
2.9
3.5
4.8
6.3
7.3
9.8
13.0
15.9
19.5
20.9
22.6
35
× 80
35
× 100
51
× 80
51
× 100
63.5
× 100
63.5
× 120
76.2
× 120
90
× 140
90
× 170
90
× 220
100
× 250
2.4
3.0
4.0
5.4
7.3
8.9
11.8
16.4
17.9
19.7
21.2
300V
250V (2E)


Similar Part No. - LNR1A105MSE

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LNR2510AA LINKCOM-LNR2510AA Datasheet
132Kb / 7P
   SMD Power Inductors
LNR2512AA LINKCOM-LNR2512AA Datasheet
132Kb / 7P
   SMD Power Inductors
LNR3010AA LINKCOM-LNR3010AA Datasheet
132Kb / 7P
   SMD Power Inductors
LNR3015AA LINKCOM-LNR3015AA Datasheet
132Kb / 7P
   SMD Power Inductors
logo
Panasonic Semiconductor
LNR304712 PANASONIC-LNR304712 Datasheet
23Kb / 1P
   LED LINE LIGHT SOURCE
More results

Similar Description - LNR1A105MSE

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com