Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMT1H100MDD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UMT1H100MDD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UMT1H100MDD Datasheet(HTML) 1 Page - Nichicon corporation

  UMT1H100MDD Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
f
D
P
f
d
3
1.0
0.40
6.3
2.5
0.45
4
1.5
0.45
5
2.0
0.45
(f 3:P±0.3)
L+1MAX
15 MIN
4 MIN
f d
Sleeve (P.E.T.)
(mm)
2 For f 3mm unit, place size code of 2 to 12th digit.
U
1
M
2
T
3
1
4
E
5
1
6
0
7
0
8
M
9
D
10
D
11 12
Configuration
1
Capacitance tolerance (± 20%)
2
Size code
Rated capacitance (10mF)
Rated voltage (25V)
Series name
Type
f D
3
Code
2
4 ~ 6.3
Ñ
f D
3
Pb-free leadwire
Pb-free PET sleeve
CD
4 ~ 6.3
DD
1 Configuration
ALUMINUM ELECTROLYTIC CAPACITORS
MT
series
5mmL, Wide Temperature Range
Wide temperature range of 55 ~ +105°C, with 5mm height.
Adapted to the RoHS directive (2002/95/EC).
Radial Lead Type
Dimensions
Type numbering system (Example : 25V 10µF)
Specifications
Category Temperature Range
Voltage Range
Rated Capacitance Range
Rated Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 55 ~ +105°C
4 ~ 50V
0.1 ~ 100µF
± 20% at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (µA), whichever is greater.
Printed with white color letter on black sleeve.
Measurement frequency : 120Hz
After 1000 hours' application of rated voltage
at 105°C, capacitors meet the characteristic
requirements listed at right.
After storing the capacitors under no load at 105°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Z
25°C / Z+20°C
Z
40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
4
6
12
6.3
3
8
10
3
5
16
2
4
25
2
3
35
2
3
50
2
3
Rated Ripple (mArms) at 105°C 120Hz
Size
φ3 × 5 is available for capacitors marked " "
Figures in (
) are for
φ 3 product.
MT
MA
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
4
× 5
5
× 5
5
× 5
6.3
× 5
22
30
36
60
0G
4
0J
6.3
1A
10
1C
16
1E
25
1V
35
1H
50
4
× 5
5
× 5
5
× 5
6.3
× 5
5
× 5
5
× 5
6.3
× 5
4
× 5
5
× 5
6.3
× 5
6.3
× 5
4
× 5
5
× 5
6.3
× 5
6.3
× 5
3
× 5
4
× 5
4
× 5
5
× 5
6.3
× 5
4
× 5
4
× 5
4
× 5
4
× 5
4
× 5
4
× 5
4
× 5
5
× 5
6.3
× 5
22
30
36
60
27
35
46
18 (14)
30
40
50
13 (10)
23
38
48
7.5
11 (9)
15
25
48
1.0
2.6
3.2
3.8
6.2 (5.9)
11 (9)
14
19
30
Case size
φD×L (mm)
Cap.(
µF)
Code
V
Measurement frequency : 120Hz, Temperature : 20°C
Rated voltage (V)
tan
δ (MAX.)
4
0.37
6.3
0.28
10
0.24
16
0.20
25
0.16
35
0.13 (0.14)
50
0.12 (0.14)
Figures in (
) are for
φ 3 product.
High
Te m p e rature
Leakage current
tan
δ
Capacitance change
Initial specified value or less
200% or less of initial specified value
Within ±25% of initial value (
φ 3mm unit,and <= 16V)
Within ±20% of initial value ( >
= 25V)
Rated
ripple
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz ~
0.70
1.00
1.17
1.36
1.50
MV
Long life
• Please refer to page 21 about the end seal configulation.
CAT.8100V


Similar Part No. - UMT1H100MDD

ManufacturerPart #DatasheetDescription
logo
Rohm
UMT18N ROHM-UMT18N Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
UMT18N ROHM-UMT18N Datasheet
114Kb / 4P
   General purpose transistors (dual transistors)
UMT18N ROHM-UMT18N Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
logo
Jiangsu Changjiang Elec...
UMT1N JIANGSU-UMT1N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Rohm
UMT1N ROHM-UMT1N Datasheet
80Kb / 4P
   General Purpose Transistor (Isolated Dual Transistors)
More results

Similar Description - UMT1H100MDD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com