Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QML2E273KSF Datasheet(PDF) 1 Page - Nichicon corporation

Part # QML2E273KSF
Description  PLASTIC FILM CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

QML2E273KSF Datasheet(HTML) 1 Page - Nichicon corporation

  QML2E273KSF Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
Item
Performance Characteristics
PLASTIC FILM CAPACITORS
Lead frame outer electrode.
Resonance circuit for LCD backlighting inverter unit
Applicable for reflow soldering. [ Lead-free correspondence]
Adapted to the RoHS directive (2002/95/EC).
Q
1
M
2
L
3
2
4
A
5
1
6
0
7
4
8
J
9
S
10
F
11 12
Configuration (SF : Polyphenylenes sulfide,,
Tin plating lead frame)
Taping code
(Refer to P.293 for details)
Tolerance (±5% : J
±10% : K)
Rated Capacitance (0.1µF)
Rated voltage (2A : 100VDC, 2E : 250VDC)
Series name
Type
Drawing
A
L
±0.2
z MAX
y
±0.2
W
±0.4
B
x min
V
±0.2
Voltage ( V )
100
250
100
250
Cap (
µF)
0.01 ~ 0.15
0.01 ~ 0.056
0.18 ~ 0.22
0.068 ~ 0.1
A
5.5
8.0
B
10.0
12.6
C
4.0
4.0
Dimensions
Unit : (mm)
Specifications
Type numbering system (Example : 100VDC 0.1µF)
Land Dimensions
Category Temperature Range
Rated Voltage (UR)
Rated Capacitance Range
Capacitance Tolerance
Dielectric Loss Tangent
Insulation Resistance
Withstand Voltage
Encapsulation
Resistance to Soldering heat
– 40 ~ +125˚C (Rated temperature : 105˚C)
100VDC / 63VAC , 250VDC / 80VAC
0.01 ~ 0.22µF
± 5% (J), ± 10% (K)
0.15% or less (at 1kHz 20˚C)
15,000 M
Ω min
Between Terminals : Rated Voltage (UR)
× 150% 60S
Case less (Liquefied Epoxy resin)
Reflow : Peak 250
˚C, 10S less than
Related standard
JIS C 5101-20, EIAJ RC-2349
Category voltage = UR
× 0.8
ML
series
Metallized Polyphenylene Sulfide Film Chip Capacitor
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
103
123
153
183
223
273
333
393
473
563
683
823
104
124
154
184
224
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.5
3.5
3.0
3.5
H
8.1
8.1
8.1
8.1
8.1
8.1
8.1
8.1
8.1
8.1
8.1
8.1
8.1
8.1
8.1
10.6
10.6
L
5.2
5.3
5.3
5.2
5.3
5.3
5.3
5.2
5.3
5.3
5.3
5.5
5.8
6.1
6.5
6.8
7.0
W
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
v
5.1
5.1
5.1
5.1
5.1
5.1
5.1
5.1
5.1
5.1
5.1
5.1
5.1
5.1
5.1
7.6
7.6
x
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
y
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
z
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
C
C
Taping
code
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.5
3.5
3.5
3.5
3.5
H
8.1
8.1
8.1
8.1
8.1
8.1
8.1
8.1
8.1
8.1
10.6
10.6
10.6
L
5.2
5.3
5.3
5.2
5.3
5.3
5.5
6.3
6.3
7.0
7.1
7.2
7.8
W
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
v
5.1
5.1
5.1
5.1
5.1
5.1
5.1
5.1
5.1
5.1
7.6
7.6
7.6
x
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
y
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
z
A
A
A
A
A
A
A
B
B
B
C
C
E
Taping
code
100VDC / 63VAC (2A)
250VDC / 80VAC (2E)
V(Code)
Cap.(
µF)
Code
Size


Similar Part No. - QML2E273KSF

ManufacturerPart #DatasheetDescription
logo
Vaisala
QML201C VAISALA-QML201C Datasheet
420Kb / 2P
   Data Logger QML201C
More results

Similar Description - QML2E273KSF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com