Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNR1A225MSE Datasheet(PDF) 2 Page - Nichicon corporation

Part # LNR1A225MSE
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LNR1A225MSE Datasheet(HTML) 2 Page - Nichicon corporation

  LNR1A225MSE Datasheet HTML 1Page - Nichicon corporation LNR1A225MSE Datasheet HTML 2Page - Nichicon corporation LNR1A225MSE Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CAT.8100V
NR
series
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
Rated Ripple (Arms) at 85°C 120Hz
Dimensions of mounting bracket
(mm)
P
7
Screw terminal types for B51 and larger
Pressure relief vent
Pressure relief vent
A±2
120¡
30¡
Sleeve
Bottom plate
Hexagenal headed bolt
P±2
B
T
U
L+ MAX.
H±1
±1
h
U
S
Note:
Capacitors with body dia.
φ51 or larger are
furnished with 3-leg brackets shown above
as standard.
If these capacitors are preferred to have 2-
leg brackets as shown right, add "B" in the
12th digit of type numbering system.
P
A
T
S
U
°
H
h
51
32.5
38.5
7.5
5.0
12
60
20
15
63.5
38.1
43
8.0
5.0
14
60
25
20
76.2
44.5
49.2
7.0
5.0
14
60
30
24
90
50.8
58.5
8.0
5.0
18
60
35
25
100
56.3
62
8.0
5.0
16
60
36
30
51
33.2
40
6.0
4.5
14
30
25
15
63.5
40.5
46.5
7.0
4.5
14
30
35
20
76.2
46.5
53
6.0
4.5
14
30
35
20
90
53
59
6.0
4.5
14
30
35
20
3-Legs
2-Legs
φD
Symbol
Leg Shape
L+3MAX.
L+3MAX.
74.4
65.7
Sleeve
Resin bushing
Hexagenal headed bolt
120
105
Bottom plate
Sleeve
Resin bushing
Hexagenal headed bolt
Bottom plate
φ4.5
Pressure
relief vent
120
°
63.5
57.5
Pressure
relief vent
φ6.0
3-leg brackets for
φ90 capacitors have different
hole shapes from the ordinary ones as illustrated
below.
P
7
P
B
33000
47000
68000
100000
150000
220000
330000
470000
680000
1000000
1500000
2200000
333
473
683
104
154
224
334
474
684
105
155
225
Cap.(µF)
Code
Case size
φ D × L (mm)
Rated ripple
Case size
φ D × L (mm)
Rated ripple
Case size
φ D × L (mm)
Rated ripple
Surge
V(Code)
35
× 80
35
× 80
35
× 100
51
× 80
51
× 100
63.5
× 100
63.5
× 120
76.2
× 120
90
× 170
90
× 220
100
× 250
13V
10V (1A)
6.0
7.2
8.8
10.7
13.0
15.9
19.0
22.8
27.7
33.9
41.1
35
× 80
35
× 100
35
× 120
51
× 100
51
× 120
63.5
× 120
76.2
× 120
90
× 170
90
× 220
100
× 250
6.4
7.9
10.6
11.5
15.6
25.1
30.5
33.0
36.0
39.7
35
× 80
35
× 100
35
× 120
51
× 100
51
× 120
63.5
× 120
76.2
× 120
90
× 170
90
× 220
100
× 250
6.2
8.2
9.4
12.0
15.3
18.9
24.8
30.8
33.3
36.4
20V
16V (1C)
25V (1E)
32V
Dimension of terminal pitch (W) and length (
R) and Nominal dia.of bolt
(mm)
φD
51.5
63.5
76.2
90.5
100.50
W
22.0
28.6
31.8
31.8
41.5
R
6
6
6
6
10
α
3
3
3
3
4
Nominal dia.of bolt
M5
M5
M5
M5
M8
Method to mount resin bushing (
φ76.2) ( Apply to L=150 or more)
Method to mount resin bushing (
φ90) (Apply to L=150 or more)


Similar Part No. - LNR1A225MSE

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LNR2510AA LINKCOM-LNR2510AA Datasheet
132Kb / 7P
   SMD Power Inductors
LNR2512AA LINKCOM-LNR2512AA Datasheet
132Kb / 7P
   SMD Power Inductors
LNR3010AA LINKCOM-LNR3010AA Datasheet
132Kb / 7P
   SMD Power Inductors
LNR3015AA LINKCOM-LNR3015AA Datasheet
132Kb / 7P
   SMD Power Inductors
logo
Panasonic Semiconductor
LNR304712 PANASONIC-LNR304712 Datasheet
23Kb / 1P
   LED LINE LIGHT SOURCE
More results

Similar Description - LNR1A225MSE

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com