Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLS1V682MELA Datasheet(PDF) 3 Page - Nichicon corporation

Part # LLS1V682MELA
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LLS1V682MELA Datasheet(HTML) 3 Page - Nichicon corporation

  LLS1V682MELA Datasheet HTML 1Page - Nichicon corporation LLS1V682MELA Datasheet HTML 2Page - Nichicon corporation LLS1V682MELA Datasheet HTML 3Page - Nichicon corporation LLS1V682MELA Datasheet HTML 4Page - Nichicon corporation LLS1V682MELA Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CAT.8100V
LS
series
ALUMINUM ELECTROLZTIC CAPACITORS
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 35
25
× 30
30
× 25
22
× 40
25
× 35
30
× 30
22
× 50
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
1900
2350
2300
2500
2520
2720
2740
2840
3090
3130
3090
3690
3590
3540
4010
4000
3750
4520
4550
4440
5120
5050
5780
5750
6470
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
1.01
1.11
1.11
1.23
1.23
1.36
1.36
1.36
1.48
1.48
1.48
1.63
1.63
1.63
1.78
1.78
1.78
1.96
1.96
1.96
2.15
2.15
2.38
2.38
2.60
LLS1J182MELZ
LLS1J222MELZ
LLS1J222MELA
LLS1J272MELZ
LLS1J272MELA
LLS1J332MELZ
LLS1J332MELA
LLS1J332MELB
LLS1J392MELZ
LLS1J392MELA
LLS1J392MELB
LLS1J472MELZ
LLS1J472MELA
LLS1J472MELB
LLS1J562MELA
LLS1J562MELB
LLS1J562MELC
LLS1J682MELA
LLS1J682MELB
LLS1J682MELC
LLS1J822MELB
LLS1J822MELC
LLS1J103MELB
LLS1J103MELC
LLS1J123MELC
LLS1K122MELZ
LLS1K152MELZ
LLS1K182MELZ
LLS1K182MELA
LLS1K222MELZ
LLS1K222MELA
LLS1K222MELB
LLS1K272MELZ
LLS1K272MELA
LLS1K272MELB
LLS1K332MELZ
LLS1K332MELA
LLS1K332MELB
LLS1K392MELZ
LLS1K392MELA
LLS1K392MELB
LLS1K472MELA
LLS1K472MELB
LLS1K472MELC
LLS1K562MELB
LLS1K562MELC
LLS1K682MELB
LLS1K682MELC
LLS1K822MELC
LLS1K103MELC
63V (1J)
Rated
ripple
(mA)
tan
δ
Leakage
Current
(mA)
Code
Size
φD × L(mm)
Cap.
(µF)
Dimensions
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
22
× 25
22
× 30
22
× 30
25
× 25
22
× 35
25
× 30
30
× 25
22
× 40
25
× 35
30
× 30
22
× 45
25
× 40
30
× 30
22
× 50
25
× 45
30
× 35
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
1770
2010
2110
2260
2530
2530
2560
2930
2930
2910
3230
3290
3250
3620
3710
3700
4280
4230
4120
4700
4640
5270
5240
5890
6630
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.92
1.03
1.13
1.13
1.25
1.25
1.25
1.39
1.39
1.39
1.54
1.54
1.54
1.67
1.67
1.67
1.83
1.83
1.83
2.00
2.00
2.21
2.21
2.42
2.68
80V (1K)
Rated
ripple
(mA)
tan
δ
Leakage
Current
(mA)
Size
φD × L(mm)
Cap.
(µF)
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
22
× 25
22
× 30
22
× 30
25
× 25
22
× 35
25
× 30
30
× 25
22
× 40
25
× 35
30
× 25
22
× 45
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 35
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
1860
2020
2120
2110
2450
2470
2560
2770
2810
2650
3150
3210
3170
3660
3650
3770
4150
4180
4070
4670
4610
5260
5230
5880
6010
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.85
0.94
1.03
1.03
1.16
1.16
1.16
1.27
1.27
1.27
1.40
1.40
1.40
1.55
1.55
1.55
1.72
1.72
1.72
1.87
1.87
2.05
2.05
2.24
2.47
LLS2A821MELZ
LLS2A102MELZ
LLS2A122MELZ
LLS2A122MELA
LLS2A152MELZ
LLS2A152MELA
LLS2A152MELB
LLS2A182MELZ
LLS2A182MELA
LLS2A182MELB
LLS2A222MELZ
LLS2A222MELA
LLS2A222MELB
LLS2A272MELA
LLS2A272MELB
LLS2A272MELC
LLS2A332MELA
LLS2A332MELB
LLS2A332MELC
LLS2A392MELB
LLS2A392MELC
LLS2A472MELB
LLS2A472MELC
LLS2A562MELC
LLS2A682MELC
100V (2A)
Rated
ripple
(mA)
tan
δ
Leakage
Current
(mA)
Code
Size
φD × L(mm)
Cap.
(µF)
Code
Rated Ripple (mArms) at 85°C 120Hz


Similar Part No. - LLS1V682MELA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LLS1V682MELA NICHICON-LLS1V682MELA Datasheet
76Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LLS1V682MELA NICHICON-LLS1V682MELA Datasheet
76Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LLS1V682MELA NICHICON-LLS1V682MELA Datasheet
71Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LLS1V682MELA NICHICON-LLS1V682MELA Datasheet
102Kb / 6P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LLS1V682MELA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com