Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNT1C104SEG Datasheet(PDF) 2 Page - Nichicon corporation

Part # LNT1C104SEG
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LNT1C104SEG Datasheet(HTML) 2 Page - Nichicon corporation

  LNT1C104SEG Datasheet HTML 1Page - Nichicon corporation LNT1C104SEG Datasheet HTML 2Page - Nichicon corporation LNT1C104SEG Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CAT.8100V
P
7
Pressure relief vent
Pressure relief vent
A±2
120¡
30¡
Sleeve
Bottom plate
Hexagenal headed bolt
P±2
B
T
U
L+ MAX.
H±1
±1
h
U
S
L+3MAX.
74.4
Sleeve
Resin bushing
Hexagenal headed bolt
120
105
Bottom plate
B4.5
Pressure
relief vent
L+3MAX.
65.7
Sleeve
Resin bushing Hexagenal headed bolt
Bottom plate
120¡
63.5
57.5
Pressure
relief vent
B6.0
Screw terminal type for
φ 51 and larger
Method to mount resin bushing (
φ76.2) (Apply to L=150 or more)
Method to mount resin bushing (
φ90) (Apply to L=150 or more)
Dimension of terminal pitch (W) and length (
R) and Nominal dia.of bolt
Dimensions of mounting bracket
(mm)
(mm)
P
A
T
S
U
°
H
h
φD
51.5
63.5
76.2
90.5
100.50
W
22.0
28.6
31.8
31.8
41.5
R
6
6
6
6
10
α
3
3
3
3
4
Nominal.of bolt
M5
M5
M5
M5
M8
51
32.5
38.5
7.5
5.0
12
60
20
15
63.5
38.1
43
8.0
5.0
14
60
25
20
76.2
44.5
49.2
7.0
5.0
14
60
30
24
90
50.8
58.5
8.0
5.0
18
60
35
25
100
56.3
62
8.0
5.0
16
60
36
30
51
33.2
40
6.0
4.5
14
30
25
15
63.5
40.5
46.5
7.0
4.5
14
30
35
20
76.2
46.5
53
6.0
4.5
14
30
35
20
90
53
59
6.0
4.5
14
30
35
20
3-Legs
2-Legs
Symbol
φD
Leg Shape
NT
series
ALUMINUM ELECTROLYTIC CAPACITORS
B
3-leg brackets for
φ90 capacitors have different
hole shapes from the ordinary ones as illustrated
below.
P
7
Dimensions
10000
15000
22000
33000
47000
68000
100000
150000
220000
330000
470000
680000
1000000
1500000
103
153
223
333
473
683
104
154
224
334
474
684
105
155
Cap.(µF)
Code
Case size
φD×L (mm)
Rated ripple
Case size
φD×L (mm)
Rated ripple
Case size
φD×L (mm)
Case size
φD×L (mm)
Rated ripple
Rated ripple
Surge
V(Code)
35
× 80
35
× 100
51
× 80
51
× 100
51
× 120
63.5
× 120
76.2
× 120
90
× 140
90
× 170
90
× 220
100
× 220
13V
10V (1A)
4.8
6.2
6.8
8.6
10.8
13.2
15.8
17.0
18.4
20.1
22.1
35
× 80
35
× 100
51
× 80
51
× 100
51
× 120
63.5
× 120
76.2
× 120
90
× 140
90
× 170
90
× 220
100
× 250
5.2
6.8
7.1
9.6
11.0
14.1
20.6
22.1
24.0
26.1
28.8
35
× 80
35
× 100
51
× 80
51
× 120
63.5
× 100
63.5
× 120
76.2
× 120
90
× 140
90
× 170
90
× 220
100
× 220
35
× 80
35
× 80
35
× 100
51
× 80
51
× 100
51
× 120
63.5
× 120
76.2
× 120
90
× 140
90
× 170
90
× 220
100
× 250
4.9
6.2
8.3
10.2
11.5
13.8
17.0
20.8
22.4
24.2
26.4
4.7
5.1
5.6
7.4
8.4
12.3
13.6
15.1
17.4
21.3
25.4
27.5
20V
16V (1C)
25V (1E)
35V (1V)
32V
44V
Rated Ripple (Arms) at 105°C 120Hz


Similar Part No. - LNT1C104SEG

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LNT1C104MSE NICHICON-LNT1C104MSE Datasheet
86Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LNT1C104SEG

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com