Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPM1V471MPD Datasheet(PDF) 7 Page - Nichicon corporation

Part # UPM1V471MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPM1V471MPD Datasheet(HTML) 7 Page - Nichicon corporation

  UPM1V471MPD Datasheet HTML 1Page - Nichicon corporation UPM1V471MPD Datasheet HTML 2Page - Nichicon corporation UPM1V471MPD Datasheet HTML 3Page - Nichicon corporation UPM1V471MPD Datasheet HTML 4Page - Nichicon corporation UPM1V471MPD Datasheet HTML 5Page - Nichicon corporation UPM1V471MPD Datasheet HTML 6Page - Nichicon corporation UPM1V471MPD Datasheet HTML 7Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
PM
series
Standard ratings
Code
Case size
φD × L
(mm)
Case size
φD × L
(mm)
Impedance (
Ω) MAX.
Impedance (
Ω) MAX.
Rated ripple (mArms)
Rated ripple (mArms)
100 (2A)
6
20°C / 100kHz
20°C / 100kHz
–10°C / 100kHz
–10°C / 100kHz
105°C / 120Hz
105°C / 120Hz
Cap.(µF)
Size code
0.47
0.68
1
1.5
2.2
3.3
4.7
6.8
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
R47
R68
010
1R5
2R2
3R3
4R7
6R8
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 15
6.3
× 15
8
× 11.5
8
× 15
8
× 15
8
× 20
10
× 20
10
× 20
10
× 25
10
× 31.5
10
× 31.5
12.5
× 25
12.5
× 25
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
16
× 40
18
× 35.5
18
× 40
43.0
23.0
17.0
10.0
6.60
4.10
2.80
1.90
1.20
1.00
0.81
0.67
0.55
0.47
0.38
0.33
0.28
0.24
0.21
0.18
0.15
0.13
0.11
0.098
0.087
0.072
0.062
0.053
0.047
0.041
0.036
116.0
62.0
46.0
27.0
18.0
11.0
7.60
5.10
3.20
2.70
2.20
1.80
1.50
1.30
1.00
0.89
0.76
0.65
0.57
0.49
0.41
0.35
0.30
0.26
0.23
0.19
0.17
0.14
0.13
0.11
0.097
17
23
27
35
43
54
68
83
104
150
180
220
275
300
360
490
570
620
795
870
955
1040
1120
1270
1450
1610
1790
2000
2200
2250
2300
8
11
13
17
21
27
34
41
52
57
65
73
122
146
169
202
252
274
326
386
438
519
553
641
730
843
1160
1340
1530
1680
1910
10
× 12.5
10
× 12.5
10
× 15
12.5
× 15
12.5
× 15
12.5
× 15
16
× 15
16
× 15
16
× 15
18
× 15
16
× 20
16
× 25
18
× 20
18
× 25
18
× 31.5
18
× 35.5
0.50
0.42
0.36
0.31
0.27
0.23
0.19
0.17
0.14
0.12
0.11
0.093
0.080
0.070
0.062
0.056
1.40
1.10
0.97
0.84
0.73
0.62
0.51
0.46
0.38
0.32
0.30
0.25
0.22
0.19
0.17
0.15
380
410
500
520
560
605
681
719
793
917
1240
1440
1450
1650
1850
1970
145
166
193
239
258
289
433
475
531
635
706
854
918
1080
1240
1410
105°C /
10kHz ~
200kHz
105°C /
10kHz ~
200kHz
1
2.2
3.3
4.7
10
22
33
47
100
010
2R2
3R3
4R7
100
220
330
470
101
8
× 11.5
8
× 11.5
10
× 12.5
10
× 12.5
10
× 15
12.5
× 20
12.5
× 25
16
× 25
16
× 35.5
19
30
50
57
90
140
175
220
330
2C
Cap.(µF)
Rated Ripple (mArms) at 105°C 120Hz
160
2D
200
2E
250
2F
315
2V
350
2G
400
2W
450
8
× 11.5
8
× 11.5
10
× 12.5
10
× 15
10
× 20
12.5
× 25
16
× 25
16
× 25
18
× 40
19
30
50
60
95
145
180
220
345
10
× 15
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 35.5
18
× 40
Case size
φ D × L (mm)
17
28
48
55
90
135
170
8
× 11.5
10
× 12.5
10
× 15
10
× 15
12.5
× 20
16
× 25
16
× 25
16
× 31.5
18
× 40
19
32
52
60
98
150
180
225
345
8
× 11.5
10
× 12.5
10
× 15
10
× 20
12.5
× 20
16
× 25
16
× 31.5
18
× 35.5
19
32
52
65
98
150
185
235
10
× 12.5
10
× 15
10
× 20
10
× 20
12.5
× 25
16
× 25
16
× 35.5
18
× 40
21
34
54
65
100
150
190
240
10
× 12.5
10
× 15
10
× 20
12.5
× 20
12.5
× 25
16
× 31.5
18
× 35.5
17
28
47
55
85
130
170
V(Code)
V(Code)
In case of low profile type,
will be put at 12th digit of type numbering system.
6
Item
Code
CAT.8100V-1


Similar Part No. - UPM1V471MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UPM1V470MED NICHICON-UPM1V470MED Datasheet
468Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPM1V471MPD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com