Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL-5115 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # FL-5115
Description  1550 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

FL-5115 Datasheet(HTML) 1 Page - Optoway Technology Inc

  FL-5115 Datasheet HTML 1Page - Optoway Technology Inc FL-5115 Datasheet HTML 2Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Optoway
FL-5100
********************************************************************************************************************************************************
********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/1/2003 V1.1
1550 nm LASER DIODES
FL-5100 SERIES
UNCOOLED MQW-FP LASER DIODES
*******************************************************************************************************************************************************
FEATURES
² 1550 nm typical emission wavelength
² High reliability, long operation life
² Build-in InGaAs monitor
² Complies with Bellcore TA-NWT-000983
² Flat Window Cap Package (FL-510X)
² Ball Lens Cap Package (FL-511X)
² Aspherical Lens Cap Package (FL-512X)
APPLICATION
Optical communication system
DESCRIPTION
FL-5100 series are MQW-FP laser diodes that provide a durable, single transverse mode oscillation with
emission wavelength of 1550 nm.
FL-5100 series are hermetically sealed devices with the build-in
photodiode for output monitoring.
ELECTRICAL AND OPTICAL CHARACTERISTICS
(TC=25 °C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ith
Threshold Current
CW
12
15
mA
VOP
Operating Voltage
CW, Po=5mW
1.2
1.5
V
η
Slope Efficiency
Part No.: FL-510X
FL-511X
FL-512X
CW, Po=5mW
0.2
0.15
0.15
0.25
0.2
0.2
mW/mA
λc
Center Wavelength
CW, Po=5mW
1520
1550
1580
nm
Δλ
Spectral Width
CW, Po=5mW, RMS (σ)
3
nm
θ
Beam Divergence
(Parallel)
CW, Po=5mW,Flat Window
20
deg.
θ⊥
Beam Divergence
(Perpendicular) CW, Po=5mW,Flat Window
35
deg.
t r, t f
Rise And Fall Times
IF=Ith, Po=5mW,10~ 90%
0.3
ns
Im
PD Monitor Current
CW, Po=5mW,VRD=1V
100
μA
ID
PD Dark Current
VRD=5V
0.1
μA
Ct
PD Capacitance
V
RD=5V, f=1MHz
10
15
pF
Pf
Fiber Coupled Power
Part No.: FL-511X
FL-512X
CW, Ith+20mA , SM fiber
0.4
1.5
0.6
mW


Similar Part No. - FL-5115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FL-5115 ETC1-FL-5115 Datasheet
108Kb / 2P
   1550 nm LASER DIODES
FL-5115S ETC1-FL-5115S Datasheet
108Kb / 2P
   1550 nm LASER DIODES
More results

Similar Description - FL-5115

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
FL-3100 OPTOWAY-FL-3100 Datasheet
113Kb / 2P
   1310 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
FL-5340 OPTOWAY-FL-5340 Datasheet
92Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-5540 OPTOWAY-FL-5540 Datasheet
114Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-5500 OPTOWAY-FL-5500 Datasheet
133Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
FL-5300 OPTOWAY-FL-5300 Datasheet
101Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-5300 OPTOWAY-FL-5300_09 Datasheet
128Kb / 4P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-5500 OPTOWAY-FL-5500_09 Datasheet
93Kb / 5P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
logo
Mitsubishi Electric Sem...
ML7XX8 MITSUBISHI-ML7XX8 Datasheet
163Kb / 3P
   InGaAsP-MQW-FP LASER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com