Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LESDA5V3LT1G Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LESDA5V3LT1G
Description  Dual transil array for ESD protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LESDA5V3LT1G Datasheet(HTML) 6 Page - Leshan Radio Company

  LESDA5V3LT1G Datasheet HTML 1Page - Leshan Radio Company LESDA5V3LT1G Datasheet HTML 2Page - Leshan Radio Company LESDA5V3LT1G Datasheet HTML 3Page - Leshan Radio Company LESDA5V3LT1G Datasheet HTML 4Page - Leshan Radio Company LESDA5V3LT1G Datasheet HTML 5Page - Leshan Radio Company LESDA5V3LT1G Datasheet HTML 6Page - Leshan Radio Company LESDA5V3LT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Reel Dimensions
Metric Dimensions Govern –– English are in parentheses for reference only
EMBOSSED TAPE AND REEL DATA
FOR DISCRETES
A
T Max
Outside Dimension
Measured at Edge
G
Inside Dimension
Measured Near Hub
20.2mm Min
(.795’’)
1.5mm Min
(.06’’)
13.0mm ± 0.5mm
(.512 ±.002’’)
50mm Min
(1.969’’)
Full Radius
Size
A Max
G
T Max
8 mm
330mm
(12.992’’)
8.4mm+1.5mm, -0.0
(.33’’+.059’’, -0.00)
14.4mm
(.56’’)
LESHAN RADIO COMPANY, LTD.
Storage Conditions
Temperature: 5 to 40 Deg.C (20 to 30 Deg. C is preferred)
Humidity: 30 to 80 RH (40 to 60 is preferred )
Recommended Period: One year after manufacturing
(This recommended period is for the soldering condition only. The
characteristics and reliabilities of the products are not restricted to
this limitation)


Similar Part No. - LESDA5V3LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESDA5V6AV5T1G LRC-LESDA5V6AV5T1G Datasheet
324Kb / 5P
   Low Capacitanc Quad Array for ESD Protection
LESDA5V6V5T1G LRC-LESDA5V6V5T1G Datasheet
320Kb / 6P
   Quad Array for ESD Protection
LESDA5VAW6T1G LRC-LESDA5VAW6T1G Datasheet
1Mb / 6P
   Low Capacitance Q uad Array for ESD Protection
More results

Similar Description - LESDA5V3LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD6V8T1G LRC-LESD6V8T1G Datasheet
481Kb / 3P
   Dual transil array for ESD protection
logo
STMicroelectronics
ESDAXXL STMICROELECTRONICS-ESDAXXL Datasheet
60Kb / 6P
   DUAL TRANSIL ARRAY FOR ESD PROTECTION
logo
Leshan Radio Company
LESDA25VLT1G LRC-LESDA25VLT1G Datasheet
729Kb / 7P
   Dual transil array for ESD protection
logo
STMicroelectronics
ESDAL STMICROELECTRONICS-ESDAL Datasheet
201Kb / 11P
   Dual Transil??array for ESD protection
July 2017 Rev 5
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
   TRANSIL ARRAY FOR ESD PROTECTION
ESDA17 STMICROELECTRONICS-ESDA17 Datasheet
40Kb / 5P
   TRANSIL??ARRAY FOR ESD PROTECTION
ESDA25LY STMICROELECTRONICS-ESDA25LY Datasheet
95Kb / 10P
   Automotive dual Transil array for ESD protection
ESDA37W STMICROELECTRONICS-ESDA37W Datasheet
218Kb / 10P
   Dual Transil™ array for ESD protection
Rev 1 October 2017
ESDALY STMICROELECTRONICS-ESDALY Datasheet
205Kb / 10P
   Automotive dual Transil array for ESD protection
February 2012 Rev 1
ESDAXXXP6 STMICROELECTRONICS-ESDAXXXP6 Datasheet
112Kb / 8P
   Transil??array for ESD protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com