Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPM1C102MPD Datasheet(PDF) 6 Page - Nichicon corporation

Part # UPM1C102MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPM1C102MPD Datasheet(HTML) 6 Page - Nichicon corporation

  UPM1C102MPD Datasheet HTML 1Page - Nichicon corporation UPM1C102MPD Datasheet HTML 2Page - Nichicon corporation UPM1C102MPD Datasheet HTML 3Page - Nichicon corporation UPM1C102MPD Datasheet HTML 4Page - Nichicon corporation UPM1C102MPD Datasheet HTML 5Page - Nichicon corporation UPM1C102MPD Datasheet HTML 6Page - Nichicon corporation UPM1C102MPD Datasheet HTML 7Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Standard ratings
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
..5
× 11
..5
× 11
6.3
× 11.
6.3
× 11.
6.3
× 11.
6.3
× 11.
6.3
× 15.
6.3
× 15.
.....8
× 11.5
..8
× 15
..8
× 15
..8
× 20
10
× 20
10
× 20
10
× 25
...10
× 31.5
12.5
× 20...
12.5
× 25...
12.5
× 25...
12.5
× 31.5
12.5
× 35.5
12.5
× 40...
...16
× 31.5
...16
× 35.5
16
× 40
18
× 40
1.06
0.93
0.73
0.63
0.52
0.43
0.35
0.30
0.25
0.21
0.17
0.15
0.12
0.10
0.090
0.075
0.065
0.055
0.049
0.043
0.039
0.035
0.032
0.029
0.027
0.025
2.12
1.86
1.46
1.26
1.04
0.86
0.70
0.60
0.50
0.42
0.34
0.30
0.24
0.20
0.18
0.15
0.13
0.11
0.098
0.086
0.078
0.070
0.064
0.058
0.054
0.050
135
145
185
195
215
240
305
330
365
450
500
600
750
820
950
1110
1140
1340
1420
1620
1780
1950
2050
2220
2370
2510
67
72
92
100
110
130
170
190
215
275
315
385
495
555
665
790
835
1000
1090
1260
1420
1580
1700
1880
2050
2210
...10
× 12.5
...10
× 12.5
10
× 15
12.5
× 15...
12.5
× 15...
12.5
× 15...
16
× 15
16
× 15
18
× 15
18
× 15
16
× 20
16
× 25
18
× 20
18
× 25
...18
× 31.5
...18
× 35.5
0.23
0.19
0.16
0.14
0.12
0.095
0.080
0.070
0.060
0.050
0.047
0.042
0.039
0.035
0.032
0.029
0.46
0.38
0.32
0.28
0.24
0.19
0.16
0.14
0.12
0.10
0.094
0.084
0.078
0.070
0.064
0.058
450
495
580
695
750
845
1050
1120
1290
1410
1500
1700
1730
1940
2110
2280
275
310
375
460
510
590
750
820
965
1080
1170
1350
1400
1610
1780
1970
63 (1J)
Case size
φ D × L
(mm)
Impedance (
Ω) MAX.
20°C / 100kHz – 10°C / 100kHz
Rated ripple (mArms)
105°C /
10kHz~
200kHz
105°C / 120Hz
Case size
φ D × L
(mm)
Impedance (
Ω) MAX.
20°C / 100kHz – 10°C / 100kHz
Rated ripple (mArms)
105°C /
10kHz~
200kHz
105°C / 120Hz
6
Code
V(Code)
Cap.(µF)
I tem
Size code
V(Code)
Code
Case size
φ D × L
(mm)
Case size
φ D × L
(mm)
Impedance (
Ω) MAX.
Impedance (
Ω) MAX.
Rated ripple (mArms)
Rated ripple (mArms)
80 (1K)
6
20°C / 100kHz
20°C / 100kHz
–10°C / 100kHz
–10°C / 100kHz
105°C / 120Hz
105°C / 120Hz
Cap.(µF)
Item
Size code
4.7
6.8
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
4R7
6R8
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 15
6.3
× 15
8
× 11.5
8
× 15
8
× 15
8
× 20
10
× 20
10
× 20
10
× 25
10
× 31.5
10
× 31.5
12.5
× 25
12.5
× 31.5
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
16
× 40
18
× 35.5
18
× 40
4.20
2.60
1.70
1.40
1.20
1.00
0.77
0.63
0.53
0.46
0.39
0.34
0.28
0.25
0.21
0.18
0.15
0.13
0.12
0.10
0.088
0.078
0.069
0.062
0.055
0.049
0.044
11.00
7.00
4.60
3.80
3.20
2.70
2.10
1.70
1.40
1.20
1.10
0.92
0.76
0.68
0.57
0.49
0.41
0.35
0.32
0.27
0.24
0.21
0.19
0.17
0.15
0.13
0.12
53
68
87
96
104
150
180
220
275
300
360
490
570
620
795
870
955
1040
1160
1270
1450
1610
1790
2000
2200
2250
2370
26
34
43
48
52
58
71
80
132
156
175
208
264
284
347
406
459
520
595
667
767
822
1150
1300
1470
1590
1790
10
× 12.5
10
× 12.5
10
× 15
12.5
× 15
12.5
× 15
12.5
× 15
16
× 15
16
× 15
16
× 15
18
× 15
16
× 20
16
× 25
18
× 20
18
× 25
18
× 31.5
18
× 31.5
0.49
0.42
0.36
0.31
0.27
0.23
0.20
0.18
0.15
0.13
0.11
0.099
0.089
0.080
0.072
0.065
1.30
1.10
0.97
0.84
0.73
0.62
0.54
0.47
0.41
0.35
0.30
0.27
0.24
0.22
0.19
0.18
380
410
500
520
560
605
663
699
766
881
1240
1440
1450
1650
1750
1850
155
174
202
249
273
308
444
484
543
643
742
874
908
1060
1210
1300
105°C /
10kHz ~
200kHz
105°C /
10kHz ~
200kHz
In case of low profile type,
will be put at 12th digit of type numbering system.
6
PM
series
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100V-1


Similar Part No. - UPM1C102MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UPM1C101MED NICHICON-UPM1C101MED Datasheet
131Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPM1C101MED1TA NICHICON-UPM1C101MED1TA Datasheet
131Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPM1C101MED1TD NICHICON-UPM1C101MED1TD Datasheet
131Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPM1C101MEH NICHICON-UPM1C101MEH Datasheet
131Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPM1C102MPD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com