Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP14NF10 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP14NF10
Description  N-channel 100V - 0.115廓 - 15A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP14NF10 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP14NF10 Datasheet HTML 2Page - STMicroelectronics STP14NF10 Datasheet HTML 3Page - STMicroelectronics STP14NF10 Datasheet HTML 4Page - STMicroelectronics STP14NF10 Datasheet HTML 5Page - STMicroelectronics STP14NF10 Datasheet HTML 6Page - STMicroelectronics STP14NF10 Datasheet HTML 7Page - STMicroelectronics STP14NF10 Datasheet HTML 8Page - STMicroelectronics STP14NF10 Datasheet HTML 9Page - STMicroelectronics STP14NF10 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STB14NF10 - STP14NF10 - STP14NF10FP
6/16
2.1
Electrical characteristics (curves)
Figure 1.
Safe operating area for TO-
220/D2PAK
Figure 2.
Thermal impedance for TO-
220/D2PAK
Figure 3.
Safe operating area for TO-220FP
Figure 4.
Thermal impedance for TO-220FP
Figure 5.
Output characterisics
Figure 6.
Transfer characteristics


Similar Part No. - STP14NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP14NF10 STMICROELECTRONICS-STP14NF10 Datasheet
464Kb / 11P
   N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
June 2002
STP14NF10 STMICROELECTRONICS-STP14NF10 Datasheet
247Kb / 8P
   N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET??POWER MOSFET
logo
VBsemi Electronics Co.,...
STP14NF10 VBSEMI-STP14NF10 Datasheet
939Kb / 7P
   N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
STP14NF10 ISC-STP14NF10 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP14NF10FP STMICROELECTRONICS-STP14NF10FP Datasheet
464Kb / 11P
   N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
June 2002
More results

Similar Description - STP14NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB14NF10 STMICROELECTRONICS-STB14NF10 Datasheet
464Kb / 11P
   N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
June 2002
STB30NF10 STMICROELECTRONICS-STB30NF10_06 Datasheet
510Kb / 16P
   N-channel 100V - 0.038廓 - 35A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
STB35NF10 STMICROELECTRONICS-STB35NF10_06 Datasheet
427Kb / 14P
   N-channel 100V - 0.030廓 - 40A - D2PAK/TO-220 Low gate charge STripFET??II Power MOSFET
IRF530 STMICROELECTRONICS-IRF530 Datasheet
281Kb / 3P
   N-CHANNEL 100V - 0.115 W - 14A TO-220 LOW GATE CHARGE STripFET??II POWER MOSFET
June 1988
STB30NF10 STMICROELECTRONICS-STB30NF10 Datasheet
455Kb / 11P
   N-CHANNEL 100V - 0.038 ohm - 35A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
IRF540 STMICROELECTRONICS-IRF540_03 Datasheet
311Kb / 8P
   N-CHANNEL 100V - 0.055廓 - 22A TO-220 LOW GATE CHARGE STripFET??II POWER MOSFET
STP40NF10 STMICROELECTRONICS-STP40NF10 Datasheet
479Kb / 11P
   N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
STP40NF20 STMICROELECTRONICS-STP40NF20 Datasheet
480Kb / 17P
   N-channel 200V - 0.038廓 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET??Power MOSFET
STB24NF10 STMICROELECTRONICS-STB24NF10_06 Datasheet
421Kb / 14P
   N-channel 100V - 0.0055OHM - 26A - TO-220 - D2PAK Low gate charge STripFET TM II Power MOSFET
STB80NF10 STMICROELECTRONICS-STB80NF10 Datasheet
317Kb / 14P
   N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com