Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGN2G391MELB40 Datasheet(PDF) 4 Page - Nichicon corporation

Part # LGN2G391MELB40
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGN2G391MELB40 Datasheet(HTML) 4 Page - Nichicon corporation

  LGN2G391MELB40 Datasheet HTML 1Page - Nichicon corporation LGN2G391MELB40 Datasheet HTML 2Page - Nichicon corporation LGN2G391MELB40 Datasheet HTML 3Page - Nichicon corporation LGN2G391MELB40 Datasheet HTML 4Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CAT.8100V
56
68
82
100
120
150
180
220
270
330
390
470
560
20
× 25
20
× 25
20
× 30
22
× 25
20
× 35
22
× 30
25
× 25
22
× 35
25
× 30
20
× 45
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
25
× 40
30
× 30
35
× 25
25
× 50
30
× 35
35
× 30
30
× 40
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
440
500
640
640
690
690
690
720
720
790
790
790
790
870
870
870
1050
1050
1050
1230
1230
1230
1380
1380
1610
1610
1780
1990
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.47
0.52
0.57
0.57
0.63
0.63
0.63
0.69
0.69
0.77
0.77
0.77
0.77
0.85
0.85
0.85
0.94
0.94
0.94
1.04
1.04
1.04
1.15
1.15
1.25
1.25
1.37
1.50
LGN2W560MELY25
LGN2W680MELY25
LGN2W820MELY30
LGN2W820MELZ25
LGN2W101MELY35
LGN2W101MELZ30
LGN2W101MELA25
LGN2W121MELZ35
LGN2W121MELA30
LGN2W151MELY45
LGN2W151MELZ40
LGN2W151MELA30
LGN2W151MELB25
LGN2W181MELZ45
LGN2W181MELA35
LGN2W181MELB30
LGN2W221MELA40
LGN2W221MELB30
LGN2W221MELC25
LGN2W271MELA50
LGN2W271MELB35
LGN2W271MELC30
LGN2W331MELB40
LGN2W331MELC35
LGN2W391MELB50
LGN2W391MELC40
LGN2W471MELC45
LGN2W561MELC50
450V (2W)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)
Frequency coefficient of rated ripple current
Frequency (Hz)
160~250V
350~450V
50
60
120
300
1k
10k
50k~
0.81
0.85
1.00
1.17
1.32
1.45
1.50
0.77
0.82
1.00
1.16
1.30
1.41
1.43
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
GN
series
Rated Ripple (mArms) at 105°C 120Hz


Similar Part No. - LGN2G391MELB40

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LGN2X101MELB40 NICHICON-LGN2X101MELB40 Datasheet
1Mb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGN2X101MELC30 NICHICON-LGN2X101MELC30 Datasheet
1Mb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGN2X121MELB45 NICHICON-LGN2X121MELB45 Datasheet
1Mb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGN2X121MELC35 NICHICON-LGN2X121MELC35 Datasheet
1Mb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGN2X151MELB50 NICHICON-LGN2X151MELB50 Datasheet
1Mb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LGN2G391MELB40

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com