Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1235 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT1235
Description  High Efficiency White LED Drivers for Backlight and Keypad
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1235 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT1235 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1235 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1235 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1235 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1235 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1235 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1235 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1235 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1235 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Typical Characteristics
Soft Start Operation
(All Channels = 20mA)
Time (200µs/div)
EN/SET (V)
VOUT (V)
IINDUCTOR (A)
0
10
20
0
0.5
0
2
Low Side Switch On Resistance
vs. Supply Voltage and Temperature
Supply Voltage (V)
40
60
80
100
120
140
160
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
+120
°C
+100
°C
+25
°C
+85
°C
Input Disconnect Switch Resistance vs.
Supply Voltage and Temperature
Supply Voltage (V)
140
160
180
200
220
240
260
280
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
+120
°C
+100
°C
+85
°C
+25
°C
Enable Threshold High vs.
Supply Voltage and Temperature
Supply Voltage (V)
0.7
0.8
0.9
1.0
1.1
1.2
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
+85°C
-40°C
25°C
Enable Threshold Low vs.
Supply Voltage and Temperature
Supply Voltage (V)
0.6
0.7
0.8
0.9
1.0
1.1
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
+85
°C
-40
°C
25
°C
Line Transient
(All Channels = 20mA)
Time (50µs/div)
3.0
3.5
4.0
4.5
13.8
13.9
14.0
14.1
14.2
AAT1235
High Efficiency White LED Drivers
for Backlight and Keypad
1235.2007.02.1.1
7


Similar Part No. - AAT1235

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1230 ANALOGICTECH-AAT1230 Datasheet
492Kb / 21P
   18V 100mA Step-Up Converter
AAT1230 ANALOGICTECH-AAT1230 Datasheet
604Kb / 21P
   18V 100mA Step-Up Converter
logo
Skyworks Solutions Inc.
AAT1230 SKYWORKS-AAT1230 Datasheet
1Mb / 21P
   18V, 100mA Step-Up Converter
June 12, 2012
logo
Advanced Analogic Techn...
AAT1230-1 ANALOGICTECH-AAT1230-1 Datasheet
604Kb / 21P
   18V 100mA Step-Up Converter
AAT1230-1 ANALOGICTECH-AAT1230-1 Datasheet
458Kb / 21P
   18V 100mA Step-Up Converter
More results

Similar Description - AAT1235

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1236 AAT-AAT1236 Datasheet
1,016Kb / 24P
   High Efficiency White LED Drivers for Backlight and Keypad
logo
Sanken electric
BL0202B SANKEN-BL0202B Datasheet
632Kb / 26P
   High Efficiency For LED Backlight
logo
Maxim Integrated Produc...
MAX1984 MAXIM-MAX1984 Datasheet
333Kb / 17P
   Ultra-High-Efficiency White LED Drivers
19-2761; Rev 0; 1/03
logo
Sanken electric
BL0100A SANKEN-BL0100A Datasheet
449Kb / 19P
   High Efficiency For LED Backlight
BL0202C SANKEN-BL0202C Datasheet
631Kb / 26P
   High Efficiency For LED Backlight
logo
Texas Instruments
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI1-LP8556_16 Datasheet
1Mb / 63P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com