Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1235IRN-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT1235IRN-T1
Description  High Efficiency White LED Drivers for Backlight and Keypad
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1235IRN-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT1235IRN-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1235IRN-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1235IRN-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1235IRN-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1235IRN-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1235IRN-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1235IRN-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1235IRN-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1235IRN-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical Characteristics1
VIN = 3.6V; CIN = 2.2µF;TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max Units
Power Supply
VIN
Input Voltage Range
2.7
5.5
V
VOUT(MAX)
Maximum Output Voltage
24
V
VIN Rising
2.7
V
VUVLO
UVLO Threshold
Hysteresis
150
mV
VIN Falling
1.8
V
B1 = B2 = A1 = A2 = A3 = 1.2V,
ICC
Operating Current (No Switching)
2mA Setting, RSET = 226kΩ
300
µA
ISHDN(MAX)
IN Pin Shutdown Current
EN = GND
1.0
µA
IOX
Maximum Continuous Output Current
VO = 24V
100
mA
IDX
Current Sink Accuracy
RSET = 22.6kΩ
18
20
22
mA
IDX-Matching
Current Matching Between Any
RSET = 22.6kΩ,2
5
%
Sink Channels
A1 = A2 = A3 = B1 = B2 = 0.4V
TSS
Soft-Start Time
From Enable to Output
300
µs
Regulation; VFB = 300mV
VOV
OVP Threshold Voltage
VOUT Rising
1.1
1.2
1.3
V
OVP Threshold Hysteresis
100
mV
RDS(ON)N
Low Side Switch On Resistance
IOUT = 100mA
80
m
Ω
RDS(ON)IN
Input Disconnect Switch
IOUT = 100mA
200
m
Ω
ISET
Current Set Ratio
ISINK/IRSET, VRSET = 0.6V
760
A/A
ILIMIT
Input Switch Current Limit
1.2
A
EN/SET Input
VEN(L)
Enable Threshold Low
0.4
V
VEN(H)
Enable Threshold High
1.4
V
TEN/SET LO
EN/SET Low Time
0.3
75
µs
TEN/SET HI
EN/SET High Time
75
µs
TOFF
EN/SET Off Timeout
500
µs
TLAT
EN/SET Latch Timeout
500
µs
IEN/SET
EN/SET Input Leakage
VEN/SET = VIN = 5V
-1
1
µA
Thermal Protection
TJ-TH
TJ Thermal Shutdown Threshold
140
°C
TJ-HYS
TJ Thermal Shutdown Hysteresis
15
°C
AAT1235
High Efficiency White LED Drivers
for Backlight and Keypad
4
1235.2007.02.1.1
1. The AAT1235 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range is assured by
design, characterization, and correlation with statistical process controls.


Similar Part No. - AAT1235IRN-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1230 ANALOGICTECH-AAT1230 Datasheet
492Kb / 21P
   18V 100mA Step-Up Converter
AAT1230 ANALOGICTECH-AAT1230 Datasheet
604Kb / 21P
   18V 100mA Step-Up Converter
logo
Skyworks Solutions Inc.
AAT1230 SKYWORKS-AAT1230 Datasheet
1Mb / 21P
   18V, 100mA Step-Up Converter
June 12, 2012
logo
Advanced Analogic Techn...
AAT1230-1 ANALOGICTECH-AAT1230-1 Datasheet
604Kb / 21P
   18V 100mA Step-Up Converter
AAT1230-1 ANALOGICTECH-AAT1230-1 Datasheet
458Kb / 21P
   18V 100mA Step-Up Converter
More results

Similar Description - AAT1235IRN-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1236 AAT-AAT1236 Datasheet
1,016Kb / 24P
   High Efficiency White LED Drivers for Backlight and Keypad
logo
Sanken electric
BL0202B SANKEN-BL0202B Datasheet
632Kb / 26P
   High Efficiency For LED Backlight
logo
Maxim Integrated Produc...
MAX1984 MAXIM-MAX1984 Datasheet
333Kb / 17P
   Ultra-High-Efficiency White LED Drivers
19-2761; Rev 0; 1/03
logo
Sanken electric
BL0100A SANKEN-BL0100A Datasheet
449Kb / 19P
   High Efficiency For LED Backlight
BL0202C SANKEN-BL0202C Datasheet
631Kb / 26P
   High Efficiency For LED Backlight
logo
Texas Instruments
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI1-LP8556_16 Datasheet
1Mb / 63P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com